Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMXADC9225NZG Datasheet(PDF) 7 Page - Honeywell Solid State Electronics Center

Part # HMXADC9225NZG
Description  Radiation Hardened 12-Bit, 20 MSPS Monolithic A/D Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HMXADC9225NZG Datasheet(HTML) 7 Page - Honeywell Solid State Electronics Center

Back Button HMXADC9225NZG Datasheet HTML 3Page - Honeywell Solid State Electronics Center HMXADC9225NZG Datasheet HTML 4Page - Honeywell Solid State Electronics Center HMXADC9225NZG Datasheet HTML 5Page - Honeywell Solid State Electronics Center HMXADC9225NZG Datasheet HTML 6Page - Honeywell Solid State Electronics Center HMXADC9225NZG Datasheet HTML 7Page - Honeywell Solid State Electronics Center HMXADC9225NZG Datasheet HTML 8Page - Honeywell Solid State Electronics Center HMXADC9225NZG Datasheet HTML 9Page - Honeywell Solid State Electronics Center HMXADC9225NZG Datasheet HTML 10Page - Honeywell Solid State Electronics Center HMXADC9225NZG Datasheet HTML 11Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
HMXADC9225
7
www.honeywell.com/microelectronics
DIGITAL SPECIFICATIONS (AVDD = +5V, DRVDD = +5V, unless otherwise noted)
Parameter
Symbol
Min
Typ
Max
Units
LOGIC INPUTS (CLK, OE)
High Level Input Voltage (DRVDD = +5V)
VIH_50
3.5
V
High Level Input Voltage (DRVDD =+3.3V)
VIH_33
2.3
V
Low Level Input Voltage (DRVDD = +5V)
VIL_50
1.0
V
Low Level Input Voltage (DRVDD = +3.3V)
VIL_33
1.0
V
High Level Input Current (DRVDD=5V, VIN=5V)
IIH_50
-10
10
µA
Low Level Input Current (DRVDD=5V, VIN=0V)
IIL_50
-10
10
µA
High Level Input Current (DRVDD=3.3V, VIN=3.3V)
IIH_33
-10
10
µA
Low Level Input Current (DRVDD=3.3V, VIN=0V)
IIL_33
-10
10
µA
Input Capacitance (1)
CIN
5
pF
LOGIC OUTPUTS (D1-D12 with DRVDD = +5V)
High Level Output Voltage(IOH = 50µA)
VOH1_50
4.5
V
High Level Output Voltage(IOH = 0.5mA)
VOH2_50
2.4
V
Low Level Output Voltage(IOL = 1.6mA)
VOL2_50
0.4
V
Low Level Output Voltage(IOL = 50µA)
VOL1_50
0.1
V
High Z Output Current (DRVDD=5V, OE=0V, VOUT=5V)
IOZH_50
-10
10
µA
High Z Output Current (DRVDD=5V, OE=0v, VOUT=0V)
IOZL_50
-10
10
µA
LOGIC OUTPUTS (D1-D12 with DRVDD = +3.3V)
High Level Output Voltage(IOH = 50µA)
VOH1_33
2.95
V
High Level Output Voltage(IOH = 0.5mA)
VOH2_33
2.80
V
Low Level Output Voltage(IOL = 1.6mA)
VOL2_33
0.4
V
Low Level Output Voltage(IOL = 50µA)
VOL1_33
0.05
V
High Z Output Current (DRVDD=3.3V, VOE=0V,
VOUT=3.3V)
IOZH_33
-10
10
µA
High Z Output Current (DRVDD=3.3V, VOE=0V,
VOUT=0V)
IOZL_33
-10
10
µA
Output Capacitance (1)
COUT
5
pF
(1) Guaranteed but not tested.
DEFINITIONS OF SPECIFICATIONS
INTEGRAL NONLINEARITY (INL)
INL refers to the deviation of each individual code from
a line drawn from “negative full scale” through “positive
full scale.” The point used as “negative full scale”
occurs 1/2 LSB before the first code transition. “Positive
full scale” is defined as a level 1 1/2 LSB beyond the
last code transition. The deviation is measured from the
middle of each particular code to the true straight line.
DIFFERENTIAL NONLINEARITY
(DNL, NO MISSING CODES)
An ideal ADC exhibits code transitions that are exactly
1 LSB apart. DNL is the deviation from this ideal value.
Guaranteed no missing codes to 12-bit resolution
indicate that all 4096 codes, respectively, must be
present over all operating ranges.
ZERO ERROR
The major carry transition should occur for an analog
value 1/2 LSB below VINA = VINB. Zero error is
defined as the deviation of the actual transition from
that point.
GAIN ERROR
The first code transition should occur at an analog
value 1/2 LSB above negative full scale. The last
transition should occur at an analog value 1 1/2 LSB
below the nominal full scale.
Gain error is the deviation of the actual difference
between first and last code transitions and the ideal
difference between first and last code transitions.
TEMPERATURE DRIFT
The temperature drift for zero error and gain error
specifies the maximum change from the initial (+25°C)
value to the value at TMIN or TMAX.
APERTURE JITTER
Aperture jitter is the variation in aperture delay for
successive samples and is manifested as noise on the
input to the A/D.
APERTURE DELAY
Aperture delay is a measure of the sample-and-hold
amplifier (SHA) performance and is measured from the
rising edge of the clock input to when the input signal is
held for conversion.


Similar Part No. - HMXADC9225NZG

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
HMX EATON-HMX Datasheet
483Kb / 1P
   Fuse holder
November 2022
HMX-111 EATON-HMX-111 Datasheet
483Kb / 1P
   Fuse holder
November 2022
logo
ATGBICS by Approved Tec...
HMX-MM-10G-SFP-C ATGBICS-HMX-MM-10G-SFP-C Datasheet
375Kb / 10P
   HMX-MM-10G-SFP Vertiv Avocent Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
HMX-SM-10G-SFP-C ATGBICS-HMX-SM-10G-SFP-C Datasheet
366Kb / 10P
   HMX-SM-10G-SFP Vertiv Avocent Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
logo
Hi-Sincerity Mocroelect...
HMX1225 HSMC-HMX1225 Datasheet
22Kb / 2P
   0.8A 300/380 VOLTAGE SCRS IGT<200uA
More results

Similar Description - HMXADC9225NZG

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9022 AD-AD9022_15 Datasheet
411Kb / 12P
   12-Bit 20 MSPS Monolithic A/D Converter
REV. A
AD9022 AD-AD9022 Datasheet
240Kb / 12P
   12-Bit 20 MSPS Monolithic A/D Converter
REV. B
AD9034 AD-AD9034_15 Datasheet
1Mb / 11P
   12 BIT 20 MSPS A/D CONVERTER
REV. 0
logo
Texas Instruments
ADC128S102QML-SP_017 TI1-ADC128S102QML-SP_017 Datasheet
690Kb / 30P
[Old version datasheet]   Radiation Hardened 8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
logo
Analog Devices
AD9042 AD-AD9042 Datasheet
488Kb / 24P
   12-Bit, 41 MSPS Monolithic A/D Converter
REV. A
logo
Texas Instruments
ADC128S102QML-SP TI1-ADC128S102QML-SP_17 Datasheet
799Kb / 32P
[Old version datasheet]   Radiation Hardened 8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
logo
Analog Devices
AD773A AD-AD773A_15 Datasheet
4Mb / 14P
   10 BIT 20 MSPS MONOLITHIC A/D CONVERTER
REV. 0
AD773A AD-AD773A Datasheet
223Kb / 16P
   10-Bit, 20 MSPS Monolithic A/D Converter
REV. 0
logo
Cadeka Microcircuits LL...
SPT7921 CADEKA-SPT7921 Datasheet
187Kb / 11P
   12-BIT, 20 MSPS, TTL, A/D CONVERTER
logo
National Semiconductor ...
CLC5956 NSC-CLC5956 Datasheet
391Kb / 10P
   12-bit, 65 MSPS Broadband Monolithic A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com