Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JE91I6HR4 Datasheet(PDF) 5 Page - Hongfa Technology

Part # JE91I6HR4
Description  HIGH POWER LATCHING RELAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

JE91I6HR4 Datasheet(HTML) 5 Page - Hongfa Technology

  JE91I6HR4 Datasheet HTML 1Page - Hongfa Technology JE91I6HR4 Datasheet HTML 2Page - Hongfa Technology JE91I6HR4 Datasheet HTML 3Page - Hongfa Technology JE91I6HR4 Datasheet HTML 4Page - Hongfa Technology JE91I6HR4 Datasheet HTML 5Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Ebl\eZbf^k
Tabl ]ZmZla^^m bl _hk ma^ \nlmhf^klx k^_^k^g\^3 Bee ma^ li^\b_b\Zmbhgl Zk^ ln[c^\m mh \aZg`^ pbmahnm ghmb\^3
W^ \hne] ghm ^oZenZm^ Zee ma^ i^k_hkfZg\^ Zg] Zee ma^ iZkZf^m^kl _hk ^o^kr ihllb[e^ Ziieb\Zmbhg3 Tanl ma^ nl^k lahne] [^ bg Z kb`am ihlbmbhg mh
\ahhl^ ma^ lnbmZ[e^ ikh]n\m _hk ma^bk hpg Ziieb\Zmbhg3 J_ ma^k^ bl Zgr jn^kr1 ie^Zl^ \hgmZ\m Ihg`_Z _hk ma^ m^\agb\Ze l^kob\^3 Ihp^o^k1 bm bl ma^ nl^kxl
k^lihglb[bebmr mh ]^m^kfbg^ pab\a ikh]n\m lahne] [^ nl^] hger3
t XbZf^g Ihg`_Z Fe^\mkhZ\hnlmb\ Dh31 Lm]3 Bee kb`aml h_ Ihg`_Z Zk^ k^l^ko^]3
7;9
DZ^UOQ
63 R^eZr bl hg ma^ yl^mz lmZmnl pa^g [^bg` k^e^Zl^] _khf lmh\d1 pbma ma^ \hglb]^kZmbhg h_ lah\d kbl^g _khf mkZglbm Zg] k^eZr fhngmbg`1 k^eZr phne] [^
\aZg`^] mh yk^l^mz lmZmnl1 ma^k^_hk^1 pa^g Ziieb\Zmbhg / \hgg^\mbg` ma^ ihp^k lniier01 ie^Zl^ k^l^m ma^ k^eZr mh yl^mz hk yk^l^mz lmZmnl hg k^jn^lm3
73 Jg hk]^k mh fZbgmZbg yl^mz hk yk^l^mz lmZmnl1 ^g^k`bs^] ohemZ`^ mh \hbe lahne] k^Z\a ma^ kZm^] ohemZ`^1 bfinel^ pb]ma lahne] [^ : mbf^l fhk^ maZg
yl^mz hk yk^l^mz mbf^3 Eh ghm ^g^k`bs^ ohemZ`^ mh yl^mz \hbe Zg] yk^l^mz \hbe lbfnemZg^hnler3 Bg] Zelh ehg` ^g^k`bs^] mbf^ /fhk^ maZg 6 fbg0 lahne]
[^ Zohb]^]3
83 Ta^ m^kfbgZel h_ k^eZr pbmahnm mpblm^] \hii^k pbk^ \Zg ghm [^ mbg2lhe]^k^]1 \Zg ghm [^ fho^] pbee_neer1 fhk^ ho^k mph m^kfbgZel \Zg ghm [^ _bq^] Zm
ma^ lZf^ mbf^3
Smre^ 5:;kBAw937
Smre^ 5:;26kBAw:37
Smre^ 5<;kBAw937
Smre^ 5<;26kBAw:37
Smre^ 5<<kBAw937
Smre^ 5<<26kBAw:37
Smre^ 5<<27kBAw;37
6:
9
6:
9
68
9
Dhgg^mhk lmre^
Trib\Ze langm \hgg^\mbhg pZrl
DZ^Q]7 W^ \Zg fZd^ li^\bZe \hgg^\mbhg Z\\hk]bg` mh \nlmhkf^k.l k^jnbk^f^gm3
Pe^Zl^ ikhob]^ nl pbma ma^ ]kZpbg`1 Zg] langm li^\b_b\Zmbhg Zg] \hgg^\mhk.l li^\b_b\Zmbbhg3
GQXN\V7 60 Jg \Zl^ h_ gh mhe^kZg\^ lahpg bg hnmebg^ ]bf^glbhg? hnmebg^ ]bf^glbhg g6ff1 mhe^kZg\^ lahne] [^ u537ff@ hnmebg^ ]bf^glbhg l6ff
Zg] g:ff1 mhe^kZg\^ lahne] [^ u538ff@ hnmebg^ ]bf^glbhg l:ff1 mhe^kZg\^ lahne] [^ u539ff3
70 Ta^ mhe^kZg\^ pbmahnm bg]b\Zmbg` _hk PDC eZrhnm bl ZepZrl u536ff3
EJIB@D< ;@C<DH@EDH+ L@G@D> ;@8>G8C 8D; F: 9E8G; B8MEJI
Ugbm? ff
Smre^ h_ fZg`Zgbg langm
DZ^Q]7 Smre^ G6 mh G991ma^ mab\dg^ll h_ langm? aA6 hk aA71 R? k^lblmZg\^ h_ langm [^mp^^g B2Civ 1f65,j
=1./aA61RA99501 =1//aA71RA7750
=10/aA61RA;5501 =11/aA71RA8550
B
C
7>
6
7
6
68
:
;3:
B
C
85
;
93:
6738
7


Similar Description - JE91I6HR4

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFE17 HONGFA-HFE17_15 Datasheet
54Kb / 3P
   HIGH POWER LATCHING RELAY
HFE29 HONGFA-HFE29 Datasheet
60Kb / 3P
   HIGH POWER LATCHING RELAY
JE12 HONGFA-JE12 Datasheet
94Kb / 4P
   HIGH POWER LATCHING RELAY
HFE28 HONGFA-HFE28 Datasheet
72Kb / 3P
   HIGH POWER LATCHING RELAY
HFE25 HONGFA-HFE25 Datasheet
65Kb / 3P
   HIGH POWER LATCHING RELAY
HFE25 HONGFA-HFE25_15 Datasheet
59Kb / 3P
   HIGH POWER LATCHING RELAY
HFE29 HONGFA-HFE29 Datasheet
60Kb / 3P
   HIGH POWER LATCHING RELAY
logo
List of Unclassifed Man...
HF8509 ETC1-HF8509 Datasheet
105Kb / 2P
   HIGH POWER LATCHING RELAY
logo
Hongfa Technology
JE22 HONGFA-JE22 Datasheet
73Kb / 3P
   HIGH POWER LATCHING RELAY
HFE28 HONGFA-HFE28 Datasheet
71Kb / 3P
   HIGH POWER LATCHING RELAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com