Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISP1506ABS Datasheet(PDF) 2 Page - NXP Semiconductors

Part # ISP1506ABS
Description  ULPI Hi-Speed Universal Serial Bus On-The-Go transceiver
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ISP1506ABS Datasheet(HTML) 2 Page - NXP Semiconductors

  ISP1506ABS Datasheet HTML 1Page - NXP Semiconductors ISP1506ABS Datasheet HTML 2Page - NXP Semiconductors ISP1506ABS Datasheet HTML 3Page - NXP Semiconductors ISP1506ABS Datasheet HTML 4Page - NXP Semiconductors ISP1506ABS Datasheet HTML 5Page - NXP Semiconductors ISP1506ABS Datasheet HTML 6Page - NXP Semiconductors ISP1506ABS Datasheet HTML 7Page - NXP Semiconductors ISP1506ABS Datasheet HTML 8Page - NXP Semiconductors ISP1506ABS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 79 page
background image
ISP1506A_ISP1506B_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 30 May 2007
2 of 79
NXP Semiconductors
ISP1506A; ISP1506B
ULPI HS USB OTG transceiver
N Integrated 5 V charge pump; also supports external charge pump or 5 V VBUS
switch
N Complete control over bus resistors
N Data line and VBUS pulsing session request methods
N Integrated VBUS voltage comparators
N Integrated cable (ID) detector
I Highly optimized ULPI-compliant interface
N 60 MHz, 8-bit interface between the core and the transceiver
N Supports 4-bit dual-edge data bus
N Supports 60 MHz output clock configuration
N Integrated Phase-Locked Loop (PLL), supporting one crystal or clock frequency:
19.2 MHz (ISP1506ABS) and 26 MHz (ISP1506BBS)
N Fully programmable ULPI-compliant register set
N Internal Power-On Reset (POR) circuit
I Flexible system integration and very low current consumption, optimized for portable
devices
N Power-supply input range is 3.0 V to 3.6 V
N Internal voltage regulator supplies 3.3 V and 1.8 V
N Charge pump regulator outputs 4.75 V to 5.25 V at a current of up to 50 mA,
tunable using an external capacitor
N Supports interfacing I/O voltage of 1.65 V to 1.95 V; separate I/O voltage pins
minimize crosstalk
N Typical operating current of 10 mA to 48 mA, depending on the USB speed and
bus utilization; not including the charge pump
N Typical suspend current of 35 µA
I Full industrial grade operating temperature range from −40 °C to +85 °C
I 4 kV ElectroStatic Discharge (ESD) protection at pins DP, DM, ID, VBUS and GND
I Available in a small HVQFN24 (4 mm × 4 mm) Restriction of Hazardous Substances
(RoHS) compliant, halogen-free and lead-free package
3.
Applications
I Digital still camera
I Digital TV
I Digital Video Disc (DVD) recorder
I External storage device, for example:
N Zip drive
N Magneto-Optical (MO) drive
N Optical drive: CD-ROM, CD-RW, DVD
I Mobile phone
I MP3 player
I PDA
I Portable Media Player (PMP)
I Printer
I Scanner


Similar Part No. - ISP1506ABS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1506ABS NXP-ISP1506ABS Datasheet
427Kb / 80P
   ULPI Hi-Speed USB OTG transceiver
Rev. 02-28 August 2008
More results

Similar Description - ISP1506ABS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1504A PHILIPS-ISP1504A Datasheet
414Kb / 84P
   ULPI Hi-Speed Universal Serial Bus On-The-Go transceiver
Rev. 01-19 October 2006
ISP1504A1 NXP-ISP1504A1_07 Datasheet
428Kb / 81P
   ULPI Hi-Speed Universal Serial Bus On-The-Go transceiver
Rev. 01-6 August 2007
ISP1507ABS NXP-ISP1507ABS Datasheet
424Kb / 81P
   ULPI Hi-Speed Universal Serial Bus On-The-Go transceiver
Rev. 01-19 May 2008
SAF1508BET NXP-SAF1508BET Datasheet
462Kb / 87P
   ULPI Hi-Speed Universal Serial Bus On-The-Go transceiver
Rev. 2-23 July 2012
logo
List of Unclassifed Man...
ISP1507A ETC2-ISP1507A Datasheet
1Mb / 81P
   ULPI Hi-Speed USB On-The-Go transceiver
logo
NXP Semiconductors
ISP1761BEUM PHILIPS-ISP1761BEUM Datasheet
793Kb / 164P
   Hi-Speed Universal Serial Bus On-The-Go controller
13 March 2008
ISP1761 PHILIPS-ISP1761 Datasheet
724Kb / 158P
   Hi-Speed Universal Serial Bus On-The-Go controller
Rev. 01-12 January 2005
ISP1301 PHILIPS-ISP1301 Datasheet
245Kb / 46P
   Universal Serial Bus On-The-Go transceiver
Rev. 01-14 April 2004
ISP1507DBS NXP-ISP1507DBS Datasheet
378Kb / 74P
   ULPI Hi-Speed Universal Serial Bus host and peripheral transceiver
Rev. 01-28 May 2008
ISP1507C_ISP1507D NXP-ISP1507C_ISP1507D Datasheet
378Kb / 74P
   ULPI Hi-Speed Universal Serial Bus host and peripheral transceiver
Rev. 01-28 May 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com