Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISP1506ABS Datasheet(PDF) 4 Page - NXP Semiconductors

Part # ISP1506ABS
Description  ULPI Hi-Speed Universal Serial Bus On-The-Go transceiver
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ISP1506ABS Datasheet(HTML) 4 Page - NXP Semiconductors

  ISP1506ABS Datasheet HTML 1Page - NXP Semiconductors ISP1506ABS Datasheet HTML 2Page - NXP Semiconductors ISP1506ABS Datasheet HTML 3Page - NXP Semiconductors ISP1506ABS Datasheet HTML 4Page - NXP Semiconductors ISP1506ABS Datasheet HTML 5Page - NXP Semiconductors ISP1506ABS Datasheet HTML 6Page - NXP Semiconductors ISP1506ABS Datasheet HTML 7Page - NXP Semiconductors ISP1506ABS Datasheet HTML 8Page - NXP Semiconductors ISP1506ABS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 79 page
background image
ISP1506A_ISP1506B_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 30 May 2007
4 of 79
NXP Semiconductors
ISP1506A; ISP1506B
ULPI HS USB OTG transceiver
5.
Block diagram
Fig 1.
Block diagram
REGISTER
MAP
ULPI
INTERFACE
CONTROLLER
USB DATA
SERIALIZER
USB DATA
DESERIALIZER
HS USB ATX
DM
STP
DIR
NXT
DATA[3:0]
4
3
4
18
17
16
20, 22,
23, 24
004aaa598
CLOCK
19
TERMINATION
RESISTORS
ID
DETECTOR
VBUS
COMPARATORS
OTG MODULE
SRP CHARGE
AND DISCHARGE
RESISTORS
5 V CHARGE
PUMP SUPPLY
POWER-ON
RESET
PLL
CRYSTAL
OSCILLATOR
VOLTAGE
REGULATOR
BAND GAP
REFERENCE
VOLTAGE
RREF
2
internal power
VCC
9
REG3V3
REG1V8
11
15
RESET_N/
PSW_N
global
reset
global
clocks
XTAL2
XTAL1
12
13
VCC(I/O)
1, 21
interface voltage
DRV VBUS
ID
5
VBUS/
FAULT
10
CPGND
6
8
C_A
C_B
7
ISP1506
14
ULPI
INTERFACE
USB
CABLE
VREF
DP
DRV VBUS external
VBUS valid external


Similar Part No. - ISP1506ABS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1506ABS NXP-ISP1506ABS Datasheet
427Kb / 80P
   ULPI Hi-Speed USB OTG transceiver
Rev. 02-28 August 2008
More results

Similar Description - ISP1506ABS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1504A PHILIPS-ISP1504A Datasheet
414Kb / 84P
   ULPI Hi-Speed Universal Serial Bus On-The-Go transceiver
Rev. 01-19 October 2006
ISP1504A1 NXP-ISP1504A1_07 Datasheet
428Kb / 81P
   ULPI Hi-Speed Universal Serial Bus On-The-Go transceiver
Rev. 01-6 August 2007
ISP1507ABS NXP-ISP1507ABS Datasheet
424Kb / 81P
   ULPI Hi-Speed Universal Serial Bus On-The-Go transceiver
Rev. 01-19 May 2008
SAF1508BET NXP-SAF1508BET Datasheet
462Kb / 87P
   ULPI Hi-Speed Universal Serial Bus On-The-Go transceiver
Rev. 2-23 July 2012
logo
List of Unclassifed Man...
ISP1507A ETC2-ISP1507A Datasheet
1Mb / 81P
   ULPI Hi-Speed USB On-The-Go transceiver
logo
NXP Semiconductors
ISP1761BEUM PHILIPS-ISP1761BEUM Datasheet
793Kb / 164P
   Hi-Speed Universal Serial Bus On-The-Go controller
13 March 2008
ISP1761 PHILIPS-ISP1761 Datasheet
724Kb / 158P
   Hi-Speed Universal Serial Bus On-The-Go controller
Rev. 01-12 January 2005
ISP1301 PHILIPS-ISP1301 Datasheet
245Kb / 46P
   Universal Serial Bus On-The-Go transceiver
Rev. 01-14 April 2004
ISP1507DBS NXP-ISP1507DBS Datasheet
378Kb / 74P
   ULPI Hi-Speed Universal Serial Bus host and peripheral transceiver
Rev. 01-28 May 2008
ISP1507C_ISP1507D NXP-ISP1507C_ISP1507D Datasheet
378Kb / 74P
   ULPI Hi-Speed Universal Serial Bus host and peripheral transceiver
Rev. 01-28 May 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com