Selected language     English  ▼


ULQ200XA Datasheet(PDF) 6 Page - STMicroelectronics

Part No. ULQ200XA
Description  Seven darlington array
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

 6 page
background image
Electrical characteristics
ULQ200XA/XD1
6/13
4
Electrical characteristics
Table 3.
Electrical characteristics
(TA = -40 to 105°C for DIP16 unless otherwise specified)
(TJ = 25 to 105°C for SO16 unless otherwise specified).
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICEX
Output leakage current
VCE = 50V, (Figure 3.)50
µA
TA = 105°C, VCE= 50V (Figure 3.)100
TJ = 105°C for ULQ2004, VCE= 50V,
VI = 1V (Figure 4.)
500
VCE(SAT)
Collector-emitter saturation
voltage (Figure 5.)
IC = 100mA, IB = 250µA
0.9
1.1
V
IC = 200mA, IB= 350µA
1.1
1.3
IC = 350mA, IB= 500µA
1.3
1.6
II(ON)
Input current (Figure 6.)
for ULQ2003, VI = 3.85V
0.93
1.35
mA
for ULQ2004, VI = 5V
0.35
0.5
VI = 12V
1
1.45
II(OFF)
Input current (Figure 7.)TA = 105°C, IC = 500µA
50
65
µA
VI(ON)
Input voltage (Figure 8.)
for ULQ2003
IC = 200mA
IC = 250mA
IC = 300mA
for ULQ2004
IC = 125mA
IC = 200mA
IC = 275mA
IC = 350mA
2.4
2.7
3
5
6
7
8
V
hFE
DC Forward current gain
(Figure 5.)
for ULQ2001, VCE = 2V,
IC = 350mA
1000
CI
Input capacitance
15
25 (1)
1.
Guaranteed by design.
pF
tPLH
Turn-on delay time
0.5 VI to 0.5VO
0.25
1 (1)
µs
tPHL
Turn-off delay time
0.5 VI to 0.5VO
0.25
1 (1)
µs
IR
Clamp diode leakage current
(Figure 9.)
VR = 50V
50
µA
TA = 105°C, VR = 50V
100
VF
Clamp diode forward voltage
(Figure 10.)
IF = 350mA
1.7
2
V




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ULN200XASeven darlington array 1 2 3 4 5 MoreSTMicroelectronics
ULQ2003A-Q1_07HIGH-VOLTAGE HIGH-CRRENT DARLINGTON TRANSISTOR ARRAY 1 2 3 4 5 MoreTexas Instruments
2N6059_03SILICON NPN POWER DARLINGTON TRANSISTOR 1 2 3 4 STMicroelectronics
ULN2004AIHIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY 1 2 3 4 5 MoreTexas Instruments
ULN2803A_06DARLINGTON TRANSISTOR ARRAY 1 2 3 4 5 MoreTexas Instruments
SLA9000FHigh speed high integration gate array 1 2 Epson Company
GAL20V8A-10Generic Array Logic 1 2 3 4 5 MoreNational Semiconductor (TI)
NUP4304M6_06Low Capacitance Diode Array for ESD Protection in Four Data Lines 1 2 3 4 5 MoreON Semiconductor
DLZ-5_07STANDARD CAPACITANCE TVS ARRAY 1 2 3 4 Protek Devices
ESD6-DFNLOW CAPACITANCE TVS ARRAY 1 2 3 4 Protek Devices

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl