Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8542 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA8542
Description  2 x 1 W BTL audio amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8542 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA8542 Datasheet HTML 4Page - NXP Semiconductors TDA8542 Datasheet HTML 5Page - NXP Semiconductors TDA8542 Datasheet HTML 6Page - NXP Semiconductors TDA8542 Datasheet HTML 7Page - NXP Semiconductors TDA8542 Datasheet HTML 8Page - NXP Semiconductors TDA8542 Datasheet HTML 9Page - NXP Semiconductors TDA8542 Datasheet HTML 10Page - NXP Semiconductors TDA8542 Datasheet HTML 11Page - NXP Semiconductors TDA8542 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
1998 Apr 01
8
Philips Semiconductors
Product specification
2
× 1 W BTL audio amplifier
TDA8542
TEST AND APPLICATION INFORMATION
Test conditions
Because the application can be either Bridge-Tied Load
(BTL) or Single-Ended (SE), the curves of each application
are shown separately.
The thermal resistance = 55 K/W for the DIP16; the
maximum sine wave power dissipation for Tamb =25 °C is:
For Tamb =60 °C the maximum total power dissipation is:
BTL application
Tamb =25°C if not specially mentioned, VCC =5V,
f = 1 kHz, RL =8 Ω, Gv = 20 dB, audio band-pass
22 Hz to 22 kHz.
The BTL application diagram is illustrated in Fig.3.
The quiescent current has been measured without any
load impedance. The total harmonic distortion as a
function of frequency was measured with a low-pass filter
of 80 kHz. The value of capacitor C3 influences the
behaviour of the SVRR at low frequencies, increasing the
value of C3 increases the performance of the SVRR.
The figure of the mode select voltage (Vms) as a function
of the supply voltage shows three areas; operating, mute
and standby. It shows, that the DC-switching levels of the
mute and standby respectively depends on the supply
voltage level.
150
25
55
----------------------
2.3 W
=
150
60
55
----------------------
1.7 W
=
SE application
Tamb =25°C if not specially mentioned, VCC = 7.5 V,
f = 1 kHz, RL =4 Ω, Gv = 20 dB, audio band-pass
22 Hz to 22 kHz.
The SE application diagram is illustrated in Fig.14.
If the BTL/SE pin (pin 5) is connected to ground, the
positive outputs (pins 2 and 7) will be in mute condition
with a DC level of 1
2VCC. When a headphone is used
(RL ≥ 25 Ω) the SE headphone application can be used
without output coupling capacitors; load between negative
output and one of the positive outputs (e.g. pin 2) as
common pin.
Increasing the value of electrolytic capacitor C3 will result
in a better channel separation. Because the positive output
is not designed for high output current (2
× Io) at low load
impedance (
≤16 Ω), the SE application with output
capacitors connected to ground is advised. The capacitor
value of C4/C5 in combination with the load impedance
determines the low frequency behaviour. The THD as a
function of frequency was measured using a low-pass filter
of 80 kHz. The value of capacitor C3 influences the
behaviour of the SVRR at low frequencies, increasing the
value of C3 increases the performance of the SVRR.
General remark
The frequency characteristic can be adapted by
connecting a small capacitor across the feedback resistor.
To improve the immunity of HF radiation in radio circuit
applications, a small capacitor can be connected in
parallel with the feedback resistor (56 k
Ω); this creates a
low-pass filter.


Similar Part No. - TDA8542

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8542AT PHILIPS-TDA8542AT Datasheet
207Kb / 20P
   2 x 1.5 W BTL audio amplifier
1998 Mar 25
TDA8542TS PHILIPS-TDA8542TS Datasheet
205Kb / 20P
   2 x 0.7 W BTL audio amplifier
1998 Mar 25
More results

Similar Description - TDA8542

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA58637 PHILIPS-SA58637_15 Datasheet
164Kb / 22P
   2 x 2.2 W BTL audio amplifier
Rev. 01-25 February 2008
TDA8542TS PHILIPS-TDA8542TS Datasheet
205Kb / 20P
   2 x 0.7 W BTL audio amplifier
1998 Mar 25
SA58632 PHILIPS-SA58632 Datasheet
185Kb / 26P
   2 x 2.2 W BTL audio amplifier
Rev. 01-27 June 2006
SA58637 NXP-SA58637 Datasheet
155Kb / 22P
   2 X 2.2 W BTL audio amplifier
Rev. 01-25 February 2008
TDA8542AT PHILIPS-TDA8542AT Datasheet
207Kb / 20P
   2 x 1.5 W BTL audio amplifier
1998 Mar 25
TDA8541 PHILIPS-TDA8541 Datasheet
190Kb / 20P
   1 W BTL audio amplifier
1998 Apr 01
TDA8541 PHILIPS-TDA8541_15 Datasheet
194Kb / 18P
   1 W BTL audio amplifier
1998 Apr 01
TDA8543 PHILIPS-TDA8543 Datasheet
201Kb / 20P
   2 W BTL audio amplifier
1997 Jun 12
TDA8547 PHILIPS-TDA8547 Datasheet
240Kb / 24P
   2 x 1 W BTL audio amplifier with output channel switching
1997 Oct 07
TDA7052 PHILIPS-TDA7052 Datasheet
44Kb / 8P
   1 W BTL mono audio amplifier
July 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com