Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQ121S1LG61 Datasheet(PDF) 6 Page - Sharp Corporation

Part # LQ121S1LG61
Description  TFT-LCD Module
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LQ121S1LG61 Datasheet(HTML) 6 Page - Sharp Corporation

Back Button LQ121S1LG61 Datasheet HTML 2Page - Sharp Corporation LQ121S1LG61 Datasheet HTML 3Page - Sharp Corporation LQ121S1LG61 Datasheet HTML 4Page - Sharp Corporation LQ121S1LG61 Datasheet HTML 5Page - Sharp Corporation LQ121S1LG61 Datasheet HTML 6Page - Sharp Corporation LQ121S1LG61 Datasheet HTML 7Page - Sharp Corporation LQ121S1LG61 Datasheet HTML 8Page - Sharp Corporation LQ121S1LG61 Datasheet HTML 9Page - Sharp Corporation LQ121S1LG61 Datasheet HTML 10Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LD18123A-3
4. Input Terminals
4-1. TFT-LCD panel driving
CN1 (LVDS signals , +3.3V / +5.0V DC power supply and Contorol signal)
Corresponding connector:FI-SE20ME (JAE) or FI-S20S (JAE)
Pin No.
Symbol
Function
Remark
1
VCC
+3.3V / +5.0V power supply
2
VCC
+3.3V / +5.0V power supply
3
GND
4
GND
5
RXIN0-
Differential data input, CH0 (negative)
LVDS signal
6
RXIN0+
Differential data input, CH0 (positive)
LVDS signal
7
GND
8
RXIN1-
Differential data input, CH1 (negative)
LVDS signal
9
RXIN1+
Differential data input, CH1 (positive)
LVDS signal
10
GND
11
RXIN2-
Differential data input, CH2 (negative)
LVDS signal
12
RXIN2+
Differential data input, CH2 (positive)
LVDS signal
13
GND
14
RXCLK IN-
Differential clock input (negative)
LVDS signal
15
RXCLK IN+
Differential clock input (positive)
LVDS signal
16
GND
17
R/L
Horizontal display mode select signal
[Note1]
18
U/D
Vertical display mode select signal
[Note2]
19
GND
20
GND
[Note ]
To obtain the proper relation between LVDS signals and actual digital data signals,
the digital signals should be inputted into the transmitter as described in the nextsection, 4-2.
[Note ]
The shielding case is connected with signal GND.
[Note 1],[Note 2]
R/L = High, U/D = Low
R/L = Low, U/D = Low
R/L = High, U/D = High
R/L = Low, U/D = High


Similar Part No. - LQ121S1LG61

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LQ121S1LG41 SHARP-LQ121S1LG41 Datasheet
3Mb / 19P
   TFT-LCD Module
More results

Similar Description - LQ121S1LG61

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LQ181E1LW31 SHARP-LQ181E1LW31 Datasheet
556Kb / 24P
   TFT-LCD Module
LQ150X1LGN2A SHARP-LQ150X1LGN2A Datasheet
901Kb / 24P
   TFT-LCD MODULE
LQ121S1LG41 SHARP-LQ121S1LG41 Datasheet
3Mb / 19P
   TFT-LCD Module
LQ084S3DG01 SHARP-LQ084S3DG01 Datasheet
702Kb / 20P
   TFT-LCD Module
LQ10D131 SHARP-LQ10D131 Datasheet
1Mb / 19P
   TFT - LCD MODULE
LQ035Q7DB03 SHARP-LQ035Q7DB03 Datasheet
506Kb / 24P
   TFT LCD MODULE
LQ104S1DG21 SHARP-LQ104S1DG21 Datasheet
376Kb / 19P
   TFT-LCD Module
LQ057Q3DC03 SHARP-LQ057Q3DC03 Datasheet
341Kb / 18P
   TFT - LCD module
LQ150X1LW72 SHARP-LQ150X1LW72 Datasheet
835Kb / 24P
   TFT-LCD Module
LQ12DX12 SHARP-LQ12DX12 Datasheet
1Mb / 18P
   TFT-LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com