Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1265-2.5VOA Datasheet(PDF) 10 Page - Microchip Technology

Part # TC1265-2.5VOA
Description  800 mA Fixed-Output CMOS LDO with Shutdown
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1265-2.5VOA Datasheet(HTML) 10 Page - Microchip Technology

Back Button TC1265-2.5VOA Datasheet HTML 6Page - Microchip Technology TC1265-2.5VOA Datasheet HTML 7Page - Microchip Technology TC1265-2.5VOA Datasheet HTML 8Page - Microchip Technology TC1265-2.5VOA Datasheet HTML 9Page - Microchip Technology TC1265-2.5VOA Datasheet HTML 10Page - Microchip Technology TC1265-2.5VOA Datasheet HTML 11Page - Microchip Technology TC1265-2.5VOA Datasheet HTML 12Page - Microchip Technology TC1265-2.5VOA Datasheet HTML 13Page - Microchip Technology TC1265-2.5VOA Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
TC1265
DS21376D-page 10
© 2006 Microchip Technology Inc.
5-Lead Plastic (ET) (DDPAK) )
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
BOTTOM VIEW
TOP VIEW
E
D
b
E1
D2
A
A1
c2
c
L
D1
e
α
Φ
(5X)
e
L3
1
§ Significant Characteristic
Revised 07-19-05
Notes:
Mold Draft Angle
Dimensions D and E do not include mold flash or protrusions. Mold flash or protrusions shall not exceed .010" (0.254mm) per side.
α
Pitch
Number of Pins
Overall Width
Standoff
§
Molded Package Length
Exposed Pad Width
Overall Height
MAX
Units
Dimension Limits
A1
E1
D
E
e
A
.398
.000
.256 REF
INCHES*
.067 BSC
MIN
5
NOM
MAX
.010
0.00
10.11
6.50 REF
MILLIMETERS
.183
MIN
5
1.70 BSC
NOM
0.25
4.65
JEDEC equivalent: TO-252
4.50
.170
.005
0.13
Foot Length
L
.068
.089
.110
1.73
2.26
2.79
Foot Angle
Φ
--
--
.177
* Controlling Parameter
4.32
.385
.410
9.78
10.41
.330
.350
.370
8.38
8.89
9.40
Overall Length
D1
.549
.577
.605
13.94
14.66
15.37
Lead Thickness
c
.014
.020
.026
0.36
0.51
0.66
Pad Thickness
c2
.045
--
.055
1.14
--
1.40
Lead Width
.037
b
.026
.032
0.66
0.81
0.94
--
--
--
--
Exposed Pad Length
D2
.303 REF
7.75 REF
Pad Length
L3
.045
--
.067
1.14
--
1.70
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
REF: Reference Dimension, usually without tolerance, for information purposes only.
See ASME Y14.5M
See ASME Y14.5M
Drawing No. C04-012


Similar Part No. - TC1265-2.5VOA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1265-2.5VOA MICROCHIP-TC1265-2.5VOA Datasheet
262Kb / 16P
   800 mA Fixed-Output CMOS LDO with Shutdown
2004
TC1265-2.5VOATR MICROCHIP-TC1265-2.5VOATR Datasheet
262Kb / 16P
   800 mA Fixed-Output CMOS LDO with Shutdown
2004
More results

Similar Description - TC1265-2.5VOA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1265 MICROCHIP-TC1265 Datasheet
262Kb / 16P
   800 mA Fixed-Output CMOS LDO with Shutdown
2004
TC1264 MICROCHIP-TC1264_06 Datasheet
839Kb / 18P
   800 mA Fixed-Output CMOS LDO with Shutdown
2006
TC1263 MICROCHIP-TC1263_13 Datasheet
312Kb / 18P
   500 mA, Fixed-Output, CMOS LDO with Shutdown
2002-2012 11/27/12
TC1263 MICROCHIP-TC1263_05 Datasheet
285Kb / 18P
   500 mA, Fixed-Output, CMOS LDO with Shutdown
2005
TC1263 MICROCHIP-TC1263 Datasheet
486Kb / 14P
   500mA Fixed Output CMOS LDO with Shutdown
2002
TC1268 MICROCHIP-TC1268 Datasheet
448Kb / 12P
   500mA Fixed Output, Fast Response CMOS LDO with Shutdown
2002
TC1017 MICROCHIP-TC1017 Datasheet
450Kb / 22P
   150 mA, Tiny CMOS LDO With Shutdown
2003
TC1016 MICROCHIP-TC1016_05 Datasheet
294Kb / 22P
   80 mA, Tiny CMOS LDO With Shutdown
2005
TC1017 MICROCHIP-TC1017_13 Datasheet
595Kb / 26P
   150 mA, Tiny CMOS LDO With Shutdown
11/29/12
TC1017R-3VLTTR MICROCHIP-TC1017R-3VLTTR Datasheet
299Kb / 22P
   150 mA, Tiny CMOS LDO With Shutdown
03/01/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com