Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC3404 Datasheet(PDF) 4 Page - Microchip Technology

Part # TC3404
Description  1.8V Low Power, Quad Input, 16-Bit Sigma-Delta A/D Converter with a Power Fault Monitor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC3404 Datasheet(HTML) 4 Page - Microchip Technology

  TC3404_05 Datasheet HTML 1Page - Microchip Technology TC3404_05 Datasheet HTML 2Page - Microchip Technology TC3404_05 Datasheet HTML 3Page - Microchip Technology TC3404_05 Datasheet HTML 4Page - Microchip Technology TC3404_05 Datasheet HTML 5Page - Microchip Technology TC3404_05 Datasheet HTML 6Page - Microchip Technology TC3404_05 Datasheet HTML 7Page - Microchip Technology TC3404_05 Datasheet HTML 8Page - Microchip Technology TC3404_05 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
TC3404
DS21413C-page 4
© 2005 Microchip Technology Inc.
TC3404 AC ELECTRICAL SPECIFICATIONS
SCLK, A0, A1, ENABLE
VIL
Input Low Voltage
0.3 x VDD
V
VIH
Input High Voltage
0.7 x VDD
——
V
ILEAK
Leakage Current
1
μA
SDAT, PFO
VOL
Output Low Voltage
0.4
V
IOL = 1.5mA
VOH
Output High Voltage (SDAT)
0.9 x VDD
——
V
ISOURCE = 400μA (Note 3)
VDDMIN
Minimum VDD for PFO Valid
1.1
1.3
μA
PFI
VCCPFI
PFI Input Voltage Range
0
VDD
V
PFI Input Current
-0.1
.01
0.1
μA
VTHR
Threshold (VTH, PFI)
1.23
V
Threshold Hysteresis
30
mV
Threshold Tempco
30
ppm/°C
Electrical Characteristics: TA = 25°C and VDD = 2.7V, unless otherwise specified. Boldface type specifications apply for
temperatures of 0°C to 85°C. VREF = 1.25V, Internal Clock Frequency = 520kHz.
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
t1
Resolution Reduction Clock Width
1
µsec
Width of SCLK (Negative)
t2
Resolution Reduction Clock Width
1
µsec
Width of SCLK (Positive)
t3
Conversion Time (15-bit Plus Sign)
125
msec
16-bit Conversion, TA = 25°C (Note 1)
Conversion Time (14-bit Plus Sign)
t3/2.0
msec
15-bit Conversion
Conversion Time (13-bit Plus Sign)
t3/4.0
msec
14-bit Conversion
Conversion Time (12-bit Plus Sign)
t3/7.8
msec
13-bit Conversion
Conversion Time (11-bit Plus Sign)
t3/15.1
msec
12-bit Conversion
Conversion Time (10-bit Plus Sign)
t3/28.6
msec
11-bit Conversion
Conversion Time (9-bit Plus Sign)
t3/51.4
msec
10-bit Conversion
t4
Resolution Reduction Window
t3/85.7
msec
Width of SCLK
t5
SCLK to Data Valid
1000
nsec
SCLK Falling Edge to SDAT Valid
t6
Address Setup
0
nsec
Address Valid to SCLK
t7
Address Hold
1000
nsec
SCLK to Address Valid Hold
t8
Acknowledge Delay
1000
nsec
SCLK to SDAT Delay
t11
RESET Delay
5
64
µsec
Delay VTH Falling at 10V/msec to
RESET Low
Note
1:
Nominal temperature drift is -2830ppm/C° for temperature less than 25°C and -1340ppm/°C for temperatures
greater than 25°C
.
TC3404 DC ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: TA = 25°C and VDD = 2.7V, unless otherwise specified. Boldface type specifications apply for
temperatures of 0°C to 85°C. VREF = 1.25V, Internal Clock Frequency = 520kHz.
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
Note
1:
Differential input voltage defined as (VIN+ – VIN-).
2: Resistance from INn+ to INn- or INn to GND.
3: @ VDD = 1.8V, ISOURCE ≤ 200μA.


Similar Part No. - TC3404_05

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC3404VPE MICROCHIP-TC3404VPE Datasheet
451Kb / 16P
   1.8V Low Power, Quad Input, 16-Bit Sigma-Delta A/D Converter with a Power Fault Monitor
2002
TC3404VQR MICROCHIP-TC3404VQR Datasheet
451Kb / 16P
   1.8V Low Power, Quad Input, 16-Bit Sigma-Delta A/D Converter with a Power Fault Monitor
2002
More results

Similar Description - TC3404_05

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC3404 MICROCHIP-TC3404 Datasheet
451Kb / 16P
   1.8V Low Power, Quad Input, 16-Bit Sigma-Delta A/D Converter with a Power Fault Monitor
2002
TC3403 MICROCHIP-TC3403_05 Datasheet
308Kb / 16P
   1.8V Low Power, Quad Input, 16-Bit Sigma-Delta A/D Converter with a Power Fault Monitor and Microprocessor Reset Circuit
2005
TC3403 MICROCHIP-TC3403 Datasheet
448Kb / 16P
   1.8V Low Power, Quad Input, 16-Bit Sigma-Delta A/D Converter with a Power Fault Monitor and Microprocessor Reset Circuit
05/01/02
TC3400 MICROCHIP-TC3400 Datasheet
437Kb / 16P
   1.8V, Low Power, 16-Bit Sigma-Delta A/D Converter
2002
TC3402 MICROCHIP-TC3402 Datasheet
444Kb / 16P
   1.8 Low Power, Quad Input, 16-Bit Sigma-Delta A/D Converter
2002
TC3405 MICROCHIP-TC3405 Datasheet
453Kb / 16P
   16-Bit, Low Cost, Low Power Sigma-Delta A/D Converter
2002
TC3401 MICROCHIP-TC3401 Datasheet
458Kb / 16P
   16-Bit Low Cost, Low Power Sigma-Delta A/D Converter
2002
logo
Analog Devices
AD7171 AD-AD7171 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
   16-Bit, Low Power, Sigma-Delta ADC
logo
Intersil Corporation
HI7191 INTERSIL-HI7191 Datasheet
187Kb / 24P
   24-Bit, High Precision, Sigma Delta A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com