Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8543 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA8543
Description  2 W BTL audio amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8543 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA8543 Datasheet HTML 2Page - NXP Semiconductors TDA8543 Datasheet HTML 3Page - NXP Semiconductors TDA8543 Datasheet HTML 4Page - NXP Semiconductors TDA8543 Datasheet HTML 5Page - NXP Semiconductors TDA8543 Datasheet HTML 6Page - NXP Semiconductors TDA8543 Datasheet HTML 7Page - NXP Semiconductors TDA8543 Datasheet HTML 8Page - NXP Semiconductors TDA8543 Datasheet HTML 9Page - NXP Semiconductors TDA8543 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
1997 Jun 12
6
Philips Semiconductors
Product specification
2 W BTL audio amplifier
TDA8543
DC CHARACTERISTICS
VCC =5V; Tamb =25 °C; RL =8 Ω; VMODE = 0 V; G = 20 dB; measured in test circuit Fig.4; unless otherwise specified.
Notes
1. With a load connected at the outputs the quiescent current will increase, the maximum of this increase being equal
to the DC output offset voltage divided by RL.
2. The DC output voltage with respect to ground is approximately 0.5
× VCC.
AC CHARACTERISTICS
VCC =5V; Tamb =25 °C; RL =8 Ω; f = 1 kHz; VMODE = 0 V; G = 20 dB; measured in test circuit Fig.4; unless otherwise
specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCC
supply voltage
operating
2.2
5
18
V
Iq
quiescent current
RL = ∞; note 1
812
mA
Istb
standby current
VMODE =VCC
−−
10
µA
VO
DC output voltage
note 2
2.2
V
V
OUT+ − VOUT
 differential output voltage offset
−−
50
mV
IIN+, IIN−
input bias current
−−
500
nA
VMODE
input voltage mode select
operating
0
0.5
V
mute
1.5
VCC − 1.5 V
standby
VCC − 0.5 −
VCC
V
IMODE
input current mode select
0 < VMODE <VCC
−−
20
µA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Po
output power
THD = 10%;
VCC = 5 V; RL =8 Ω
1
1.2
W
VCC = 7.5 V; RL =8 Ω−
2.2
W
VCC = 9 V; RL =16 Ω−
2.0
W
THD = 0.5%;
VCC = 5 V; RL =8 Ω
0.6
0.9
W
VCC = 7.5 V; RL =8 Ω−
1.7
W
VCC = 9 V; RL =16 Ω−
1.4
W
THD
total harmonic distortion
Po = 0.5 W
0.15
0.3
%
Gv
closed loop voltage gain
note 1
6
30
dB
Zi
differential input impedance
100
k
Vno
noise output voltage
note 2
−−
100
µV
SVRR
supply voltage ripple rejection
note 3
50
−−
dB
note 4
40
−−
dB
Vo
output voltage in mute condition note 5
−−
200
µV


Similar Part No. - TDA8543

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8540 PHILIPS-TDA8540 Datasheet
131Kb / 20P
   4 X 4 video switch matrix
1995 Feb 06
TDA8540T PHILIPS-TDA8540T Datasheet
131Kb / 20P
   4 X 4 video switch matrix
1995 Feb 06
TDA8541 PHILIPS-TDA8541 Datasheet
190Kb / 20P
   1 W BTL audio amplifier
1998 Apr 01
TDA8541T PHILIPS-TDA8541T Datasheet
190Kb / 20P
   1 W BTL audio amplifier
1998 Apr 01
TDA8541 PHILIPS-TDA8541_15 Datasheet
194Kb / 18P
   1 W BTL audio amplifier
1998 Apr 01
More results

Similar Description - TDA8543

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA58637 PHILIPS-SA58637_15 Datasheet
164Kb / 22P
   2 x 2.2 W BTL audio amplifier
Rev. 01-25 February 2008
TDA8542TS PHILIPS-TDA8542TS Datasheet
205Kb / 20P
   2 x 0.7 W BTL audio amplifier
1998 Mar 25
SA58632 PHILIPS-SA58632 Datasheet
185Kb / 26P
   2 x 2.2 W BTL audio amplifier
Rev. 01-27 June 2006
TDA8542 PHILIPS-TDA8542 Datasheet
162Kb / 20P
   2 x 1 W BTL audio amplifier
1998 Apr 01
SA58637 NXP-SA58637 Datasheet
155Kb / 22P
   2 X 2.2 W BTL audio amplifier
Rev. 01-25 February 2008
TDA8542AT PHILIPS-TDA8542AT Datasheet
207Kb / 20P
   2 x 1.5 W BTL audio amplifier
1998 Mar 25
SA58631 NXP-SA58631 Datasheet
130Kb / 21P
   3 W BTL audio amplifier
Rev. 02-12 October 2007
SA58631 PHILIPS-SA58631 Datasheet
373Kb / 19P
   3 W BTL audio amplifier
Rev. 01-1 December 2005
SA58631 PHILIPS-SA58631_15 Datasheet
138Kb / 21P
   3 W BTL audio amplifier
Rev. 02-12 October 2007
TDA8541 PHILIPS-TDA8541 Datasheet
190Kb / 20P
   1 W BTL audio amplifier
1998 Apr 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com