Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2168A Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC2168A
Description  1MHz PWM Synchronous Buck Control IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2168A Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC2168A Datasheet HTML 4Page - Micrel Semiconductor MIC2168A Datasheet HTML 5Page - Micrel Semiconductor MIC2168A Datasheet HTML 6Page - Micrel Semiconductor MIC2168A Datasheet HTML 7Page - Micrel Semiconductor MIC2168A Datasheet HTML 8Page - Micrel Semiconductor MIC2168A Datasheet HTML 9Page - Micrel Semiconductor MIC2168A Datasheet HTML 10Page - Micrel Semiconductor MIC2168A Datasheet HTML 11Page - Micrel Semiconductor MIC2168A Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
MIC2168A
Micrel, Inc.
M9999-062205
8
April 2005
VDD regulator operates in dropout mode, and it is necessary
that the power MOSFETs used are low threshold and are in
full conduction mode for VGS of 2.5V. For applications when
VIN > 5V; logic-level MOSFETs, whose operation is specified
at VGS = 4.5V must be used.
It is important to note the on-resistance of a MOSFET in-
creases with increasing temperature. A 75°C rise in junction
temperature will increase the channel resistance of the MOS-
FET by 50% to 75% of the resistance specified at 25°C. This
change in resistance must be accounted for when calculating
MOSFET power dissipation and in calculating the value of
current-sense (CS) resistor. Total gate charge is the charge
required to turn the MOSFET on and off under specified
operating conditions (VDS and VGS). The gate charge is sup-
plied by the MIC2168A gate drive circuit. At 1MHz switching
frequency and above, the gate charge can be a significant
source of power dissipation in the MIC2168A. At low output
load, this power dissipation is noticeable as a reduction in
efficiency. The average current required to drive the high-
side MOSFET is:
I
Q
f
G[high
I
Q
I
Q
-
I
Q
I
Q
side](avg)
I
Q
I
Q G Sff
=
×
I
Q
I
Q G S
G
S
where:
IG[high-side](avg) = average high-side MOSFET gate
current.
G[high-side](avg)
G[high-side](avg)
QG = total gate charge for the high-side MOSFET taken from
manufacturer’s data sheet for VGS = 5V.
The low-side MOSFET is turned on and off at VDS = 0
because the freewheeling diode is conducting during this
time. The switching loss for the low-side MOSFET is usu-
ally negligible. Also, the gate-drive current for the low-side
MOSFET is more accurately calculated using CISS at
VDS = 0 instead of gate charge.
For the low-side MOSFET:
I
C
V
f
G[low
I
C
I
C
-side](avg)
I
C
I
C ISS
GS
V
f
V
fS
V
f
V
f
=
×
I
C
I
C ISS
ISS
V
f
V
f
Since the current from the gate drive comes from the input
voltage, the power dissipated in the MIC2168A due to gate
drive is:
P
V
GATEDRIVE
P
V
P
VIN
=
+
P
V
P
VIN
IN
(
)
I
I
I
I
G[high
G[high --side](avg)
side](avg)
G[low
G[low --side](avg)
side](avg)
=
+
=
+
I
I
I
I
I
I
I
I
I
I
I
I
I
I
I
I
I
I
I
I
I
I
I
I
I
I
I
I
I
I
I
I
I
I
I
I
A convenient figure of merit for switching MOSFETs is the on
resistance times the total gate charge RDS(ON)×QG. Lower
numbers translate into higher efficiency. Low gate-charge
DS(ON)
DS(ON)
logic-level MOSFETs are a good choice for use with the
MIC2168A.
Parameters that are important to MOSFET switch selection
are:
• Voltage rating
• On-resistance
• Total gate charge
The voltage ratings for the top and bottom MOSFET are
essentially equal to the input voltage. A safety factor of 20%
should be added to the VDS(max)oftheMOSFETstoaccount
for voltage spikes due to circuit parasitics.
The power dissipated in the switching transistor is the sum
of the conduction losses during the on-time (PCONDUCTION)
and the switching losses that occur during the period of time
when the MOSFETs turn on and off (PAC
when the MOSFETs turn on and off (P
when the MOSFETs turn on and off (P ).
P
P
P
SW
P
P
P
PCONDUCTION
AC
=
+
P
P
P
PCONDUCTION
CONDUCTION
where:
P
I
R
CONDUCTION
P
I
P
I
SW(rms)
SW
2
=
×
P
I
P
I
SW(rms)
SW(rms) 22
P
P
P
AC
P
P
P
PAC(off)
AC(on)
=
+
P
P
P
PAC(off)
AC(off)
RSW = on-resistance of the MOSFET switch
D =
V
V
O
IN


duty cycle
Makingtheassumptiontheturn-onandturn-offtransitiontimes
are equal; the transition times can be approximated by:
t
C
V
C
V
I
T
ISS
C
V
C
VGS
OSS
C
V
C
VIN
G
=
×
+
C
V
C
VGS
GS
C
V
C
V
where:
CISS and COSS are measured at VDS = 0
IG = gate-drive current (1A for the MIC2168A)
The total high-side MOSFET switching loss is:
P
(V
V ) I
t
f
AC
P
(
P
( IN
D
P
) I
) I K
T
t
f
t
fS
t
f
t
f
=
+
P
(
P
(V
V
V
V
V
V
V
V
V
V
V
V
×
×
) I
) I
D
P
D
P
) I
) I
) I
) I K
T
K
T
t
f
t
f
where:
tT = switching transition time (typically 20ns to 50ns)
VD = freewheeling diode drop, typically 0.5V
fS it the switching frequency, nominally 1MHz
The low-side MOSFET switching losses are negligible and
can be ignored for these calculations.
Inductor Selection
Values for inductance, peak, and RMS currents are required
to select the output inductor. The input and output voltages
and the inductance value determine the peak-to-peak induc-
tor ripple current. Generally, higher inductance values are
used with higher input voltages. Larger peak-to-peak ripple
currents will increase the power dissipation in the inductor
and MOSFETs. Larger output ripple currents will also require
more output capacitance to smooth out the larger ripple cur-
rent. Smaller peak-to-peak ripple currents require a larger
inductance value and therefore a larger and more expensive
inductor. A good compromise between size, loss and cost is
to set the inductor ripple current to be equal to 20% of the
maximum output current. The inductance value is calculated
by the equation below.
L
V
(V m
V
)
V m
f
0.2 I
OUT
V
(
V
(
IN
V m
V m
OUT
V
)
V
)
IN
V m
V m
S
ff
OUT
=
×
V
(
V
(V m
V m
V m
V m
V m
V m
× ×
ff
SS
ffff
×
(
)
V m
V max
ax
(
)
V m
V max
ax
×
×
V m
V m
V m
V max
ax
ax
ax
(
)
V m
V max
ax
(
)
max
max
where:
fS = switching frequency, 1MHz
0.2 = ratio of AC ripple current to DC output current
VIN(max) = maximum input voltage
The peak-to-peak inductor current (AC ripple current) is:


Similar Part No. - MIC2168A

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2168AYMM MICREL-MIC2168AYMM Datasheet
884Kb / 18P
   1MHz PWM Synchronous Buck-Control IC
MIC2168A MICREL-MIC2168A_15 Datasheet
884Kb / 18P
   1MHz PWM Synchronous Buck-Control IC
More results

Similar Description - MIC2168A

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2168A MICREL-MIC2168A_15 Datasheet
884Kb / 18P
   1MHz PWM Synchronous Buck-Control IC
MIC2168 MICREL-MIC2168_05 Datasheet
1Mb / 14P
   1MHz PWM Synchronous Buck Control IC
MIC2168 MICREL-MIC2168 Datasheet
159Kb / 14P
   1MHZ PWM SYNCHRONOUS BUCK CONTROL IC
MIC2169B MICREL-MIC2169B_10 Datasheet
526Kb / 25P
   500kHz PWM Synchronous Buck Control IC
MIC2169A MICREL-MIC2169A_09 Datasheet
1Mb / 15P
   500kHz PWM Synchronous Buck Control IC
MIC2169A MICREL-MIC2169A Datasheet
1Mb / 17P
   500kHz PWM Synchronous Buck Control IC
MIC2169 MICREL-MIC2169_09 Datasheet
207Kb / 15P
   500kHz PWM Synchronous Buck Control IC
MIC2169B MICREL-MIC2169B Datasheet
554Kb / 24P
   500kHz PWM Synchronous Buck Control IC
MIC2183 MICREL-MIC2183_05 Datasheet
152Kb / 12P
   Low Voltage Synchronous Buck PWM Control IC
MIC2169 MICREL-MIC2169 Datasheet
160Kb / 14P
   500 KHZ PWM SYNCHRONOUS BUCK CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com