Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1411VPA Datasheet(PDF) 7 Page - Microchip Technology

Part # C1411VPA
Description  1A High-Speed MOSFET Drivers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

C1411VPA Datasheet(HTML) 7 Page - Microchip Technology

Back Button C1411VPA Datasheet HTML 3Page - Microchip Technology C1411VPA Datasheet HTML 4Page - Microchip Technology C1411VPA Datasheet HTML 5Page - Microchip Technology C1411VPA Datasheet HTML 6Page - Microchip Technology C1411VPA Datasheet HTML 7Page - Microchip Technology C1411VPA Datasheet HTML 8Page - Microchip Technology C1411VPA Datasheet HTML 9Page - Microchip Technology C1411VPA Datasheet HTML 10Page - Microchip Technology C1411VPA Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
© 2006 Microchip Technology Inc.
DS21390D-page 7
TC1411/TC1411N
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Supply Input (VDD)
The VDD input is the bias supply for the MOSFET driver
and is rated for 4.5V to 16V with respect to the ground
pin. The VDD input should be bypassed to ground with
a local ceramic capacitor. The value of the capacitor
should be chosen based on the capacitive load that is
being driven. A value of 1.0 µF is suggested.
3.2
Control Input (INPUT)
The MOSFET driver input is a high-impedance,
TTL/CMOS-compatible input. The input has 300 mV of
hysteresis between the high and low thresholds that
prevents output glitching even when the rise and fall
time of the input signal is very slow.
3.3
CMOS Push-pull Output (OUTPUT)
The MOSFET driver output is a low impedance, CMOS
push-pull style output, capable of driving a capacitive
load with 1A peak currents.
3.4
Ground (GND)
The ground pins are the return path for the bias current
and for the high peak currents which discharge the load
capacitor. The ground pins should be tied into a ground
plane or have very short traces to the bias supply
source return.
3.5
No Connect (NC)
No internal connection.
Pin
No.
Symbol
Description
1VDD
Supply input, 4.5V to 16V
2
INPUT
Control input
3
NC
No connection
4
GND
Ground
5
GND
Ground
6
OUTPUT
CMOS push-pull output, common to pin 7
7
OUTPUT
CMOS push-pull output, common to pin 6
8VDD
Supply input, 4.5V to 16V


Similar Part No. - C1411VPA

ManufacturerPart #DatasheetDescription
logo
Bi technologies
C141102JCG1 BITECH-C141102JCG1 Datasheet
46Kb / 3P
   Single-In-Line Conformal Coated Capacitor Networks
C141102JCG2 BITECH-C141102JCG2 Datasheet
46Kb / 3P
   Single-In-Line Conformal Coated Capacitor Networks
C141102JCG5 BITECH-C141102JCG5 Datasheet
46Kb / 3P
   Single-In-Line Conformal Coated Capacitor Networks
C141102JX7R1 BITECH-C141102JX7R1 Datasheet
46Kb / 3P
   Single-In-Line Conformal Coated Capacitor Networks
C141102JX7R2 BITECH-C141102JX7R2 Datasheet
46Kb / 3P
   Single-In-Line Conformal Coated Capacitor Networks
More results

Similar Description - C1411VPA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1411NEOA713 MICROCHIP-TC1411NEOA713 Datasheet
714Kb / 18P
   1A High-Speed MOSFET Drivers
08/29/06
TC1411 MICROCHIP-TC1411 Datasheet
436Kb / 14P
   1A High-Speed MOSFET Drivers
2002
logo
TelCom Semiconductor, I...
TC1411 TELCOM-TC1411 Datasheet
66Kb / 5P
   1A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC1411 MICROCHIP-TC1411_13 Datasheet
994Kb / 26P
   1A High-Speed MOSFET Drivers
11/29/12
logo
ON Semiconductor
NCP4413 ONSEMI-NCP4413 Datasheet
94Kb / 8P
   High-Speed MOSFET Drivers
August, 2002 ??Rev. 1
logo
Calogic, LLC
AS4420 CALOGIC-AS4420_15 Datasheet
443Kb / 6P
   High Speed MOSFET Drivers
CLM4420 CALOGIC-CLM4420 Datasheet
77Kb / 6P
   High Speed MOSFET Drivers
logo
Texas Instruments
TPS2811 TI-TPS2811 Datasheet
663Kb / 31P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
NCP4420 ONSEMI-NCP4420 Datasheet
78Kb / 8P
   6A High-Speed MOSFET Drivers
June, 2000 ??Rev. 0
logo
Microchip Technology
TC4421 MICROCHIP-TC4421_04 Datasheet
334Kb / 18P
   9A High-Speed MOSFET Drivers
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com