Selected language     English  ▼


N-417E Datasheet(PDF) 1 Page - Tyco Electronics

Part No. N-417E
Description  SPDT, Double Break, 100 Amps, 28 VDC
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 1 page
background image
CONTACTOR CONFIGURATION
DC Relays
N-417E SPDT, Double Break,
100 Amps, 28 VDC
PRODUCT SPECIFICATIONS
Construction
Welded Hermetic Seal
Main Contacts:
Configuration
SPDT Double Break
Voltage (Nominal)
28 VDC
Current (Resistive)
100 Amps
Coil Data:
Duty Cycle
Continuous
Voltage (Nominal)
28 VDC
Pick-Up Voltage
20 VDC at 125
°C
Drop-Out Voltage
2 - 7 VDC
Coil Current @ 28 VDC & +25
°C
0.175 Amp Maximum
Operating Temperature
-70
°C to +125°C
Weight
.69 Lb.
Features:
• SPDT Double Break Main Contacts
• Hermetically Sealed
• 28 VDC
• 100 Amps
• High Reliability
• Meets many requirements of MIL-R-6106
• Light Weight Construction
Notes:
Catalog (web doc only)
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 5-04
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
HARTMAN Aerospace Power Products
Dimensions for this product are expressed in inches.
Multiply values by 25.4 for millimeters.
For factory-direct application assistance, contact the HARTMAN
product team at (419) 521-9500, Fax (419) 526-2749.
© 2004 by Tyco Electronics Corporation. All Rights Reserved.
HARTMAN and TYCO are trademarks.




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SDR620CT40 AMPS 100 - 200 VOLTS 35 nsec HYPER FAST COMMOM CATHODE CENTERTAP RECTIFIER 1 2 Solid States Devices, Inc
SSR2010CT-320 AMPS 100 VOLTS POSITIVE CENTERTAP SCHOTTKY RECTIFIER 1 2 Solid States Devices, Inc
A-757DA-757D SPST 600 Amps 28 VDC 1 Tyco Electronics
SSR2010CTJ20 AMPS 100 VOLTS CENTERTAP SCHOTTKY RECTIFIER 1 2 Solid States Devices, Inc
SSR1008M10 AMPS 80 - 100 VOLTS SCHOTTKY RECTIFIER 1 2 Solid States Devices, Inc
SDR620CT40 AMPS 100 - 200 VOLTS 35 nsec HYPER FAST COMMOM CATHODE CENTERTAP RECTIFIER 1 2 Solid States Devices, Inc
SSR2008CTM20 AMPS 100 VOLTS CENTER TAP SCHOTTKY RECTIFIER 1 2 Solid States Devices, Inc
SDR620CTJ40 AMPS 100 - 200 VOLTS 35 nsec HYPER FAST CENTERTAP RECTIFIER 1 2 Solid States Devices, Inc
SDR640CT80 AMPS 100 - 200 VOLTS 35 nsec HYPER FAST CENTERTAP RECTIFIER 1 2 Solid States Devices, Inc
SSR2010CT-2820 AMPS 100 VOLTS CENTERTAP SCHOTTKY RECTIFIER 1 2 Solid States Devices, Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl