Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC552501ECBTR Datasheet(PDF) 3 Page - Microchip Technology

Part # TC552501ECBTR
Description  1 關A Low Dropout Positive Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC552501ECBTR Datasheet(HTML) 3 Page - Microchip Technology

  TC552501ECBTR Datasheet HTML 1Page - Microchip Technology TC552501ECBTR Datasheet HTML 2Page - Microchip Technology TC552501ECBTR Datasheet HTML 3Page - Microchip Technology TC552501ECBTR Datasheet HTML 4Page - Microchip Technology TC552501ECBTR Datasheet HTML 5Page - Microchip Technology TC552501ECBTR Datasheet HTML 6Page - Microchip Technology TC552501ECBTR Datasheet HTML 7Page - Microchip Technology TC552501ECBTR Datasheet HTML 8Page - Microchip Technology TC552501ECBTR Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
© 2005 Microchip Technology Inc.
DS21435F-page 3
TC55
TC55RP33: ELECTRICAL CHARACTERISTICS
TC55RP30: ELECTRICAL CHARACTERISTICS
Electrical Specifications: Unless otherwise specified, VOUT(S) = 3.3V, TA = +25°C (see Note 1).
Parameters
Sym
Min
Typ
Max
Units
Conditions
Output Voltage
VOUT(A)
3.23
3.30
3.37
VIOUT = 40 mA
VIN = 4.3V
Maximum Output Current
IOUTMAX
150
mA
VIN = 4.3V, VOUT(A) ≥ 3.0V
Load Regulation
ΔVOUT
—45
90
mV
VIN = 4.3V,
1mA
≤ IOUT ≤ 80 mA
I/O Voltage Difference
VDIF
180
400
360
700
mV
IOUT = 80 mA
IOUT = 160 mA
Current Consumption
ISS
—1.0
2.9
µA
VIN = 4.3V
Voltage Regulation
VOUT(A)•100
ΔVIN•VOUT(S)
—0.2
0.3
%/V
IOUT = 40 mA,
4.3V
≤ IOUT ≤ 10.0V
Input Voltage
VIN
——
10
V
Temperature Coefficient of Output
Voltage
ΔVOUT(A)•106
VOUT(S)•ΔTA
±100
ppm/°C IOUT = 40 mA, -40°C ≤ TA ≤ +85°C
Long-Term Stability
0.5
%
TA = +125°C, 1,000 Hours
Note
1:
VOUT(S): Preset value of output voltage; VOUT(A): Actual value of output voltage; VDIF: Definition of I/O voltage
difference = {VIN1 – VOUT(A)}; VOUT(A): Output voltage when IOUT is fixed and VIN = VOUT(S) + 1.0V; VIN1: Input voltage
when the output voltage is 98% VOUT(A).
Electrical Specifications: Unless otherwise specified, VOUT(S) = 3.0V, TA = +25°C (see Note 1).
Parameters
Sym
Min
Typ
Max
Units
Conditions
Output Voltage
VOUT(A)
2.94
3.0
3.06
VIOUT = 40 mA
VIN = 4.0V
Maximum Output Current
IOUTMAX
150
mA
VIN = 4.0V, VOUT(A) ≥ 2.7V
Load Regulation
ΔVOUT
—45
90
mV
VIN = 4.0V, 1 mA ≤ IOUT ≤ 80 mA
I/O Voltage Difference
VDIF
180
400
360
700
mV
IOUT = 80 mA
IOUT = 160 mA
Current Consumption
ISS
—0.9
2.8
µA
VIN = 4.0V
Voltage Regulation
VOUT(A)•100
ΔVIN•VOUT(S)
—0.2
0.3
%/V
IOUT = 40 mA, 4.0V ≤ VIN ≤ 10.0V
Input Voltage
VIN
——
10
V
Temperature Coefficient of Output
Voltage
ΔVOUT(A)•106
VOUT(S)•ΔTA
±100
ppm/°C IOUT = 40 mA, -40°C ≤ TA ≤ +85°C
Long-Term Stability
0.5
%
TA = +125°C, 1000 Hours
Note
1:
VOUT(S): Preset value of output voltage; VOUT(A): Actual value of output voltage; VDIF: Definition of I/O voltage
difference = {VIN1 – VOUT(A)}; VOUT(A): Output voltage when IOUT is fixed and VIN = VOUT(S) + 1.0V; VIN1: Input voltage
when the output voltage is 98% VOUT(A).


Similar Part No. - TC552501ECBTR

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC55257AFL TOSHIBA-TC55257AFL Datasheet
189Kb / 8P
   TOSHIBA MOS MEMORY PRODUCTS
TC55257AFL-10 TOSHIBA-TC55257AFL-10 Datasheet
189Kb / 8P
   TOSHIBA MOS MEMORY PRODUCTS
TC55257AFL-12 TOSHIBA-TC55257AFL-12 Datasheet
189Kb / 8P
   TOSHIBA MOS MEMORY PRODUCTS
TC55257AFL-85 TOSHIBA-TC55257AFL-85 Datasheet
189Kb / 8P
   TOSHIBA MOS MEMORY PRODUCTS
TC55257APL TOSHIBA-TC55257APL Datasheet
189Kb / 8P
   TOSHIBA MOS MEMORY PRODUCTS
More results

Similar Description - TC552501ECBTR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC55 MICROCHIP-TC55 Datasheet
72Kb / 9P
   1關A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
2001
logo
TAITRON Components Inco...
LD1117A12 TAITRON-LD1117A12 Datasheet
438Kb / 21P
   1 A Low Dropout Positive Voltage Regulator
Rev. A/LX
logo
Linear Dimensions Semic...
LND5201 LINEAR_DIMENSIONS-LND5201 Datasheet
203Kb / 7P
   1 A Low Dropout Positive Voltage Regulator
logo
Microchip Technology
MCP1701A MICROCHIP-MCP1701A Datasheet
606Kb / 22P
   2關A Low-Dropout Positive Voltage Regulator
2007
MCP1701 MICROCHIP-MCP1701_05 Datasheet
259Kb / 20P
   2 關A Low Dropout Positive Voltage Regulator
2005
logo
Texas Instruments
TLV117112 TI1-TLV117112 Datasheet
307Kb / 15P
[Old version datasheet]   1-A, Positive Fixed-Voltage, Low-Dropout Regulator
TLV1117LV TI1-TLV1117LV Datasheet
637Kb / 20P
[Old version datasheet]   1-A, Positive Fixed Voltage, Low-Dropout Regulator
SEPTEMBER2011
TLV1117LV33DCYT TI-TLV1117LV33DCYT Datasheet
903Kb / 19P
[Old version datasheet]   1-A, Positive Fixed Voltage, Low-Dropout Regulator
TLV1117LV12 TI1-TLV1117LV12 Datasheet
698Kb / 20P
[Old version datasheet]   1-A, Positive Fixed Voltage, Low-Dropout Regulator
TLV1171 TI-TLV1171_15 Datasheet
805Kb / 18P
[Old version datasheet]   1-A, Positive Fixed-Voltage, Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com