Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NUS3065MU Datasheet(PDF) 9 Page - ON Semiconductor

Part # NUS3065MU
Description  Low Profile Overvoltage Protection IC with Integrated MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUS3065MU Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NUS3065MU Datasheet HTML 2Page - ON Semiconductor NUS3065MU Datasheet HTML 3Page - ON Semiconductor NUS3065MU Datasheet HTML 4Page - ON Semiconductor NUS3065MU Datasheet HTML 5Page - ON Semiconductor NUS3065MU Datasheet HTML 6Page - ON Semiconductor NUS3065MU Datasheet HTML 7Page - ON Semiconductor NUS3065MU Datasheet HTML 8Page - ON Semiconductor NUS3065MU Datasheet HTML 9Page - ON Semiconductor NUS3065MU Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
NUS3065MU
http://onsemi.com
9
CNTR signal
Figure 13. TON CT Waveforms
Input Voltage
TON CT Test
TA=25°C
Output Voltage
TON CT
Figure 14. TOFF CT Waveforms
CNTR signal
Input Voltage
TOFF CT Test
TA=25°C
Output Voltage
TOFF CT


Similar Part No. - NUS3065MU

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUS3045 ONSEMI-NUS3045 Datasheet
216Kb / 2P
   Low cap. diode array for 2 Line High Speed USB protection devic
Rev.1, Nov-2006
NUS3045MN ONSEMI-NUS3045MN Datasheet
129Kb / 12P
   Overvoltage Protection IC with Integrated MOSFET
June, 2006 ??Rev. 4
NUS3045MNT1 ONSEMI-NUS3045MNT1 Datasheet
129Kb / 12P
   Overvoltage Protection IC with Integrated MOSFET
June, 2006 ??Rev. 4
NUS3045MNT1G ONSEMI-NUS3045MNT1G Datasheet
129Kb / 12P
   Overvoltage Protection IC with Integrated MOSFET
June, 2006 ??Rev. 4
NUS3046MN ONSEMI-NUS3046MN Datasheet
138Kb / 7P
   Overvoltage Protection IC with Integrated MOSFET
June, 2006 ??Rev. 1
More results

Similar Description - NUS3065MU

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUS6160MN ONSEMI-NUS6160MN Datasheet
394Kb / 13P
   Low Profile Overvoltage Protection IC with Integrated MOSFET
December, 2008 ??Rev. 0
NUS3055MUTAG ONSEMI-NUS3055MUTAG Datasheet
109Kb / 10P
   Low Profile Overvoltage Protection IC with Integrated MOSFET
December, 2006 ??Rev. 0
NUS6189MN ONSEMI-NUS6189MN Datasheet
179Kb / 14P
   Low Profile Overvoltage Protection IC with Integrated MOSFET
October, 2008 ??Rev. 0
NUS1204MN ONSEMI-NUS1204MN Datasheet
59Kb / 5P
   Overvoltage Protection IC with Integrated MOSFET
June, 2006 ??Rev. 1
NUS2045MN ONSEMI-NUS2045MN Datasheet
129Kb / 12P
   Overvoltage Protection IC with Integrated MOSFET
June, 2006 ??Rev. 4
NUS3046MN ONSEMI-NUS3046MN Datasheet
138Kb / 7P
   Overvoltage Protection IC with Integrated MOSFET
June, 2006 ??Rev. 1
NCP346 ONSEMI-NCP346_06 Datasheet
361Kb / 15P
   Overvoltage Protection IC
September, 2006 ??Rev. 6
NCP345 ONSEMI-NCP345 Datasheet
57Kb / 8P
   Overvoltage Protection IC
December, 2004 ??Rev. 5
NCP346 ONSEMI-NCP346 Datasheet
386Kb / 15P
   Overvoltage Protection IC
December, 2004 ??Rev. 4
NCP345 ONSEMI-NCP345_06 Datasheet
66Kb / 8P
   Overvoltage Protection IC
March, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com