Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7129 Datasheet(PDF) 10 Page - Microchip Technology

Part # TC7129
Description  4-1/2 Digit Analog-to-Digital Converters with On-Chip LCD Drivers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7129 Datasheet(HTML) 10 Page - Microchip Technology

Back Button TC7129_06 Datasheet HTML 6Page - Microchip Technology TC7129_06 Datasheet HTML 7Page - Microchip Technology TC7129_06 Datasheet HTML 8Page - Microchip Technology TC7129_06 Datasheet HTML 9Page - Microchip Technology TC7129_06 Datasheet HTML 10Page - Microchip Technology TC7129_06 Datasheet HTML 11Page - Microchip Technology TC7129_06 Datasheet HTML 12Page - Microchip Technology TC7129_06 Datasheet HTML 13Page - Microchip Technology TC7129_06 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
TC7129
DS21459D-page 10
© 2006 Microchip Technology Inc.
4.2.3
+5V Power Supply
Measurements are made with respect to power supply
ground. COMMON (pin 28) is connected to REF LO
(pin 35). A voltage doubler is needed, since the supply
voltage is less than the 6V minimum needed by the
TC7129. DGND (pin 36) must be isolated from power
supply ground (see Figure 4-3).
Figure 4-3:
Powering the TC7129 From
a +5V Power Supply.
4.3
Connecting to External Logic
External logic can be directly referenced to DGND
(pin 36), provided that the supply current of the external
logic does not exceed the sink current of DGND
(Figure 4-4). A safe value for DGND sink current is
1.2 mA. If the sink current is expected to exceed this
value, a buffer is recommended (see Figure 4-5).
Figure 4-4:
External Logic Referenced
Directly to DGND.
Figure 4-5:
External Logic Referenced
to DGND with Buffer.
4.4
Temperature Compensation
For most applications, VDISP (pin 19) can be connected
directly to DGND (pin 36). For applications with a wide
temperature range, some LCDs require that the drive
levels vary with temperature to maintain good viewing
angle and display contrast. Figure 4-6 shows two
circuits that can be adjusted to give temperature com-
pensation of about 10 mV/°C between V+ (pin 24) and
VDISP. The diode between DGND and VDISP should
have a low turn-on voltage because VDISP cannot
exceed 0.3V below DGND.
V–
V+
DGND
+
10 µF
+
8
2
4
10 µF
+
3
VIN
5
24
34
35
28
33
32
23
36
TC7660
V+
GND
0.1 µF
0.1 µF
+5V
TC7129
External
Logic
DGND
V
+
36
24
23
ILOGIC
TC7129
V-
+
External
Logic
ILOGIC
DGND
23
24
V+
36
TC7129
V–


Similar Part No. - TC7129_06

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC7129CKW TELCOM-TC7129CKW Datasheet
214Kb / 15P
   4-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTER WITH ON-CHIP LCD DRIVERS
logo
Microchip Technology
TC7129CKW MICROCHIP-TC7129CKW Datasheet
550Kb / 24P
   4-1/2 Digit Analog-to-Digital Converters with On-Chip LCD Drivers
2002
TC7129CKW MICROCHIP-TC7129CKW Datasheet
452Kb / 28P
   4-1/2 Digit Analog-to-Digital Converters with On-Chip LCD Drivers
11/29/12
logo
TelCom Semiconductor, I...
TC7129CLW TELCOM-TC7129CLW Datasheet
214Kb / 15P
   4-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTER WITH ON-CHIP LCD DRIVERS
logo
Microchip Technology
TC7129CLW MICROCHIP-TC7129CLW Datasheet
550Kb / 24P
   4-1/2 Digit Analog-to-Digital Converters with On-Chip LCD Drivers
2002
More results

Similar Description - TC7129_06

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC7129 MICROCHIP-TC7129 Datasheet
550Kb / 24P
   4-1/2 Digit Analog-to-Digital Converters with On-Chip LCD Drivers
2002
TC7129 MICROCHIP-TC7129_13 Datasheet
452Kb / 28P
   4-1/2 Digit Analog-to-Digital Converters with On-Chip LCD Drivers
11/29/12
logo
TelCom Semiconductor, I...
TC7129 TELCOM-TC7129 Datasheet
214Kb / 15P
   4-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTER WITH ON-CHIP LCD DRIVERS
logo
Texas Instruments
ICL7135C TI-ICL7135C_08 Datasheet
448Kb / 16P
[Old version datasheet]   4 1/2-DIGIT PRECISION ANALOG-TO-DIGITAL CONVERTERS
logo
Microchip Technology
TC7106 MICROCHIP-TC7106_06 Datasheet
534Kb / 32P
   3-1/2 Digit Analog-to-Digital Converters
2006
TC7126 MICROCHIP-TC7126_06 Datasheet
429Kb / 26P
   3-1/2 Digit Analog-to-Digital Converters
2006
logo
Texas Instruments
ICL7135C TI1-ICL7135C_16 Datasheet
677Kb / 18P
[Old version datasheet]   1/2-DIGIT PRECISION ANALOG-TO-DIGITAL CONVERTERS
logo
Microchip Technology
TC7106 MICROCHIP-TC7106 Datasheet
623Kb / 26P
   3-1/2 Digit Analog-to-Digital Converters
2002
TC7126 MICROCHIP-TC7126 Datasheet
553Kb / 22P
   3-1/2 Digit Analog-to-Digital Converters
2002
logo
TelCom Semiconductor, I...
TC7126 TELCOM-TC7126 Datasheet
198Kb / 13P
   3-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com