Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC4428AVUA Datasheet(PDF) 7 Page - Microchip Technology

Part # TC4428AVUA
Description  1.5A Dual High-Speed Power MOSFET Drivers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4428AVUA Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC4428AVUA Datasheet HTML 3Page - Microchip Technology TC4428AVUA Datasheet HTML 4Page - Microchip Technology TC4428AVUA Datasheet HTML 5Page - Microchip Technology TC4428AVUA Datasheet HTML 6Page - Microchip Technology TC4428AVUA Datasheet HTML 7Page - Microchip Technology TC4428AVUA Datasheet HTML 8Page - Microchip Technology TC4428AVUA Datasheet HTML 9Page - Microchip Technology TC4428AVUA Datasheet HTML 10Page - Microchip Technology TC4428AVUA Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
© 2006 Microchip Technology Inc.
DS21423F-page 7
TC4426A/TC4427A/TC4428A
Note: Unless otherwise indicated, over operating temperature range with 4.5V
≤ VDD ≤ 18V.
FIGURE 2-13:
Supply Current vs.
Frequency.
FIGURE 2-14:
Quiescent Supply Current
vs. Voltage.
FIGURE 2-15:
Supply Current vs.
Capacitive Load.
FIGURE 2-16:
Quiescent Supply Current
vs. Temperature.
0
500
1000
1500
2000
2500
30
25
20
15
10
5
0
35
40
FREQUENCY (kHz)
VDD = 6V
CL = 2200 pF
CL = 1500 pF
CL = 1000 pF
CL = 100 pF
TA = 25°C
BOTH INPUTS = 1
0
5
10
15
20
800
700
600
500
400
200
100
0
300
900
VDD (V)
BOTH INPUTS = 0
0
500
1000
1500
2000
2500
30
25
15
10
5
0
35
40
CLOAD (pF)
VDD = 6V
900 kHz
600 kHz
200 kHz
20 kHz
2 MHz
20
-100
-50
0
50
100
150
1000
900
800
700
600
400
300
200
100
0
500
1100
TEMPERATURE (
°C)
VDD = 18V
BOTH INPUTS = 1
BOTH INPUTS = 0


Similar Part No. - TC4428AVUA

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC4428A TELCOM-TC4428A Datasheet
64Kb / 5P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC4428A MICROCHIP-TC4428A Datasheet
501Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
2002
TC4428A MICROCHIP-TC4428A Datasheet
347Kb / 20P
   1.5A Dual High-Speed Power MOSFET Drivers
11/27/12
logo
TelCom Semiconductor, I...
TC4428ACOA TELCOM-TC4428ACOA Datasheet
64Kb / 5P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC4428ACOA MICROCHIP-TC4428ACOA Datasheet
501Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
2002
More results

Similar Description - TC4428AVUA

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC426 TELCOM-TC426 Datasheet
76Kb / 5P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC4426 MICROCHIP-TC4426 Datasheet
66Kb / 9P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
2001
TC4426M MICROCHIP-TC4426M Datasheet
209Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2005
TC4426 MICROCHIP-TC4426_V01 Datasheet
976Kb / 28P
   1.5A Dual High-Speed Power MOSFET Drivers
2006-2014
TC426 MICROCHIP-TC426_13 Datasheet
514Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
TC4426M MICROCHIP-TC4426M_13 Datasheet
239Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
11/29/12
TC4426 MICROCHIP-TC4426_13 Datasheet
356Kb / 20P
   1.5A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
TC426 MICROCHIP-TC426_06 Datasheet
587Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426 MICROCHIP-TC4426_06 Datasheet
444Kb / 20P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426A MICROCHIP-TC4426A Datasheet
501Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com