Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC514CPJ Datasheet(PDF) 4 Page - Microchip Technology

Part # TC514CPJ
Description  Precision Analog Front Ends
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC514CPJ Datasheet(HTML) 4 Page - Microchip Technology

  TC514CPJ Datasheet HTML 1Page - Microchip Technology TC514CPJ Datasheet HTML 2Page - Microchip Technology TC514CPJ Datasheet HTML 3Page - Microchip Technology TC514CPJ Datasheet HTML 4Page - Microchip Technology TC514CPJ Datasheet HTML 5Page - Microchip Technology TC514CPJ Datasheet HTML 6Page - Microchip Technology TC514CPJ Datasheet HTML 7Page - Microchip Technology TC514CPJ Datasheet HTML 8Page - Microchip Technology TC514CPJ Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
TC500/A/510/514
DS21428D-page 4
© 2006 Microchip Technology Inc.
Voltage Reference
Range
VREF
VSS +1
VDD – 1
VSS +1
VDD – 1
V
VREF- VREF+
Digital
Comparator Logic 1,
Output High
VOH
4—
4
V
ISOURCE = 400 μA
Comparator Logic 0,
Output Low
VOL
0.4
0.4
V
ISINK = 2.1 mA
Logic 1, Input High
Voltage
VIH
3.5
3.5
V
Logic 0, Input Low
Voltage
VIL
——
1
1
V
Logic Input Current
IL
——
0.3
μA
Logic ‘1’ or ‘0
Comparator Delay
tD
—2
3
μsec
Multiplexer (TC514 Only)
Maximum Input
Voltage
-2.5
2.5
-2.5
2.5
V
VDD = 5V
Drain/Source ON
Resistance
RDSON
6
10
k
Ω
VDD = 5V
Power (TC510/TC514 Only)
Supply Current
IS
1.8
2.4
3.5
mA
VDD = 5V, A = 1, B = 1
Power Dissipation
PD
—18—
mW
VDD = 5V
Positive Supply
Operating Voltage
Range
VDD
4.5
5.5
4.5
5.5
V
Operating Source
Resistance
ROUT
60
85
100
Ω
IOUT = 10 mA
Oscillator Frequency
100
kHz
Note 1
Maximum Current
Out
IOUT
-10
-10
mA
VDD = 5V
Power (TC500/TC500A Only)
Supply Current
IS
1
1.5
2.5
mA
VS = ±5V, A = B = 1
Power Dissipation
PD
—10—
mW
VDD = 5V, VSS = -5V
Positive Supply
Operating Range
VDD
4.5
7.5
4.5
7.5
V
Negative Supply
Operating Range
VSS
-4.5
-7.5
- 4.5
-7.5
V
DC CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise specified, TC510/TC514: VDD = +5V, TC500/TC500A: VSS = ±5V.
CAZ = CREF = 0.47 μF.
Parameters
Sym
TA = +25°C
TA = 0°C to 70°C
Units
Conditions
Min.
Typ.
Max.
Min.
Typ.
Max.
Note
1:
Integrate time
≥ 66 msec, auto-zero time ≥ 66 msec, VINT (peak) ≈ 4V.
2:
End point linearity at ±1/4, ±1/2, ±3/4 F.S. after full-scale adjustment.
3:
Rollover error is related to CINT, CREF, CAZ characteristics.


Similar Part No. - TC514CPJ

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC514CPJ TELCOM-TC514CPJ Datasheet
209Kb / 17P
   PRECISION ANALOG FRONT ENDS
logo
Microchip Technology
TC514CPJ MICROCHIP-TC514CPJ Datasheet
565Kb / 28P
   Precision Analog Front Ends
2002
TC514CPJ MICROCHIP-TC514CPJ Datasheet
588Kb / 38P
   Precision Analog Front Ends with Dual Slope ADC
2008
More results

Similar Description - TC514CPJ

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC500 MICROCHIP-TC500 Datasheet
565Kb / 28P
   Precision Analog Front Ends
2002
logo
TelCom Semiconductor, I...
TC500 TELCOM-TC500 Datasheet
209Kb / 17P
   PRECISION ANALOG FRONT ENDS
logo
Microchip Technology
TC500 MICROCHIP-TC500_08 Datasheet
588Kb / 38P
   Precision Analog Front Ends with Dual Slope ADC
2008
logo
Analog Devices
AD1018 AD-AD1018 Datasheet
72Kb / 2P
   High Precision Analog Front End
AD8450 AD-AD8450_17 Datasheet
1Mb / 42P
   Precision Analog Front End and Controller
AD8452 AD-AD8452 Datasheet
743Kb / 35P
   Precision Integrated Analog Front End, Controller
ADPD105 AD-ADPD105 Datasheet
884Kb / 66P
   Photometric Front Ends
ADPD1080 AD-ADPD1080 Datasheet
1Mb / 74P
   Photometric Front Ends
AD1030 AD-AD1030 Datasheet
78Kb / 2P
   High Precision Analog Front End with TEC/PMIC
Rev. Sp0
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
   Analog Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com