Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HL6553FG Datasheet(PDF) 2 Page - Opnext. Inc.

Part # HL6553FG
Description  Visible High Power Laser Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPNEXT [Opnext. Inc.]
Direct Link  http://www.opnext.com
Logo OPNEXT - Opnext. Inc.

HL6553FG Datasheet(HTML) 2 Page - Opnext. Inc.

  HL6553FG Datasheet HTML 1Page - Opnext. Inc. HL6553FG Datasheet HTML 2Page - Opnext. Inc. HL6553FG Datasheet HTML 3Page - Opnext. Inc. HL6553FG Datasheet HTML 4Page - Opnext. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HL6553FG
Rev.3 Aug. 29, 2006 page 2 of 4
Typical Characteristic Curves
Case temperature, TC (°C)
Slope Efficiency vs. Case Temperature
1.2
1.0
0.6
0.8
0.4
0
010
20 30
40
50
60
70 80
Case temperature, TC (°C)
Threshold Current vs. Case Temperature
080
70
60
50
40
30
20
10
100
10
0.2
50
Angle,
θ ( ° )
Far Feild Pattern
–40
–10
0
102030
–20
–30
40
1.0
0.8
0.6
0.4
0.2
0
PO = 120mW
TC = 25°C
Perpendicular
Parallel
0200
150
100
50
140
0
Forward current, IF (mA)
Optical Output Power vs. Forward Current
250 300
80
40
TC = 25°C
TC = 0°C
TC = 60°C
Case temperature, TC (°C)
Wavelength vs. Case Temperature
060
40
20
680
665
660
655
650
80
670
100
675
645
640
0
Case temperature, TC (°C)
50
60
10
40
30
20
1.0
0.8
0.6
0.4
0
Monitor Current vs. Case Temperature
100
60
20
70 80
PO = 120 mW
VR(PD) = 5 V
PO = 120mW
120


Similar Part No. - HL6553FG

ManufacturerPart #DatasheetDescription
logo
Opnext. Inc.
HL6554MG OPNEXT-HL6554MG Datasheet
93Kb / 4P
   AlGaInP Laser Diodes
HL6555G OPNEXT-HL6555G Datasheet
93Kb / 4P
   Visible High Power Laser Diode for Measurement
HL6556MG OPNEXT-HL6556MG Datasheet
80Kb / 3P
   AlGaInP Laser Diodes
HL6557MG OPNEXT-HL6557MG Datasheet
80Kb / 3P
   AlGaInP Laser Diodes
More results

Similar Description - HL6553FG

ManufacturerPart #DatasheetDescription
logo
Opnext. Inc.
HL6501MG OPNEXT-HL6501MG Datasheet
93Kb / 4P
   Visible High Power Laser Diode
logo
Roithner LaserTechnik G...
RLT635_100G ROITHNER-RLT635_100G Datasheet
109Kb / 2P
   High Power Visible Laser Diode
RLT650_200G ROITHNER-RLT650_200G Datasheet
186Kb / 3P
   High Power Visible Laser Diode
RLT65300T ROITHNER-RLT65300T Datasheet
128Kb / 3P
   High Power Visible Laser Diode
RLT635-100GPD ROITHNER-RLT635-100GPD Datasheet
186Kb / 3P
   high power visible laser diode
logo
Opnext. Inc.
HL6750MG OPNEXT-HL6750MG Datasheet
93Kb / 4P
   Visible High Power Laser Diode
HL6513FM OPNEXT-HL6513FM Datasheet
95Kb / 4P
   Visible High Power Laser Diode
HL6525MG OPNEXT-HL6525MG Datasheet
95Kb / 4P
   Visible High Power Laser Diode
logo
Hitachi Semiconductor
HL6738MG HITACHI-HL6738MG Datasheet
38Kb / 9P
   Visible High Power Laser Diode
logo
Opnext. Inc.
HL6526FM OPNEXT-HL6526FM Datasheet
95Kb / 4P
   Visible High Power Laser Diode
logo
Hitachi Semiconductor
HL7859MG HITACHI-HL7859MG Datasheet
27Kb / 5P
   Visible High Power Laser Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com