Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC4427EPA Datasheet(PDF) 1 Page - Microchip Technology

Part # TC4427EPA
Description  1.5A Dual High-Speed Power MOSFET Drivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4427EPA Datasheet(HTML) 1 Page - Microchip Technology

  TC4427EPA Datasheet HTML 1Page - Microchip Technology TC4427EPA Datasheet HTML 2Page - Microchip Technology TC4427EPA Datasheet HTML 3Page - Microchip Technology TC4427EPA Datasheet HTML 4Page - Microchip Technology TC4427EPA Datasheet HTML 5Page - Microchip Technology TC4427EPA Datasheet HTML 6Page - Microchip Technology TC4427EPA Datasheet HTML 7Page - Microchip Technology TC4427EPA Datasheet HTML 8Page - Microchip Technology TC4427EPA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
© 2006 Microchip Technology Inc.
DS21422D-page 1
TC4426/TC4427/TC4428
Features:
• High Peak Output Current – 1.5A
• Wide Input Supply Voltage Operating Range:
- 4.5V to 18V
• High Capacitive Load Drive Capability – 1000 pF
in 25 ns (typ.)
• Short Delay Times – 40 ns (typ.)
• Matched Rise and Fall Times
• Low Supply Current:
- With Logic ‘1’ Input – 4 mA
- With Logic ‘0’ Input – 400
μA
• Low Output Impedance – 7
Ω
• Latch-Up Protected: Will Withstand 0.5A Reverse
Current
• Input Will Withstand Negative Inputs Up to 5V
• ESD Protected – 4 kV
• Pin-compatible with the TC426/TC427/TC428
• Space-saving 8-Pin MSOP and 8-Pin 6x5 DFN
Packages
Applications:
• Switch Mode Power Supplies
• Line Drivers
• Pulse Transformer Drive
General Description:
The TC4426/TC4427/TC4428 are improved versions
of the earlier TC426/TC427/TC428 family of MOSFET
drivers. The TC4426/TC4427/TC4428 devices have
matched rise and fall times when charging and
discharging the gate of a MOSFET.
These devices are highly latch-up resistant under any
conditions within their power and voltage ratings. They
are not subject to damage when up to 5V of noise spik-
ing (of either polarity) occurs on the ground pin. They
can accept, without damage or logic upset, up to
500 mA of reverse current (of either polarity) being
forced back into their outputs. All terminals are fully
protected against Electrostatic Discharge (ESD) up to
4kV.
The TC4426/TC4427/TC4428 MOSFET drivers can
easily charge/discharge 1000 pF gate capacitances in
under 30 ns. These devices provide low enough
impedances in both the on and off states to ensure the
MOSFET’s intended state will not be affected, even by
large transients.
Other compatible drivers are the TC4426A/TC4427A/
TC4428A family of devices. The TC4426A/TC4427A/
TC4428A devices have matched leading and falling
edge input-to-output delay times, in addition to the
matched rise and fall times of the TC4426/TC4427/
TC4428 devices.
Package Types
Note 1: Exposed pad of the DFN package is electrically isolated.
8-Pin DFN(1)
NC
IN A
GND
IN B
2
3
4
5
6
7
8
1
1
2
3
4
NC
5
6
7
8
OUT A
OUT B
NC
IN A
GND
IN B
VDD
TC4426
TC4427
TC4426 TC4427
NC
OUT A
OUT B
VDD
TC4426
TC4427
TC4428
NC
OUT A
OUT B
VDD
TC4428
TC4428
NC
OUT A
OUT B
VDD
TC4426 TC4427
NC
OUT A
OUT B
VDD
TC4428
NC
OUT A
OUT B
VDD
8-Pin MSOP/
PDIP/SOIC
1.5A Dual High-Speed Power MOSFET Drivers


Similar Part No. - TC4427EPA

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC4427EPA TELCOM-TC4427EPA Datasheet
75Kb / 6P
   1.5A DUAL HIGH-SPEED, POWER MOSFET DRIVERS
TC4427EPA TELCOM-TC4427EPA Datasheet
75Kb / 6P
   1.5A DUAL HIGH-SPEED, POWER MOSFET DRIVERS
logo
Microchip Technology
TC4427EPA MICROCHIP-TC4427EPA Datasheet
66Kb / 9P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
2001
TC4427EPA MICROCHIP-TC4427EPA Datasheet
356Kb / 20P
   1.5A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
TC4427EPA MICROCHIP-TC4427EPA Datasheet
976Kb / 28P
   1.5A Dual High-Speed Power MOSFET Drivers
2006-2014
More results

Similar Description - TC4427EPA

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC426 TELCOM-TC426 Datasheet
76Kb / 5P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC4426 MICROCHIP-TC4426 Datasheet
66Kb / 9P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
2001
TC4426A MICROCHIP-TC4426A_06 Datasheet
427Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426M MICROCHIP-TC4426M Datasheet
209Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2005
TC4426 MICROCHIP-TC4426_V01 Datasheet
976Kb / 28P
   1.5A Dual High-Speed Power MOSFET Drivers
2006-2014
TC426 MICROCHIP-TC426_13 Datasheet
514Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
TC4426M MICROCHIP-TC4426M_13 Datasheet
239Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
11/29/12
TC4426 MICROCHIP-TC4426_13 Datasheet
356Kb / 20P
   1.5A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
TC426 MICROCHIP-TC426_06 Datasheet
587Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426A MICROCHIP-TC4426A Datasheet
501Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com