Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC514 Datasheet(PDF) 3 Page - Microchip Technology

Part # TC514
Description  Precision Analog Front Ends
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC514 Datasheet(HTML) 3 Page - Microchip Technology

  TC514 Datasheet HTML 1Page - Microchip Technology TC514 Datasheet HTML 2Page - Microchip Technology TC514 Datasheet HTML 3Page - Microchip Technology TC514 Datasheet HTML 4Page - Microchip Technology TC514 Datasheet HTML 5Page - Microchip Technology TC514 Datasheet HTML 6Page - Microchip Technology TC514 Datasheet HTML 7Page - Microchip Technology TC514 Datasheet HTML 8Page - Microchip Technology TC514 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
© 2006 Microchip Technology Inc.
DS21428D-page 3
TC500/A/510/514
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings†
TC510/TC514 Positive Supply Voltage
(VDD to GND) .........................................+10.5V
TC500/TC500A Supply Voltage
(VDD to VSS) ..............................................+18V
TC500/TC500A Positive Supply Voltage
(VDD to GND) ............................................+12V
TC500/TC500A Negative Supply Voltage
(VSS to GND)................................................-8V
Analog Input Voltage (VIN+ or VIN-) ............VDD to VSS
Logic Input Voltage...............VDD +0.3V to GND - 0.3V
Voltage on OSC:
........................... -0.3V to (VDD +0.3V) for VDD < 5.5V
Ambient Operating Temperature Range:
................................................................ 0°C to +70°C
Storage Temperature Range: ............. -65°C to +150°C
† Stresses above those listed under “Absolute Maxi-
mum Ratings” may cause permanent damage to the
device. These are stress ratings only and functional
operation of the device at these or any other conditions
above those indicated in the operation sections of the
specifications is not implied. Exposure to Absolute
Maximum Rating conditions for extended periods may
affect device reliability.
DC CHARACTERISTICS
Electrical Specifications: Unless otherwise specified, TC510/TC514: VDD = +5V, TC500/TC500A: VSS = ±5V.
CAZ = CREF = 0.47 μF.
Parameters
Sym
TA = +25°C
TA = 0°C to 70°C
Units
Conditions
Min.
Typ.
Max.
Min.
Typ.
Max.
Analog
Resolution
60
μV
Note 1
Zero-scale Error with
Auto-zero Phase
ZSE
0.005
0.005
0.012
% F.S.
TC500/TC510/TC514
0.003
0.003
0.009
TC500A
End Point Linearity
ENL
0.005
0.015
0.015
0.060
% F.S.
TC500/TC510/TC514
0.010
0.010
0.045
% F.S.
Note 1, Note 2,
TC500A
Best-Case Straight
Line Linearity
NL
0.003
0.008
% F.S.
TC500/TC510/TC514,
Note 1, Note 2
0.005
% F.S.
TC500A
Zero-scale Temp.
Coefficient
ZSTC
———
1
2
μV/°C
Over Operating
Temperature Range
Full-scale Symmetry
Error (Rollover Error)
SYE
0.01
0.03
% F.S.
Note 1
Full-scale
Temperature
Coefficient
FSTC
10
ppm/°C Over Operating
Temperature Range;
External Reference
TC = 0 ppm/°C
Input Current
IIN
—6
pA
VIN = 0V
Common Mode
Voltage Range
VCMR
VSS + 1.5
VDD – 1.5 VSS + 1.5
VDD – 1.5
V
Integrator Output
Swing
VSS + 0.9
VDD – 0.9 VSS + 0.9
VSS + 0.9
V
Analog Input Signal
Range
VSS + 1.5
VDD – 1.5 VSS + 1.5
VSS + 1.5
V
ACOM = GND = 0V
Note
1:
Integrate time
≥ 66 msec, auto-zero time ≥ 66 msec, VINT (peak) ≈ 4V.
2:
End point linearity at ±1/4, ±1/2, ±3/4 F.S. after full-scale adjustment.
3:
Rollover error is related to CINT, CREF, CAZ characteristics.


Similar Part No. - TC514

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC514 TELCOM-TC514 Datasheet
209Kb / 17P
   PRECISION ANALOG FRONT ENDS
logo
Microchip Technology
TC514 MICROCHIP-TC514 Datasheet
565Kb / 28P
   Precision Analog Front Ends
2002
TC514 MICROCHIP-TC514 Datasheet
588Kb / 38P
   Precision Analog Front Ends with Dual Slope ADC
2008
logo
Toshiba Semiconductor
TC5141001 TOSHIBA-TC5141001 Datasheet
647Kb / 24P
   4,194,304 WORD x 1 BIT DYNAMIC RAM
TC514100AAZL-10 TOSHIBA-TC514100AAZL-10 Datasheet
632Kb / 21P
   4,194,304 WORD x BIT DYNAMIC RAM
More results

Similar Description - TC514

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC500 MICROCHIP-TC500 Datasheet
565Kb / 28P
   Precision Analog Front Ends
2002
logo
TelCom Semiconductor, I...
TC500 TELCOM-TC500 Datasheet
209Kb / 17P
   PRECISION ANALOG FRONT ENDS
logo
Microchip Technology
TC500 MICROCHIP-TC500_08 Datasheet
588Kb / 38P
   Precision Analog Front Ends with Dual Slope ADC
2008
logo
Analog Devices
AD1018 AD-AD1018 Datasheet
72Kb / 2P
   High Precision Analog Front End
AD8450 AD-AD8450_17 Datasheet
1Mb / 42P
   Precision Analog Front End and Controller
AD8452 AD-AD8452 Datasheet
743Kb / 35P
   Precision Integrated Analog Front End, Controller
ADPD105 AD-ADPD105 Datasheet
884Kb / 66P
   Photometric Front Ends
ADPD1080 AD-ADPD1080 Datasheet
1Mb / 74P
   Photometric Front Ends
AD1030 AD-AD1030 Datasheet
78Kb / 2P
   High Precision Analog Front End with TEC/PMIC
Rev. Sp0
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
   Analog Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com