Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8562Q Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA8562Q
Description  4 x 12 W single-ended car radio power amplifier with dynamic distortion detector and diagnostic interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8562Q Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA8562Q Datasheet HTML 4Page - NXP Semiconductors TDA8562Q Datasheet HTML 5Page - NXP Semiconductors TDA8562Q Datasheet HTML 6Page - NXP Semiconductors TDA8562Q Datasheet HTML 7Page - NXP Semiconductors TDA8562Q Datasheet HTML 8Page - NXP Semiconductors TDA8562Q Datasheet HTML 9Page - NXP Semiconductors TDA8562Q Datasheet HTML 10Page - NXP Semiconductors TDA8562Q Datasheet HTML 11Page - NXP Semiconductors TDA8562Q Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
July 1994
8
Philips Semiconductors
Product specification
4 x 12 W single-ended car radio power amplifier with
dynamic distortion detector and diagnostic interface
TDA8562Q
AC CHARACTERISTICS
VP = 14.4 V; RL = 4 Ω; f = 1kHz; Tamb = 25 °C; measured in Fig.6; unless otherwise specified.
Notes
1. The circuit is DC adjusted at VP = 6 to 18 V and AC operating at VP = 8.5 to 18 V.
2. At 18 V < VP < 30 V the DC output voltage ≤ VP/2.
3. Output power is measured directly at the output pins of the IC.
4. Frequency response externally fixed.
5. Ripple rejection measured at the output with a source-impedance of 0
Ω, maximum ripple amplitude of 2 V (p-p) and
at a frequency of between 100 Hz and 10 kHz.
6. Noise measured in a bandwidth of 20 Hz to 20 kHz.
7. Noise output voltage independent of Rs (VI = 0 V).
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
PO
output power
note 3
THD = 0.5%
4
5
W
THD = 10%
5.5
7
W
THD
total harmonic distortion
PO = 1 W
0.1
%
PO
output power
RL = 2 Ω; note 3
THD = 0.5%
10
W
THD = 10%
12
W
fl
low frequency roll-off
at
−3 dB; note 4
45
Hz
fh
high frequency roll-off
at
−1 dB
20
−−
kHz
Gv
closed loop voltage gain
19
20
21
dB
RR
supply voltage ripple rejection
note 5
on
48
−−
dB
mute
48
−−
dB
stand-by
80
−−
dB
ZI
input impedance
50
60
75
k
Vno
noise output voltage
on
Rs = 0Ω; note 6
50
−µV
on
Rs = 10 kΩ; note 6
70
100
µV
mute
notes 6 and 7
50
−µV
α
channel separation
Rs = 10 kΩ
40
−−
dB
∆Gv
channel unbalance
−−
1dB
Dynamic distortion detector
THD
total harmonic distortion
V16 ≤ 0.6 V;
no short-circuit
10
%


Similar Part No. - TDA8562Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8560 PHILIPS-TDA8560 Datasheet
105Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1996 Jan 08
TDA8560Q PHILIPS-TDA8560Q Datasheet
105Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1996 Jan 08
TDA8561 PHILIPS-TDA8561 Datasheet
117Kb / 24P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
1999 Jun 30
TDA8561Q PHILIPS-TDA8561Q Datasheet
117Kb / 24P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
1999 Jun 30
TDA8561Q PHILIPS-TDA8561Q_15 Datasheet
133Kb / 24P
   2 X24 W BTL or 4 X12 W single-ended car radio power amplifier
1999 Jun 30
More results

Similar Description - TDA8562Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8565Q PHILIPS-TDA8565Q Datasheet
104Kb / 14P
   4 x 12 W single-ended car radio power amplifier with diagnostic interface
1995 Dec 08
TDA8561Q PHILIPS-TDA8561Q Datasheet
117Kb / 24P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
1999 Jun 30
TDA8564Q PHILIPS-TDA8564Q Datasheet
81Kb / 15P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
February 1995
TDA1555Q PHILIPS-TDA1555Q Datasheet
112Kb / 11P
   4 x 11 W single-ended or 2 x 22 W power amplifier with distortion detector
May 1992
TDA1558Q PHILIPS-TDA1558Q Datasheet
100Kb / 11P
   2 x 22 W or 4 x 11 W single-ended car radio power amplifier
May 1992
TDA1020 PHILIPS-TDA1020 Datasheet
69Kb / 9P
   12 W car radio power amplifier
November 1982
TDA1551Q PHILIPS-TDA1551Q Datasheet
112Kb / 17P
   2 x 22 W BTL car radio power amplifier with diagnostic facility
July 1994
TDA8561Q PHILIPS-TDA8561Q_15 Datasheet
133Kb / 24P
   2 X24 W BTL or 4 X12 W single-ended car radio power amplifier
1999 Jun 30
TDA8566Q PHILIPS-TDA8566Q Datasheet
110Kb / 12P
   2 x 25 W BTL stereo car radio power amplifier with differential inputs and diagnostic outputs
1998 Sep 23
TDA8567Q PHILIPS-TDA8567Q Datasheet
257Kb / 20P
   4 x 25 W BTL quad car radio power amplifier
1998 Sep 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com