Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7662A Datasheet(PDF) 9 Page - Microchip Technology

Part # TC7662A
Description  Charge Pump DC-to-DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7662A Datasheet(HTML) 9 Page - Microchip Technology

Back Button TC7662A_02 Datasheet HTML 5Page - Microchip Technology TC7662A_02 Datasheet HTML 6Page - Microchip Technology TC7662A_02 Datasheet HTML 7Page - Microchip Technology TC7662A_02 Datasheet HTML 8Page - Microchip Technology TC7662A_02 Datasheet HTML 9Page - Microchip Technology TC7662A_02 Datasheet HTML 10Page - Microchip Technology TC7662A_02 Datasheet HTML 11Page - Microchip Technology TC7662A_02 Datasheet HTML 12Page - Microchip Technology TC7662A_02 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
 2002 Microchip Technology Inc.
DS21468B-page 9
TC7662A
5.0
TYPICAL CHARACTERISTICS
Circuit of Figure 3-1, CP = CR = 10µF, CESRCP ≈ CESRCR ≈ 1Ω, TA = 25°C unless otherwise noted.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein are
not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
700
600
500
400
300
200
100
-60
-40
-20
0
20
40
60
80
100 120 140
TEMPERATURE (
°C)
VDD = 15V
VDD = 5V
0
Supply Current vs. Temperature
20
18
16
14
12
10
8
-60
-40
-20
0
20
40
60
80
100 120 140
TEMPERATURE (
°C)
6
Frequency vs. Temperature
100
LOAD CURRENT (mA)
Power Conversion Efficiency vs. ILOAD
16
32
48
64
80
80
60
40
20
90
70
50
30
10
824
40
56
72
0
150
120
90
60
30
135
105
75
45
15
0
Efficiency
Supply
Current
110
TA = +25°C
165
1k
100
1
10
100
1000
10,000
CAPACITANCE (pF)
10
Oscillator Frequency vs. COSC
10k
TA
T = +25
°C
160
140
120
100
80
60
40
-60
-40
-20
0
20
40
60
80
100 120 140
TEMPERATURE (
°C)
VDD = 15V, IL = 20mA
Output Resistance vs. Temperature
20
VDD = 5V, IL = 3mA
100
INPUT VOLTAGE (V)
Output Resistance vs. Input Voltage
4
8
12
16
20
80
60
40
20
90
70
50
30
10
2
6
10
14
18
0
110
IL = 20mA
TA = +25°C


Similar Part No. - TC7662A_02

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC7662ACPA TELCOM-TC7662ACPA Datasheet
62Kb / 5P
   CHARGE PUMP DC-TO-DC CONVERTER
logo
Microchip Technology
TC7662ACPA MICROCHIP-TC7662ACPA Datasheet
53Kb / 7P
   CHARGE PUMP DC-TO-DC CONVERTER
2001
TC7662ACPA MICROCHIP-TC7662ACPA Datasheet
231Kb / 16P
   Charge Pump DC-to-DC Converter
11/29/12
logo
TelCom Semiconductor, I...
TC7662AEPA TELCOM-TC7662AEPA Datasheet
62Kb / 5P
   CHARGE PUMP DC-TO-DC CONVERTER
logo
Microchip Technology
TC7662AEPA MICROCHIP-TC7662AEPA Datasheet
53Kb / 7P
   CHARGE PUMP DC-TO-DC CONVERTER
2001
More results

Similar Description - TC7662A_02

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC7662A MICROCHIP-TC7662A_13 Datasheet
231Kb / 16P
   Charge Pump DC-to-DC Converter
11/29/12
logo
TelCom Semiconductor, I...
TC7662A TELCOM-TC7662A Datasheet
62Kb / 5P
   CHARGE PUMP DC-TO-DC CONVERTER
logo
Microchip Technology
TC7662A MICROCHIP-TC7662A Datasheet
53Kb / 7P
   CHARGE PUMP DC-TO-DC CONVERTER
2001
TC7660 MICROCHIP-TC7660 Datasheet
91Kb / 12P
   CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
logo
ON Semiconductor
MC7660 ONSEMI-MC7660 Datasheet
191Kb / 12P
   Charge Pump DC-to-DC Voltage Converter
February, 2000 ??Rev. 2
logo
Microchip Technology
TC1044S MICROCHIP-TC1044S Datasheet
92Kb / 11P
   Charge Pump DC-TO-DC Voltage Converter
2001
logo
TelCom Semiconductor, I...
TC1044S TELCOM-TC1044S Datasheet
141Kb / 8P
   CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
TC7662B TELCOM-TC7662B Datasheet
133Kb / 9P
   CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
logo
Microchip Technology
TC7660 MICROCHIP-TC7660_16 Datasheet
1Mb / 20P
   Charge Pump DC-to-DC Voltage Converter
11/29/11
TC7660 MICROCHIP-TC7660_02 Datasheet
386Kb / 18P
   Charge Pump DC-to-DC Voltage Converter
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com