Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC911B Datasheet(PDF) 2 Page - Microchip Technology

Part # TC911B
Description  Monolithic Auto-Zeroed Operational Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC911B Datasheet(HTML) 2 Page - Microchip Technology

  TC911B Datasheet HTML 1Page - Microchip Technology TC911B Datasheet HTML 2Page - Microchip Technology TC911B Datasheet HTML 3Page - Microchip Technology TC911B Datasheet HTML 4Page - Microchip Technology TC911B Datasheet HTML 5Page - Microchip Technology TC911B Datasheet HTML 6Page - Microchip Technology TC911B Datasheet HTML 7Page - Microchip Technology TC911B Datasheet HTML 8Page - Microchip Technology TC911B Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TC911A/TC911B
DS21481C-page 2
© 2005 Microchip Technology Inc.
General Description
The TC911 CMOS auto-zeroed operational amplifier is
the first complete monolithic chopper stabilized ampli-
fier. Chopper operational amplifiers like the ICL7650/
7652 and LTC1052 require user supplied, external off-
set compensation storage capacitors. External capac-
itors are not required with the TC911. Just as easy
to use as the conventional OP07 type amplifier, the
TC911 significantly reduces offset voltage errors.
Pinout matches the OP07/741/7650 8-pin mini-DIP
configuration.
Several system benefits arise by eliminating the exter-
nal chopper capacitors: lower system parts count,
reduced assembly time and cost, greater system reli-
ability, reduced PC board layout effort and greater
board area utilization. Space savings can be significant
in multiple amplifier designs.
Electrical specifications include 15
μV maximum offset
voltage and 0.15
μV/°C maximum offset voltage tem-
perature co-efficient. Offset voltage error is five times
lower than the premium OP07E bipolar device. The
TC911 improves offset drift performance by eight
times.
The TC911 operates from dual or single power sup-
plies. Supply current is typically 350
μA. Single 4.5V to
16V supply operation is possible, making single 9V bat-
tery operation possible. The TC911 is available in 2
package types: 8-pin plastic DIP and SOIC.
Functional Block Diagram
+
+
VDD
V
SS
TC911A
TC911B
-Input
+Input
A
2
3
47
B
*
*
A
B
6
Main Amplifier
Low Impedance
Output Buffer
Internal Oscillator
(FOSC
200HZ)
VOS
Correction Amplifier
+
Output
Note: Internal capacitors. No external capacitors required.


Similar Part No. - TC911B

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC911B TELCOM-TC911B Datasheet
69Kb / 5P
   AUTO-ZEROED OPERATIONAL AMPLIFIERS
logo
Microchip Technology
TC911B MICROCHIP-TC911B Datasheet
60Kb / 7P
   Monolithic Auto-Zeroed Operational Amplifers
2001
logo
TelCom Semiconductor, I...
TC911BCOA TELCOM-TC911BCOA Datasheet
69Kb / 5P
   AUTO-ZEROED OPERATIONAL AMPLIFIERS
logo
Microchip Technology
TC911BCOA MICROCHIP-TC911BCOA Datasheet
60Kb / 7P
   Monolithic Auto-Zeroed Operational Amplifers
2001
logo
TelCom Semiconductor, I...
TC911BCPA TELCOM-TC911BCPA Datasheet
69Kb / 5P
   AUTO-ZEROED OPERATIONAL AMPLIFIERS
More results

Similar Description - TC911B

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC911A TELCOM-TC911A Datasheet
69Kb / 5P
   AUTO-ZEROED OPERATIONAL AMPLIFIERS
logo
Microchip Technology
TC913A MICROCHIP-TC913A_13 Datasheet
205Kb / 14P
   Dual Auto-Zeroed Operational Amplifiers
11/29/12
TC913A MICROCHIP-TC913A_06 Datasheet
259Kb / 12P
   Dual Auto-Zeroed Operational Amplifiers
2006
TC913A MICROCHIP-TC913A Datasheet
429Kb / 12P
   Dual Auto-Zeroed Operational Amplifiers
2002
TC911A MICROCHIP-TC911A Datasheet
60Kb / 7P
   Monolithic Auto-Zeroed Operational Amplifers
2001
TC901 MICROCHIP-TC901 Datasheet
50Kb / 6P
   Dual Auto-Zeroed Operational Amplifiers
2001
logo
TelCom Semiconductor, I...
TC913A TELCOM-TC913A Datasheet
48Kb / 4P
   DUAL AUTO-ZEROED OPERATIONAL AMPLIFIERS
TC901 TELCOM-TC901 Datasheet
55Kb / 4P
   MONOLITHIC, AUTO-ZEROED OPERATIONAL AMPLIFIER
logo
Teledyne Technologies I...
TC915 TELEDYNE-TC915 Datasheet
941Kb / 8P
   HIGH-VOLTAGE, AUTO-ZEROED OPERATIONAL AMPLIFIER
logo
Analog Devices
PM156A AD-PM156A_15 Datasheet
302Kb / 6P
   MONOLITHIC JFET INPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com