Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1306R-BDVUA Datasheet(PDF) 11 Page - Microchip Technology

Part # TC1306R-BDVUA
Description  Dual 150mA CMOS LDO With Select Mode??Operation, Shutdown and RESET Output
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1306R-BDVUA Datasheet(HTML) 11 Page - Microchip Technology

Back Button TC1306R-BDVUA Datasheet HTML 7Page - Microchip Technology TC1306R-BDVUA Datasheet HTML 8Page - Microchip Technology TC1306R-BDVUA Datasheet HTML 9Page - Microchip Technology TC1306R-BDVUA Datasheet HTML 10Page - Microchip Technology TC1306R-BDVUA Datasheet HTML 11Page - Microchip Technology TC1306R-BDVUA Datasheet HTML 12Page - Microchip Technology TC1306R-BDVUA Datasheet HTML 13Page - Microchip Technology TC1306R-BDVUA Datasheet HTML 14Page - Microchip Technology TC1306R-BDVUA Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
© 2007 Microchip Technology Inc.
DS21527C-page 11
TC1306
7.0
PACKAGING INFORMATION
7.1
Package Marking Information
Package marking data not available at this time.
7.2
Taping Form
7.3
Package Dimensions
Component Taping Orientation for 8-Pin MSOP Devices
Package
Carrier Width (W)
Pitch (P)
Part Per Full Reel
Reel Size
8-Pin MSOP
12 mm
8 mm
2500
13 in
Carrier Tape, Number of Components Per Reel and Reel Size
PIN 1
User Direction of Feed
Standard Reel Component Orientation
for TR Suffix Device
W
P
8-Pin MSOP
.122 (3.10)
.114 (2.90)
.122 (3.10)
.114 (2.90)
.043 (1.10)
MAX.
.006 (0.15)
.002 (0.05)
.016 (0.40)
.010 (0.25)
.197 (5.00)
.189 (4.80)
.008 (0.20)
.005 (0.13)
.028 (0.70)
.016 (0.40)
6
° MAX.
.026 (0.65) TYP.
PIN 1
Dimensions: inches (mm)


Similar Part No. - TC1306R-BDVUA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1306R-BDVUA MICROCHIP-TC1306R-BDVUA Datasheet
524Kb / 16P
   Dual 150mA CMOS LDOWith Select Mode??Operation, Shutdown and RESET Output
2002
More results

Similar Description - TC1306R-BDVUA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1305 MICROCHIP-TC1305 Datasheet
530Kb / 18P
   Dual 150mA CMOS LDO With Select Mode??Operation, Shutdown and Independent RESET Output
2002
TC1306 MICROCHIP-TC1306 Datasheet
524Kb / 16P
   Dual 150mA CMOS LDOWith Select Mode??Operation, Shutdown and RESET Output
2002
TC1307 MICROCHIP-TC1307 Datasheet
553Kb / 28P
   Four-Channel CMOS LDO with Select Mode, Shutdown and Independent Reset
2002
logo
Unisonic Technologies
LR1185 UTC-LR1185_16 Datasheet
172Kb / 4P
   150mA CMOS LDO WITH SHUTDOWN AND REFERENCE BYPASS
LR1185 UTC-LR1185 Datasheet
163Kb / 4P
   150mA CMOS LDO WITH SHUTDOWN AND REFERENCE BYPASS
logo
Semtech Corporation
SC1452 SEMTECH-SC1452 Datasheet
116Kb / 7P
   DUAL 150mA LDO REGULATOR WITH PROGRAMMABLE RESET
logo
TelCom Semiconductor, I...
TC1054 TELCOM-TC1054 Datasheet
123Kb / 12P
   50mA CMOS LDO WITH SHUTDOWN AND ERROR OUTPUT
logo
Microchip Technology
TC56 MICROCHIP-TC56 Datasheet
639Kb / 16P
   150mA, 10V LDO with Shutdown
2002
logo
Semtech Corporation
SC1452 SEMTECH-SC1452_06 Datasheet
288Kb / 15P
   Dual 150mA LDO Regulator with Programmable Reset
logo
Microchip Technology
TC2054 MICROCHIP-TC2054 Datasheet
519Kb / 16P
   50mA, 100mA, and 150mA CMOS LDOs with Shutdown and Error Output
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com