Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC2117-2.5EDTR Datasheet(PDF) 4 Page - Microchip Technology

Part # TC2117-2.5EDTR
Description  800 mA Fixed Low Dropout Positive Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC2117-2.5EDTR Datasheet(HTML) 4 Page - Microchip Technology

  TC2117-2.5EDTR Datasheet HTML 1Page - Microchip Technology TC2117-2.5EDTR Datasheet HTML 2Page - Microchip Technology TC2117-2.5EDTR Datasheet HTML 3Page - Microchip Technology TC2117-2.5EDTR Datasheet HTML 4Page - Microchip Technology TC2117-2.5EDTR Datasheet HTML 5Page - Microchip Technology TC2117-2.5EDTR Datasheet HTML 6Page - Microchip Technology TC2117-2.5EDTR Datasheet HTML 7Page - Microchip Technology TC2117-2.5EDTR Datasheet HTML 8Page - Microchip Technology TC2117-2.5EDTR Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
TC2117
DS21665C-page 4
© 2006 Microchip Technology Inc.
2.0
TYPICAL PERFORMANCE CURVES
FIGURE 2-1:
Line Regulation vs.
Temperature.
FIGURE 2-2:
Output Noise vs. Frequency.
FIGURE 2-3:
Load Regulation vs.
Temperature.
FIGURE 2-4:
IDD vs. Temperature.
FIGURE 2-5:
Dropout Voltage vs. ILOAD.
FIGURE 2-6:
3.0V VOUT vs.Temperature.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0.020
0.018
0.016
0.012
0.010
0.008
0.006
0.004
0.002
0.000
0.014
TEMPERATURE (°C)
-40°C 0°C
25°C
70°C
85°C
125°C
VIN = 3.5V to 6.0V
VOUT = 2.5V
IOUT = 0.1mA
FREQUENCY (kHz)
10.0
1.0
0.01
0.01
1
10
100
1000
0.1
0.0
CIN= 1 μF
= 1 μF
OUT
V
= 6.0V
IN
V
= 5V
OUT
I
= 100 mA
OUT
C
-40°C
0°C
0.0100
0.0090
0.0080
0.0070
0.0060
0.0050
0.0040
0.0030
0.0020
0.0010
0.0100
TEMPERATURE (°C)
1 mA to 800 mA
VOUT = 3V
25°C
70°C
85°C
125°C
TEMPERATURE (°C)
150
135
120
105
90
75
60
45
30
15
0
VOUT = 2.5V
VOUT = 5V
VIN =VOUT+1V
IOUT = 0.1mA
-40°C 0°C
25°C
70°C
85°C
125°C
0.600
0.550
0.500
0.450
0.400
0.350
0.300
0.250
0.200
0.150
0.100
0.050
0.000
0 100 200 300 400 500 600 700 800
ILOAD(mA)
85°C
125°C
-40°C
0°C
25°C
70°C
VOUT = 3V
3.030
3.020
3.010
3.000
2.990
2.980
2.970
2.960
2.950
2.940
2.930
2.920
ILOAD = 0.1 mA
ILOAD = 300 mA
ILOAD = 500 mA
ILOAD = 800 mA
TEMPERATURE (°C)
-40°C 0°C
25°C
70°C
85°C
125°C


Similar Part No. - TC2117-2.5EDTR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC2117-2.5VDB MICROCHIP-TC2117-2.5VDB Datasheet
767Kb / 18P
   800 mA Fixed Low Dropout Positive Regulator
10/19/06
TC2117-2.5VDBTR MICROCHIP-TC2117-2.5VDBTR Datasheet
767Kb / 18P
   800 mA Fixed Low Dropout Positive Regulator
10/19/06
TC2117-2.5VEBTR MICROCHIP-TC2117-2.5VEBTR Datasheet
767Kb / 18P
   800 mA Fixed Low Dropout Positive Regulator
10/19/06
More results

Similar Description - TC2117-2.5EDTR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC2117-33VDBTR MICROCHIP-TC2117-33VDBTR Datasheet
767Kb / 18P
   800 mA Fixed Low Dropout Positive Regulator
10/19/06
logo
Texas Instruments
LM1117 TI1-LM1117_16 Datasheet
2Mb / 36P
[Old version datasheet]   800-mA Low-Dropout Linear Regulator
logo
Galaxy Semi-Conductor H...
BLA1117 BILIN-BLA1117 Datasheet
149Kb / 6P
   800 mA Low-Dropout Linear Regulator
logo
ON Semiconductor
LM1117 ONSEMI-LM1117 Datasheet
215Kb / 13P
   800 mA Low-Dropout Linear Regulator
May, 2020 ??Rev. 0
logo
Toshiba Semiconductor
TCR8BM TOSHIBA-TCR8BM Datasheet
1Mb / 15P
   800 mA CMOS Ultra Low Dropout Regulator
2022-09-02 Rev.4.0
logo
International Rectifier
IRU1011-33 IRF-IRU1011-33 Datasheet
111Kb / 6P
   1.3A LOW DROPOUT POSITIVE FIXED REGULATOR
logo
Microchip Technology
TC2117 MICROCHIP-TC2117 Datasheet
447Kb / 12P
   800mA Fixed Low Dropout Positive Regulator
2002
logo
ON Semiconductor
MC33269D-33G ONSEMI-MC33269D-33G Datasheet
268Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269DG ONSEMI-MC33269DG Datasheet
268Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
MC33269DG ONSEMI-MC33269DG Datasheet
287Kb / 12P
   800 mA, Adjustable Output, Low Dropout Voltage Regulator
April, 2013 ??Rev. 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com