Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8566 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA8566
Description  2 x 25 W BTL stereo car radio power amplifier with differential inputs and diagnostic outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8566 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA8566 Datasheet HTML 1Page - NXP Semiconductors TDA8566 Datasheet HTML 2Page - NXP Semiconductors TDA8566 Datasheet HTML 3Page - NXP Semiconductors TDA8566 Datasheet HTML 4Page - NXP Semiconductors TDA8566 Datasheet HTML 5Page - NXP Semiconductors TDA8566 Datasheet HTML 6Page - NXP Semiconductors TDA8566 Datasheet HTML 7Page - NXP Semiconductors TDA8566 Datasheet HTML 8Page - NXP Semiconductors TDA8566 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1998 Sep 23
2
Philips Semiconductors
Product specification
2
× 25 W BTL stereo car radio power amplifier
with differential inputs and diagnostic outputs
TDA8566Q
FEATURES
• Differential inputs
• Very high Common Mode Rejection Ratio (CMRR)
• High common mode input signal handling
• Requires very few external components
• High output power
• 4 Ω and 2 Ω load driving capability
• Low offset voltage at output
• Fixed gain
• Diagnostic facility (distortion, short-circuit and
temperature pre-warning)
• Good ripple rejection
• Mode select switch (operating, mute and standby)
• Load dump protection
• Short-circuit proof to ground, to VP and across the load
• Low power dissipation in any short-circuit condition
• Thermally protected
• Reverse polarity safe
• Protected against electrostatic discharge
• No switch-on/switch-off plop
• Flexible leads
• Low thermal resistance.
GENERAL DESCRIPTION
The TDA8566Q is an integrated class-B output amplifier
contained in a 17-lead single-in-line (SIL; bent to DIL)
plastic power package. The device contains two amplifiers
in a Bridge-Tied Load configuration (BTL). The output
power is 2
× 25 W in a 4 Ω load or 2 × 40 W in a 2 Ω load.
It has a differential input stage and two diagnostic outputs.
The device is primarily developed for car radio
applications.
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP
operating supply voltage
6
14.4
18
V
IORM
repetitive peak output current
−−
7.5
A
Iq(tot)
total quiescent current
115
mA
Istb
stand-by current
0.1
100
µA
Isw
switch-on current
−−
40
µA
Zi
input impedance
100
120
k
Pout
output power
RL =4 Ω: THD = 10%
25
W
RL =2 Ω: THD = 10%
40
W
SVRR
supply voltage ripple rejection
Rs =0 Ω−
60
dB
α
cs
channel separation
Rs =10kΩ−
50
dB
CMRR
common mode rejection ratio
75
dB
Gv
closed loop voltage gain
25
26
27
dB
Vno
noise output voltage
Rs =0 Ω−
120
µV
Vos
DC output offset voltage
−−
100
mV
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA8566Q
DBS17P
plastic DIL-bent-SIL power package; 17 leads (lead length 12 mm)
SOT243-1


Similar Part No. - TDA8566

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8566 PHILIPS-TDA8566 Datasheet
94Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with differential inputs and diagnostic outputs
2001 Apr 24
TDA8566 NXP-TDA8566 Datasheet
136Kb / 21P
   2 쨈 40 W/2 W stereo BTL car radio power amplifier with differential inputs and diagnostic outputs
Rev. 06-15 October 2007
TDA8566Q NXP-TDA8566Q Datasheet
136Kb / 21P
   2 쨈 40 W/2 W stereo BTL car radio power amplifier with differential inputs and diagnostic outputs
Rev. 06-15 October 2007
TDA8566TH PHILIPS-TDA8566TH Datasheet
94Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with differential inputs and diagnostic outputs
2001 Apr 24
TDA8566TH NXP-TDA8566TH Datasheet
136Kb / 21P
   2 쨈 40 W/2 W stereo BTL car radio power amplifier with differential inputs and diagnostic outputs
Rev. 06-15 October 2007
More results

Similar Description - TDA8566

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8566 PHILIPS-TDA8566_15 Datasheet
137Kb / 21P
   2X40 W/2 W stereo BTL car radio power amplifier with differential inputs and diagnostic outputs
Rev. 06-15 October 2007
TDA8566TH PHILIPS-TDA8566TH Datasheet
94Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with differential inputs and diagnostic outputs
2001 Apr 24
TDA8566 NXP-TDA8566 Datasheet
136Kb / 21P
   2 쨈 40 W/2 W stereo BTL car radio power amplifier with differential inputs and diagnostic outputs
Rev. 06-15 October 2007
TDA8563AQ PHILIPS-TDA8563AQ Datasheet
152Kb / 20P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1997 Feb 20
TDA8563Q PHILIPS-TDA8563Q Datasheet
107Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1996 Jan 08
TDA8560Q PHILIPS-TDA8560Q Datasheet
105Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1996 Jan 08
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1551Q PHILIPS-TDA1551Q Datasheet
112Kb / 17P
   2 x 22 W BTL car radio power amplifier with diagnostic facility
July 1994
TDA1557Q NXP-TDA1557Q Datasheet
67Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier with speaker protection
May 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com