Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24AA04 Datasheet(PDF) 2 Page - Microchip Technology

Part # 24AA04
Description  4K I2C??Serial EEPROM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA04 Datasheet(HTML) 2 Page - Microchip Technology

  24AA04 Datasheet HTML 1Page - Microchip Technology 24AA04 Datasheet HTML 2Page - Microchip Technology 24AA04 Datasheet HTML 3Page - Microchip Technology 24AA04 Datasheet HTML 4Page - Microchip Technology 24AA04 Datasheet HTML 5Page - Microchip Technology 24AA04 Datasheet HTML 6Page - Microchip Technology 24AA04 Datasheet HTML 7Page - Microchip Technology 24AA04 Datasheet HTML 8Page - Microchip Technology 24AA04 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
24AA04/24LC04B
DS21708G-page 2
© 2007 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings (†)
VCC.............................................................................................................................................................................6.5V
All inputs and outputs w.r.t. VSS ......................................................................................................... -0.3V to VCC +1.0V
Storage temperature ...............................................................................................................................-65°C to +150°C
Ambient temperature with power applied ................................................................................................-40°C to +125°C
ESD protection on all pins
......................................................................................................................................................≥ 4kV
TABLE 1-1:
DC CHARACTERISTICS
† NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to
the device. This is a stress rating only and functional operation of the device at those or any other conditions
above those indicated in the operational listings of this specification is not implied. Exposure to maximum rating
conditions for extended periods may affect device reliability.
DC CHARACTERISTICS
Industrial (I):
TA = -40°C to +85°C, VCC = +1.7V to +5.5V
Automotive (E):
TA = -40°C to +125°C, VCC = +2.5V to +5.5V
Param.
No.
Sym.
Characteristic
Min.
Typ.
Max.
Units
Conditions
D1
VIH
WP, SCL and SDA pins
——
D2
High-level input voltage
0.7 VCC
——
V
D3
VIL
Low-level input voltage
0.3 VCC
V—
D4
VHYS
Hysteresis of Schmitt
Trigger inputs
0.05 VCC
——
V
(Note)
D5
VOL
Low-level output voltage
0.40
V
IOL = 3.0 mA, VCC = 2.5V
D6
ILI
Input leakage current
——
±1
μAVIN = VSS or VCC
D7
ILO
Output leakage current
——
±1
μAVOUT = VSS or VCC
D8
CIN,
COUT
Pin capacitance
(all inputs/outputs)
——
10
pF
VCC = 5.0V (Note)
TA = 25°C, FCLK = 1 MHz
D9
ICC write
Operating current
—0.1
3
mA
VCC = 5.5V, SCL = 400 kHz
D10
ICC read
0.05
1
mA
D11
ICCS
Standby current
0.01
1
5
μA
μA
Industrial
Automotive
SDA = SCL = VCC
WP = VSS
Note:
This parameter is periodically sampled and not 100% tested.


Similar Part No. - 24AA04

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA04 MICROCHIP-24AA04 Datasheet
93Kb / 12P
   4K/8K 1.8V I2C Serial EEPROMs
1996
24AA04 MICROCHIP-24AA04 Datasheet
663Kb / 34P
   4K I2C??Serial EEPROM
2009
24AA04 MICROCHIP-24AA04 Datasheet
343Kb / 26P
   4K I2C Serial EEPROM
12/08/06
24AA04-E/CS16K MICROCHIP-24AA04-E/CS16K Datasheet
663Kb / 34P
   4K I2C??Serial EEPROM
2009
24AA04-E/MC MICROCHIP-24AA04-E/MC Datasheet
663Kb / 34P
   4K I2C??Serial EEPROM
2009
More results

Similar Description - 24AA04

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA04 MICROCHIP-24AA04_09 Datasheet
663Kb / 34P
   4K I2C??Serial EEPROM
2009
24LC04B MICROCHIP-24LC04B Datasheet
343Kb / 26P
   4K I2C Serial EEPROM
12/08/06
24LC04B-ESN MICROCHIP-24LC04B-ESN Datasheet
663Kb / 34P
   4K I2C??Serial EEPROM
2009
24AA044 MICROCHIP-24AA044 Datasheet
931Kb / 32P
   4K I2C??Serial EEPROM
03/25/14
24AA04IP MICROCHIP-24AA04IP Datasheet
663Kb / 34P
   4K I2C??Serial EEPROM
02/04/09
24LC04BT-I-SNG MICROCHIP-24LC04BT-I-SNG Datasheet
663Kb / 34P
   4K I2C??Serial EEPROM
2009
24LC04BT-I MICROCHIP-24LC04BT-I Datasheet
419Kb / 26P
   4K I2C Serial EEPROM
12/08/06
logo
Asahi Kasei Microsystem...
AK6004A AKM-AK6004A_02 Datasheet
164Kb / 16P
   I2C bus 4K / 16Kbit Serial CMOS EEPROM
logo
Microchip Technology
34AA04 MICROCHIP-34AA04 Datasheet
666Kb / 36P
   4K I2C??Serial EEPROM with Software Write-Protect
03/25/14
logo
ACE Technology Co., LTD...
ACE34AC04 ACE-ACE34AC04 Datasheet
824Kb / 22P
   4K I2C Serial EEPROM with Software Write Protection
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com