Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LC04B Datasheet(PDF) 10 Page - Microchip Technology

Part # 24LC04B
Description  4K I2C??Serial EEPROM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC04B Datasheet(HTML) 10 Page - Microchip Technology

Back Button 24LC04B Datasheet HTML 6Page - Microchip Technology 24LC04B Datasheet HTML 7Page - Microchip Technology 24LC04B Datasheet HTML 8Page - Microchip Technology 24LC04B Datasheet HTML 9Page - Microchip Technology 24LC04B Datasheet HTML 10Page - Microchip Technology 24LC04B Datasheet HTML 11Page - Microchip Technology 24LC04B Datasheet HTML 12Page - Microchip Technology 24LC04B Datasheet HTML 13Page - Microchip Technology 24LC04B Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
24AA04/24LC04B
DS21708G-page 10
© 2007 Microchip Technology Inc.
FIGURE 7-2:
RANDOM READ
FIGURE 7-3:
SEQUENTIAL READ
S
P
S
Bus Activity
Master
SDA Line
Bus Activity
S
T
A
R
T
S
T
O
P
Control
Byte
A
C
K
Word
Address (n)
Control
Byte
S
T
A
R
T
Data (n)
A
C
K
A
C
K
N
o
A
C
K
x
= “don’t care”
Block
Select
Bits
Block
Select
Bits
10 1 0 xx
0
B0
B0
1 01 0 xx
1
P
Bus Activity
Master
SDA Line
Bus Activity
S
T
O
P
Control
Byte
A
C
K
N
o
A
C
K
Data (n)
Data (n + 1)
Data (n + 2)
Data (n + x)
A
C
K
A
C
K
A
C
K
1


Similar Part No. - 24LC04B

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC04B MICROCHIP-24LC04B Datasheet
88Kb / 12P
   4K/8K 2.5V I 2 C Serial EEPROMs
2007
24LC04B MICROCHIP-24LC04B Datasheet
663Kb / 34P
   4K I2C??Serial EEPROM
2009
24LC04B MICROCHIP-24LC04B Datasheet
343Kb / 26P
   4K I2C Serial EEPROM
12/08/06
24LC04B-E/CS16K MICROCHIP-24LC04B-E/CS16K Datasheet
663Kb / 34P
   4K I2C??Serial EEPROM
2009
24LC04B-E/MC MICROCHIP-24LC04B-E/MC Datasheet
663Kb / 34P
   4K I2C??Serial EEPROM
2009
More results

Similar Description - 24LC04B

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA04 MICROCHIP-24AA04_09 Datasheet
663Kb / 34P
   4K I2C??Serial EEPROM
2009
24LC04B MICROCHIP-24LC04B Datasheet
343Kb / 26P
   4K I2C Serial EEPROM
12/08/06
24LC04B-ESN MICROCHIP-24LC04B-ESN Datasheet
663Kb / 34P
   4K I2C??Serial EEPROM
2009
24AA044 MICROCHIP-24AA044 Datasheet
931Kb / 32P
   4K I2C??Serial EEPROM
03/25/14
24AA04IP MICROCHIP-24AA04IP Datasheet
663Kb / 34P
   4K I2C??Serial EEPROM
02/04/09
24LC04BT-I-SNG MICROCHIP-24LC04BT-I-SNG Datasheet
663Kb / 34P
   4K I2C??Serial EEPROM
2009
24LC04BT-I MICROCHIP-24LC04BT-I Datasheet
419Kb / 26P
   4K I2C Serial EEPROM
12/08/06
logo
Asahi Kasei Microsystem...
AK6004A AKM-AK6004A_02 Datasheet
164Kb / 16P
   I2C bus 4K / 16Kbit Serial CMOS EEPROM
logo
Microchip Technology
34AA04 MICROCHIP-34AA04 Datasheet
666Kb / 36P
   4K I2C??Serial EEPROM with Software Write-Protect
03/25/14
logo
ACE Technology Co., LTD...
ACE34AC04 ACE-ACE34AC04 Datasheet
824Kb / 22P
   4K I2C Serial EEPROM with Software Write Protection
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com