Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T60 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M41T60
Description  Serial access real-time clock
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T60 Datasheet(HTML) 1 Page - STMicroelectronics

  M41T60 Datasheet HTML 1Page - STMicroelectronics M41T60 Datasheet HTML 2Page - STMicroelectronics M41T60 Datasheet HTML 3Page - STMicroelectronics M41T60 Datasheet HTML 4Page - STMicroelectronics M41T60 Datasheet HTML 5Page - STMicroelectronics M41T60 Datasheet HTML 6Page - STMicroelectronics M41T60 Datasheet HTML 7Page - STMicroelectronics M41T60 Datasheet HTML 8Page - STMicroelectronics M41T60 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
July 2006
Rev 11
1/24
24
M41T60
Serial access real-time clock
Features summary
Counters for seconds, minutes, hours, day,
date, month, years, and century
32kHz crystal oscillator integrating load
capacitance and high crystal series resistance
operation
Oscillator stop detection monitors clock
operation
Serial interface supports I2C bus (400kHz)
350nA timekeeping current @ 3V
Low operating current of 35µA (@400KHz)
Timekeeping down to 1.0V
1.3V to 4.4V I2C bus operating voltage
Software clock calibration to compensate
deviation of crystal due to temperature
Software programmable output (OUT)
Operating temperature of –40 to 85°C
Automatic leap year compensation
Lead-free 16-pin QFN package
Li ION rechargeable operation
32KHz Crystal + QFN16 vs. VSOJ20
QFN16 (Q)
3mm x 3mm
1
XI
2
XO
3
4
AI11107
ST QFN16
SMT
CRYSTAL
VSOJ20 (47.6mm2)
Guard Ring
(21.5mm2)
GND Plane
www.st.com


Similar Part No. - M41T60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T60 STMICROELECTRONICS-M41T60 Datasheet
346Kb / 23P
   Serial Access Real-Time Clock
M41T60 STMICROELECTRONICS-M41T60 Datasheet
498Kb / 27P
   Serial access real-time clock
M41T60Q6F STMICROELECTRONICS-M41T60Q6F Datasheet
346Kb / 23P
   Serial Access Real-Time Clock
M41T60Q6F STMICROELECTRONICS-M41T60Q6F Datasheet
498Kb / 27P
   Serial access real-time clock
M41T60 STMICROELECTRONICS-M41T60_10 Datasheet
498Kb / 27P
   Serial access real-time clock
More results

Similar Description - M41T60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T60 STMICROELECTRONICS-M41T60_10 Datasheet
498Kb / 27P
   Serial access real-time clock
M41T00S STMICROELECTRONICS-M41T00S_08 Datasheet
227Kb / 26P
   Serial access real-time clock
M41T60 STMICROELECTRONICS-M41T60 Datasheet
346Kb / 23P
   Serial Access Real-Time Clock
M41T00S STMICROELECTRONICS-M41T00S Datasheet
289Kb / 23P
   Serial Access Real-Time Clock
M41T66 STMICROELECTRONICS-M41T66 Datasheet
342Kb / 33P
   Serial access real-time clock with alarms
M41T62 STMICROELECTRONICS-M41T62 Datasheet
670Kb / 33P
   Serial Access Real-Time Clock with Alarms
M41T81 STMICROELECTRONICS-M41T81_06 Datasheet
301Kb / 30P
   Serial access Real-Time Clock with alarm
M41T81S STMICROELECTRONICS-M41T81S_07 Datasheet
282Kb / 31P
   Serial access real-time clock with alarms
M41T81S STMICROELECTRONICS-M41T81S Datasheet
438Kb / 29P
   Serial Access Real-Time Clock with Alarms
M41T81 STMICROELECTRONICS-M41T81_08 Datasheet
259Kb / 30P
   Serial access real-time clock with alarm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com