Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMJ320F2812 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SMJ320F2812
Description  Digital Signal Processors
Download  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SMJ320F2812 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SMJ320F2812 Datasheet HTML 5Page - Texas Instruments SMJ320F2812 Datasheet HTML 6Page - Texas Instruments SMJ320F2812 Datasheet HTML 7Page - Texas Instruments SMJ320F2812 Datasheet HTML 8Page - Texas Instruments SMJ320F2812 Datasheet HTML 9Page - Texas Instruments SMJ320F2812 Datasheet HTML 10Page - Texas Instruments SMJ320F2812 Datasheet HTML 11Page - Texas Instruments SMJ320F2812 Datasheet HTML 12Page - Texas Instruments SMJ320F2812 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 138 page
background image
Introduction
9
December 2004 − Revised September 2006
SGUS053B
Table 2−2. Signal Descriptions(Continued)
NAME
DESCRIPTION
PU/PD§
I/O/Z‡
PIN
NO.
NAME
DESCRIPTION
PU/PD§
I/O/Z‡
172-PIN
HFG
TESTSEL
131
I
PD
Test Pin. Reserved for TI. Must be connected to ground.
XRS
156
I/O
PU
Device Reset (in) and Watchdog Reset (out).
Device reset. XRS causes the device to terminate execution. The PC points to
the address contained at the location 0x3FFFC0. When XRS is brought to a high
level, execution begins at the location pointed to by the PC. This pin is driven low
by the DSP when a watchdog reset occurs. During watchdog reset, the XRS pin
is driven low for the watchdog reset duration of 512 XCLKIN cycles.
The output buffer of this pin is an open-drain with an internal pullup (100
µA,
typical). It is recommended that this pin be driven by an open-drain device.
TEST1
66
I/O
Test Pin. Reserved for TI. On F281x devices, TEST1 must be left unconnected.
TEST2
65
I/O
Test Pin. Reserved for TI. On F281x devices, TEST2 must be left unconnected.
TRST
132
I
PD
JTAG test reset with internal pulldown. TRST, when driven high, gives the scan
system control of the operations of the device. If this signal is not connected or
driven low, the device operates in its functional mode, and the test reset signals
are ignored.
NOTE: Do not use pullup resistors on TRST; it has an internal pulldown device.
In a low-noise environment, TRST can be left floating. In a high-noise
environment, an additional pulldown resistor may be needed. The value of this
resistor should be based on drive strength of the debugger pods applicable to
the design. A 2.2-k
Ω resistor generally offers adequate protection. Since this is
application specific, it is recommended that each target board is validated for
proper operation of the debugger and the application.
TCK
133
I
PU
JTAG test clock with internal pullup
TMS
123
I
PU
JTAG test-mode select (TMS) with internal pullup. This serial control input is
clocked into the TAP controller on the rising edge of TCK.
TDI
128
I
PU
JTAG test data input (TDI) with internal pullup. TDI is clocked into the selected
register (instruction or data) on a rising edge of TCK.
TDO
124
O/Z
JTAG scan out, test data output (TDO). The contents of the selected register
(instruction or data) is shifted out of TDO on the falling edge of TCK.
EMU0
133
I/O/Z
PU
Emulator pin 0. When TRST is driven high, this pin is used as an interrupt to
or from the emulator system and is defined as input/output through the
JTAG scan.
EMU1
143
I/O/Z
PU
Emulator pin 1. When TRST is driven high, this pin is used as an interrupt to
or from the emulator system and is defined as input/output through the
JTAG scan.
† Typical drive strength of the output buffer for all pins is 4 mA except for TDO, XCLKOUT, XF, XINTF, EMU0, and EMU1 pins, which are 8 mA.
‡ I = Input, O = Output, Z = High impedance
§ PU = pin has internal pullup; PD = pin has internal pulldown


Similar Part No. - SMJ320F2812

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320F2812 TI1-SMJ320F2812 Datasheet
1Mb / 172P
[Old version datasheet]   Digital Signal Processors
SMJ320F2812 TI1-SMJ320F2812 Datasheet
1Mb / 172P
[Old version datasheet]   Digital Signal Processors
SMJ320F2812 TI-SMJ320F2812 Datasheet
2Mb / 173P
[Old version datasheet]   TMS320F281x Digital Signal Processors
SMJ320F2812 TI-SMJ320F2812 Datasheet
4Mb / 175P
[Old version datasheet]   TMS320F281x Digital Signal Processors
More results

Similar Description - SMJ320F2812

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
SM320F2808-EP TI-SM320F2808-EP Datasheet
1Mb / 118P
[Old version datasheet]   Digital Signal Processors
TMS320F2810 TI-TMS320F2810_11 Datasheet
1Mb / 170P
[Old version datasheet]   Digital Signal Processors
TMS320C5X TI1-TMS320C5X_16 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320LBC57PGE80 TI1-TMS320LBC57PGE80 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMDXDOCK28069 TI-TMDXDOCK28069 Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com