Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9967BGCCQ Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX9967BGCCQ
Description  Dual, Low-Power, 500Mbps ATE Driver/Comparator with 35mA Load
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9967BGCCQ Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX9967BGCCQ Datasheet HTML 6Page - Maxim Integrated Products MAX9967BGCCQ Datasheet HTML 7Page - Maxim Integrated Products MAX9967BGCCQ Datasheet HTML 8Page - Maxim Integrated Products MAX9967BGCCQ Datasheet HTML 9Page - Maxim Integrated Products MAX9967BGCCQ Datasheet HTML 10Page - Maxim Integrated Products MAX9967BGCCQ Datasheet HTML 11Page - Maxim Integrated Products MAX9967BGCCQ Datasheet HTML 12Page - Maxim Integrated Products MAX9967BGCCQ Datasheet HTML 13Page - Maxim Integrated Products MAX9967BGCCQ Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
Dual, Low-Power, 500Mbps ATE
Driver/Comparator with 35mA Load
10
______________________________________________________________________________________
Note 1: All minimum and maximum limits are 100% production tested. Tests are performed at nominal supply voltages unless oth-
erwise noted.
Note 2: Total for dual device at worst-case setting. RL > 10M
Ω. The supply currents are measured with typical supply voltages.
Note 3: Does not include internal dissipation of the comparator outputs. With output loads of 50
Ω to (VVCCO - 2V), this adds 120mW
(typ) to the total device power (MAX9967_MCCQ and MAX9967_QCCQ). For MAX9967_LCCQ, additional power dissipa-
tion is typically (32mA x VVCCO).
Note 4: Externally forced voltages may exceed this range provided that the Absolute Maximum Ratings are not exceeded.
Note 5: Transition time from LLEAK being asserted to leakage current dropping below specified limits.
Note 6: Based on simulation results only.
Note 7: Transition time from LLEAK being deasserted to output returning to normal operating mode.
Note 8: With the exception of Offset and Gain/CMRR tests, reference input values are calibrated for offset and gain.
Note 9: Measured at VCC = +9.75, VEE = -5.25V, and TJ = +85°C.
Note 10: Relative to straight line between 0 and 4.5V.
Note 11: Specifications measured at the end points of the full range. Full ranges are -1.3V
≤ VDHV_ ≤ 6.5V, -1.5V ≤ VDLV_ ≤ 6.3V,
-1.5V
≤ VDTV_ ≤ 6.5V.
Note 12: Change in offset voltage with power supplies independently set to their minimum and maximum values.
Note 13: Nominal target value is 50
Ω. Contact factory for alternate trim selections within the 45Ω to 51Ω range.
Note 14: VDTV_ = +1.5V, RS = 50
Ω. External signal driven into T-line is a 0 to +3V edge with 1.2ns rise time (10% to 90%).
Measurement is made using the comparator.
Note 15: Measured from the crossing point of DATA_ inputs to the settling of the driver output.
Note 16: Prop delays are measured from the crossing point of the differential input signals to the 50% point of the expected output
swing. Rise time of differential inputs DATA_ and RCV_ is 250ps (10% to 90%).
Note 17: Rising edge to rising edge or falling edge to falling edge.
Note 18: Specified amplitude is programmed. At this pulse width, the output reaches at least 95% of its nominal (DC) amplitude. The
pulse width is measured at DATA_.
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +9.75V, VEE = -5.25V, VCCO_ = +2.5V, SC1 = SC0 = 0, VCPHV_ = +7.2V, VCPLV_ = -2.2V, VLDH_ = VLDL_ = 0, VGS = 0,
TJ = +85
°C, unless otherwise noted. All temperature coefficients are measured at TJ = +70°C to +100°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VLDH_ = 100mV, 1V, 2.5V
±60
Sink Current Linearity
(Note 26)
VLDH_ = 3.5V
±130
µA
GROUND SENSE
GS Voltage Range
VGS
Verified by GS common-mode error test
±250
mV
VDUT_ = -1.5V, VGS =
±250mV, VLDH_- VGS
= 0.1V
±25
GS Common-Mode Error
VDUT_ = +4.5V, VGS =
±250mV, VLDL_ -
VGS = 0.1V
±25
µA
GS Input Bias Current
VGS = 0
±25
µA
AC CHARACTERISTICS (ZL = 50
Ω to GND)
ISOURCE = 20mA, VCOM_ = -1.5V
Enable Time (Note 27)
tEN
ISINK = 20mA, VCOM_ = +1.5V
2.2
ns
ISOURCE = 20mA, VCOM_ = -1.5V
Disable Time (Note 27)
tDIS
ISINK = 20mA, VCOM_ = +1.5V
1.9
ns
To 10%
10
Current Settling Time on
Commutation
ISOURCE = ISINK = 1mA and
35mA (Notes 7, 28)
To 1.5%
50
ns
Spike During Enable/Disable
Transition
ISOURCE = ISINK = 35mA, VCOM_ = 0
100
mV


Similar Part No. - MAX9967BGCCQ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX996 MAXIM-MAX996 Datasheet
141Kb / 12P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 0b; 7/97
MAX996 MAXIM-MAX996 Datasheet
329Kb / 13P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 2; 1/07
MAX996 MAXIM-MAX996 Datasheet
329Kb / 13P
   High-Speed, Micropower, Low-Voltage
Rev 2; 1/07
MAX996 MAXIM-MAX996 Datasheet
329Kb / 13P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail IO Comparators
Rev 2; 1/07
MAX9960 MAXIM-MAX9960 Datasheet
621Kb / 11P
   Dual-Flash-Pin Electronics/Supervoltage Switch Matrix
Rev 0; 10/04
More results

Similar Description - MAX9967BGCCQ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9969 MAXIM-MAX9969 Datasheet
688Kb / 31P
   Dual, Low-Power, 1200Mbps ATE Driver/Comparator with 35mA Load
Rev 0; 8/04
MAX9975 MAXIM-MAX9975 Datasheet
885Kb / 32P
   Dual, Low-Power, 1200Mbps ATE Driver/Comparator with 35mA Load
Rev 0; 6/05
MAX9963 MAXIM-MAX9963 Datasheet
744Kb / 25P
   Quad, Low-Power, 500Mbps ATE Driver/Comparator
Rev 1; 1/04
MAX9973 MAXIM-MAX9973 Datasheet
382Kb / 26P
   Dual Driver/Comparator/Load with Internal DACs
Rev 0; 1/07
MAX9977 MAXIM-MAX9977 Datasheet
1Mb / 17P
   Quad, Low-Power, 1200Mbps ATE Driver
Rev 0; 7/05
logo
KODENSHI_AUK CORP.
SN393 KODENSHI-SN393 Datasheet
474Kb / 8P
   Low Power Dual Comparator
logo
Semtech Corporation
EDGE7725 SEMTECH-EDGE7725 Datasheet
681Kb / 39P
   900 MHz Dual Pin Electronics Driver, Window Comparator, and Load
logo
Silicon Laboratories
TS9002 SILABS-TS9002 Datasheet
1Mb / 12P
   Low-Power Single/Dual-Supply Dual Comparator with Reference
logo
Touchstone Semiconducto...
TS9002 TOUCHSTONE-TS9002 Datasheet
910Kb / 11P
   Low-Power Single/Dual-Supply Dual Comparator with Reference
logo
STMicroelectronics
LM2903YDT STMICROELECTRONICS-LM2903YDT Datasheet
796Kb / 18P
   Low-power dual voltage comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com