Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25AA256 Datasheet(PDF) 4 Page - Microchip Technology

Part # 25AA256
Description  256K SPI Bus Serial EEPROM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25AA256 Datasheet(HTML) 4 Page - Microchip Technology

  25AA256 Datasheet HTML 1Page - Microchip Technology 25AA256 Datasheet HTML 2Page - Microchip Technology 25AA256 Datasheet HTML 3Page - Microchip Technology 25AA256 Datasheet HTML 4Page - Microchip Technology 25AA256 Datasheet HTML 5Page - Microchip Technology 25AA256 Datasheet HTML 6Page - Microchip Technology 25AA256 Datasheet HTML 7Page - Microchip Technology 25AA256 Datasheet HTML 8Page - Microchip Technology 25AA256 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
25AA256/25LC256
DS21822F-page 4
© 2007 Microchip Technology Inc.
TABLE 1-3:
AC TEST CONDITIONS
18
THZ
HOLD Low to Output
High-Z
30
60
160
ns
ns
ns
4.5V
≤ Vcc ≤ 5.5V (Note 1)
2.5V
≤ Vcc < 4.5V (Note 1)
1.8V
≤ Vcc < 2.5V (Note 1)
19
THV
HOLD High to Output
Valid
30
60
160
ns
ns
ns
4.5V
≤ Vcc ≤ 5.5V
2.5V
≤ Vcc < 4.5V
1.8V
≤ Vcc < 2.5V
20
TWC
Internal Write Cycle
Time
—5
ms
(NOTE 2)
21
Endurance
1M
E/W
Cycles
(NOTE 3)
TABLE 1-2:
AC CHARACTERISTICS (CONTINUED)
AC CHARACTERISTICS
Industrial (I):
TA = -40°C to +85°C
VCC = 1.8V to 5.5V
Automotive (E): TA = -40°C to +125°C
VCC = 2.5V to 5.5V
Param.
No.
Sym.
Characteristic
Min.
Max.
Units
Test Conditions
Note 1: This parameter is periodically sampled and not 100% tested.
2: TWC begins on the rising edge of CS after a valid write sequence and ends when the internal write cycle
is complete.
3: This parameter is not tested but ensured by characterization. For endurance estimates in a specific
application, please consult the Total Endurance™ Model which can be obtained from Microchip’s web site
at www.microchip.com.
AC Waveform:
VLO = 0.2V
VHI = VCC – 0.2V
(Note 1)
VHI = 4.0V
(Note 2)
CL = 50 pF
Timing Measurement Reference Level
Input
0.5 VCC
Output
0.5 VCC
Note 1: For VCC
≤ 4.0V
2: For VCC > 4.0V


Similar Part No. - 25AA256

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25AA256 MICROCHIP-25AA256 Datasheet
367Kb / 26P
   256K SPI Bus Serial EEPROM
2003
25AA256 MICROCHIP-25AA256 Datasheet
837Kb / 26P
   256K SPI Bus Serial EEPROM
12/08/06
25AA256 MICROCHIP-25AA256 Datasheet
509Kb / 26P
   256K SPI Bus Serial EEPROM
12/08/06
25AA256 MICROCHIP-25AA256 Datasheet
509Kb / 26P
   256K SPI Bus Serial EEPROM
12/08/06
25AA256 MICROCHIP-25AA256 Datasheet
600Kb / 26P
   256K SPI Bus Serial EEPROM
12/08/06
More results

Similar Description - 25AA256

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25LC256-I MICROCHIP-25LC256-I Datasheet
509Kb / 26P
   256K SPI Bus Serial EEPROM
12/08/06
25LC256-E MICROCHIP-25LC256-E Datasheet
600Kb / 26P
   256K SPI Bus Serial EEPROM
12/08/06
25AA256-I MICROCHIP-25AA256-I Datasheet
509Kb / 26P
   256K SPI Bus Serial EEPROM
12/08/06
25LC256-I MICROCHIP-25LC256-I Datasheet
837Kb / 26P
   256K SPI Bus Serial EEPROM
12/08/06
25AA256 MICROCHIP-25AA256 Datasheet
367Kb / 26P
   256K SPI Bus Serial EEPROM
2003
25AA256-ISM MICROCHIP-25AA256-ISM Datasheet
837Kb / 32P
   256K SPI Bus Serial EEPROM
2003-2013
25LC256T-I MICROCHIP-25LC256T-I Datasheet
837Kb / 32P
   256K SPI Bus Serial EEPROM
11/29/12
25AA256 MICROCHIP-25AA256_13 Datasheet
837Kb / 32P
   256K SPI Bus Serial EEPROM
11/29/12
logo
Sanyo Semicon Device
LE25LB643 SANYO-LE25LB643_10 Datasheet
255Kb / 14P
   Serial SPI EEPROM (SPI Bus) (64Kbit)
LE25LB1282TT SANYO-LE25LB1282TT Datasheet
256Kb / 14P
   Serial SPI EEPROM (SPI Bus)(128Kbit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com