Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6275 Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP6275
Description  170 關A, 2 MHz Rail-to-Rail Op Amp
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6275 Datasheet(HTML) 2 Page - Microchip Technology

  MCP6275 Datasheet HTML 1Page - Microchip Technology MCP6275 Datasheet HTML 2Page - Microchip Technology MCP6275 Datasheet HTML 3Page - Microchip Technology MCP6275 Datasheet HTML 4Page - Microchip Technology MCP6275 Datasheet HTML 5Page - Microchip Technology MCP6275 Datasheet HTML 6Page - Microchip Technology MCP6275 Datasheet HTML 7Page - Microchip Technology MCP6275 Datasheet HTML 8Page - Microchip Technology MCP6275 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
MCP6271/1R/2/3/4/5
DS21810E-page 2
© 2006 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
VDD –VSS ........................................................................7.0V
Current at Analog Input Pins (VIN+ and VIN–)...............±2 mA
Analog Inputs (VIN+ and VIN–) †† .. VSS –1.0VtoVDD +1.0V
All other Inputs and Outputs .......... VSS – 0.3V to VDD +0.3V
Difference Input Voltage ...................................... |VDD –VSS|
Output Short Circuit Current .................................Continuous
Current at Output and Supply Pins ............................±30 mA
Storage Temperature....................................–65°C to +150°C
Junction Temperature (TJ) ..........................................+150°C
ESD Protection On All Pins (HBM/MM)
................ ≥ 4 kV/400V
† Notice: Stresses above those listed under “Absolute
Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of
the device at those or any other conditions above those
indicated in the operational listings of this specification is not
implied. Exposure to maximum rating conditions for extended
periods may affect device reliability.
†† See Section 4.1.2 “Input Voltage and Current Limits”.
DC ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Unless otherwise indicated, TA = +25°C, VDD = +2.0V to +5.5V, VSS = GND, VCM =VDD/2,
VOUT ≈ VDD/2, RL =10 kΩ to VDD/2 and CS is tied low.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Input Offset (Note 1)
Input Offset Voltage
VOS
–3.0
+3.0
mV
VCM = VSS
Input Offset Voltage
(Extended Temperature)
VOS
–5.0
+5.0
mV
TA = –40°C to +125°C, VCM = VSS
Input Offset Temperature Drift
ΔVOS/ΔTA
—±1.7
µV/°C TA = –40°C to +125°C, VCM = VSS
Power Supply Rejection Ratio
PSRR
70
90
dB
VCM = VSS
Input Bias Current and Impedance
Input Bias Current
IB
±1.0
pA
Note 2
At Temperature
IB
50
200
pA
TA= +85°C (Note 2)
At Temperature
IB
—2
5
nA
TA= +125°C (Note 2)
Input Offset Current
IOS
±1.0
pA
Note 3
Common Mode Input Impedance
ZCM
—1013||6
Ω||pF Note 3
Differential Input Impedance
ZDIFF
—1013||3
Ω||pF Note 3
Common Mode (Note 4)
Common Mode Input Voltage Range
VCMR
VSS − 0.15
VDD +0.15
V
VDD = 2.0V (Note 5)
VCMR
VSS − 0.30
VDD +0.30
V
VDD = 5.5V (Note 5)
Common Mode Rejection Ratio
CMRR
70
85
dB
VCM = –0.3V to 2.5V, VDD = 5V
(Note 6)
Common Mode Rejection Ratio
CMRR
65
80
dB
VCM = –0.3V to 5.3V, VDD = 5V
(Note 6)
Open-Loop Gain
DC Open-Loop Gain (Large Signal)
AOL
90
110
dB
VOUT = 0.2V to VDD – 0.2V,
VCM =VSS (Note 1)
Note 1:
The MCP6275’s VCM for op amp B (pins VOUTA/VINB+ and VINB–) is VSS +100 mV.
2:
The current at the MCP6275’s VINB– pin is specified by IB only.
3:
This specification does not apply to the MCP6275’s VOUTA/VINB+ pin.
4:
The MCP6275’s VINB– pin (op amp B) has a common mode input voltage range (VCMR) of VSS + 100 mV to
VDD – 100 mV. CMRR is not measured for op amp B of the MCP6275. The MCP6275’s VOUTA/VINB+ pin (op amp B)
has a voltage range specified by VOH and VOL.
5:
Set by design and characterization.
6:
Does not apply to op amp B of the MCP6275.


Similar Part No. - MCP6275

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6275 MICROCHIP-MCP6275 Datasheet
596Kb / 34P
   170 UA, 2 MHz Rail-to-Rail Op Amp
2004
MCP6275 MICROCHIP-MCP6275 Datasheet
679Kb / 36P
   170 關A, 2 MHz Rail-to-Rail Op Amp
2008
MCP6275-E/CH MICROCHIP-MCP6275-E/CH Datasheet
679Kb / 36P
   170 關A, 2 MHz Rail-to-Rail Op Amp
2008
MCP6275-E/MS MICROCHIP-MCP6275-E/MS Datasheet
679Kb / 36P
   170 關A, 2 MHz Rail-to-Rail Op Amp
2008
MCP6275-E/OT MICROCHIP-MCP6275-E/OT Datasheet
679Kb / 36P
   170 關A, 2 MHz Rail-to-Rail Op Amp
2008
More results

Similar Description - MCP6275

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6271 MICROCHIP-MCP6271_08 Datasheet
679Kb / 36P
   170 關A, 2 MHz Rail-to-Rail Op Amp
2008
MCP6271 MICROCHIP-MCP6271 Datasheet
596Kb / 34P
   170 UA, 2 MHz Rail-to-Rail Op Amp
2004
MCP6281 MICROCHIP-MCP6281_08 Datasheet
656Kb / 36P
   450 關A, 5 MHz Rail-to-Rail Op Amp
2008
MCP6241 MICROCHIP-MCP6241_08 Datasheet
689Kb / 38P
   50 關A, 550 kHz Rail-to-Rail Op Amp
2008
MCP6231 MICROCHIP-MCP6231_09 Datasheet
850Kb / 40P
   20 關A, 300 kHz Rail-to-Rail Op Amp
2009
MCP6231 MICROCHIP-MCP6231_05 Datasheet
477Kb / 28P
   20 關A, 300 kHz Rail-to-Rail Op Amp
2005
logo
List of Unclassifed Man...
TS1001 ETC-TS1001 Datasheet
518Kb / 11P
   THE ONLY 0.8V/0.6關A RAIL-TO-RAIL OP AMP
logo
Microchip Technology
MCP6291 MICROCHIP-MCP6291 Datasheet
689Kb / 36P
   1.0 mA, 10 MHz Rail-to-Rail Op Amp
2007
MCP6281 MICROCHIP-MCP6281 Datasheet
580Kb / 32P
   450 UA, 5 MHz Rail-to-Rail Op Amp
2004
MCP6291 MICROCHIP-MCP6291 Datasheet
589Kb / 32P
   1.0 mA, 10 MHz Rail-to-Rail Op Amp
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com