Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1301A-ADAVUATR Datasheet(PDF) 10 Page - Microchip Technology

Part # TC1301A-ADAVUATR
Description  Dual LDO with Microcontroller RESET Function
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1301A-ADAVUATR Datasheet(HTML) 10 Page - Microchip Technology

Back Button TC1301A-ADAVUATR Datasheet HTML 6Page - Microchip Technology TC1301A-ADAVUATR Datasheet HTML 7Page - Microchip Technology TC1301A-ADAVUATR Datasheet HTML 8Page - Microchip Technology TC1301A-ADAVUATR Datasheet HTML 9Page - Microchip Technology TC1301A-ADAVUATR Datasheet HTML 10Page - Microchip Technology TC1301A-ADAVUATR Datasheet HTML 11Page - Microchip Technology TC1301A-ADAVUATR Datasheet HTML 12Page - Microchip Technology TC1301A-ADAVUATR Datasheet HTML 13Page - Microchip Technology TC1301A-ADAVUATR Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
TC1301A/B
DS21798B-page 10
© 2005 Microchip Technology Inc.
Note: Unless otherwise indicated, VIN = VR +1V, IOUT1 = IOUT2 = 100 µA, CIN = 4.7 µF, COUT1 = COUT2 = 1 µF (X5R or X7R),
CBYPASS = 0 pF, SHDN1 = SHDN2 > VIH. For the TC1301A, VDET = VOUT1, RESET = OPEN, TA = +25°C.
FIGURE 2-25:
VOUT1 and VOUT2 Power-up
from Input Voltage TC1301B.
FIGURE 2-26:
Dynamic Line Response.
FIGURE 2-27:
300 mA Dynamic Load Step
VOUT1.
FIGURE 2-28:
150 mA Dynamic Load Step
VOUT2.
FIGURE 2-29:
RESET Power-Up From VIN
TC1301B.
FIGURE 2-30:
TC1301A RESET Power-
Down.


Similar Part No. - TC1301A-ADAVUATR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1301A-ADAVUATR MICROCHIP-TC1301A-ADAVUATR Datasheet
778Kb / 28P
   Dual LDO with Microcontroller RESET Function
2008
More results

Similar Description - TC1301A-ADAVUATR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1301A MICROCHIP-TC1301A_08 Datasheet
778Kb / 28P
   Dual LDO with Microcontroller RESET Function
2008
TC1301B-DAAVUATR MICROCHIP-TC1301B-DAAVUATR Datasheet
665Kb / 28P
   Dual LDO with Microcontroller RESET Function
01/02/08
logo
Richtek Technology Corp...
RT9006A RICHTEK-RT9006A Datasheet
201Kb / 10P
   Dual LDO Regulator with Reset Function
logo
Analog Microelectronics
AME1300 AME-AME1300 Datasheet
140Kb / 12P
   300mA CMOS LDO with RESET Function
logo
New Japan Radio
NJW4116T1 NJRC-NJW4116T1 Datasheet
1Mb / 13P
   Io=500mA LDO with Reset function
Ver.2016-04-05
logo
Semtech Corporation
SC1452 SEMTECH-SC1452 Datasheet
116Kb / 7P
   DUAL 150mA LDO REGULATOR WITH PROGRAMMABLE RESET
SC1452 SEMTECH-SC1452_06 Datasheet
288Kb / 15P
   Dual 150mA LDO Regulator with Programmable Reset
logo
Unisonic Technologies
LR6401 UTC-LR6401_12 Datasheet
421Kb / 8P
   DUAL CHANNEL LDO REGULATORS WITH ENABLE FUNCTION
logo
Advanced Power Electron...
APE8843 A-POWER-APE8843_14 Datasheet
60Kb / 4P
   DUAL 600mA LDO REGULATOR WITH ENABLE FUNCTION
APE8839A A-POWER-APE8839A_14 Datasheet
771Kb / 9P
   DUAL 600mA LDO REGULATOR WITH ENABLE FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com