Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8580J Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA8580J
Description  Multi-purpose power amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8580J Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA8580J Datasheet HTML 3Page - NXP Semiconductors TDA8580J Datasheet HTML 4Page - NXP Semiconductors TDA8580J Datasheet HTML 5Page - NXP Semiconductors TDA8580J Datasheet HTML 6Page - NXP Semiconductors TDA8580J Datasheet HTML 7Page - NXP Semiconductors TDA8580J Datasheet HTML 8Page - NXP Semiconductors TDA8580J Datasheet HTML 9Page - NXP Semiconductors TDA8580J Datasheet HTML 10Page - NXP Semiconductors TDA8580J Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
2000 Apr 18
7
Philips Semiconductors
Preliminary specification
Multi-purpose power amplifier
TDA8580J
CHARACTERISTICS
VP = 14.4 V; Tamb =25 °C; fi = 1 kHz; RL = ∞; measured in test circuit of Fig.28; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VP
operating supply voltage
8.0
14.4
24
V
Iq(tot)
total quiescent current
140
170
mA
Istb
standby current
150
µA
VO
DC output voltage
7.0
V
VP(mute)
low supply voltage mute
6.0
7.0
8.0
V
VI
DC input voltage
4.0
V
Control pins
STANDBY PIN (see Table 1)
V5(stb)
voltage at STANDBY pin for standby
condition
0
0.8
V
Vhys(5)(stb) hysteresis voltage at STANDBY pin
for standby condition
note 1
0.2
V
V5(mute)
voltage at STANDBY pin for mute
condition
V13 < 0.8 V
2.0
5.3
V
V5(on)
voltage at STANDBY pin for on
condition
VP > 9 V; note 2
8.0
18
V
MUTE PIN (see Table 1)
V13(mute)
voltage at MUTE pin for mute
condition
V5 =5V
0
0.8
V
V13(on)
voltage at MUTE pin for on condition V5 =5V
2.5
5.3
V
Diagnostic; output buffer (open-collector); see Figs 3, 4 and 5
VOL
LOW-level output voltage
Isink =1mA
0.2
0.8
V
ILI
leakage current
VDIAG = 14.4 V
−−
1
µA
CD
clip detector
VDIAG < 0.8 V
124%
Tj(diag)
junction temperature for high
temperature warning
VDIAG < 0.8 V
145
−°C
Stereo BTL application; see Figs 6, 7, 10, 11, 14, 15, 18, 19, 21, 22, 23, 24, 26 and 28
THD
total harmonic distortion
fi = 10 kHz; Po = 1 W; RL =4 Ω;
filter: 22 Hz < f < 30 kHz
0.2
0.3
%
fi = 1 kHz; Po = 1 W; VP = 14.4 V;
RL =4 Ω
0.05
0.1
%
fi = 1 kHz; Po = 10 W; VP =24V;
RL =8 Ω
0.02
0.05
%
Po
output power
THD = 0.5%; VP = 14.4 V; RL =4 Ω 14
15
W
THD = 0.5%; VP = 24 V; RL =8 Ω
21
23
W
THD = 10%; VP = 14.4 V; RL =4 Ω
18
20
W
THD = 10%; VP = 24 V; RL =8 Ω
28
30
W
Gv
voltage gain
Vo(rms) = 3 V
31
32
33
dB


Similar Part No. - TDA8580J

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8580 PHILIPS-TDA8580 Datasheet
144Kb / 20P
   Multi-purpose power amplifier
1998 Feb 25
More results

Similar Description - TDA8580J

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8580 PHILIPS-TDA8580 Datasheet
144Kb / 20P
   Multi-purpose power amplifier
1998 Feb 25
TDA8581 PHILIPS-TDA8581 Datasheet
113Kb / 20P
   Multi-purpose high-gain power amplifier
1998 May 27
logo
National Semiconductor ...
LM776 NSC-LM776 Datasheet
287Kb / 9P
   MULTI-PURPOSE PROGRAMMABLE OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
FMB200 FAIRCHILD-FMB200 Datasheet
50Kb / 4P
   PNP Multi-Chip General Purpose Amplifier
BC847BS FAIRCHILD-BC847BS Datasheet
199Kb / 3P
   NPN Multi-chip General Purpose Amplifier
FFB2222A FAIRCHILD-FFB2222A_1 Datasheet
88Kb / 7P
   NPN Multi-Chip General Purpose Amplifier
BC847S FAIRCHILD-BC847S Datasheet
51Kb / 5P
   NPN Multi-Chip General Purpose Amplifier
FFB2222A FAIRCHILD-FFB2222A Datasheet
61Kb / 5P
   NPN Multi-Chip General Purpose Amplifier
FFB2907A FAIRCHILD-FFB2907A Datasheet
62Kb / 5P
   PNP Multi-Chip General Purpose Amplifier
BC857S FAIRCHILD-BC857S Datasheet
51Kb / 5P
   PNP Multi-Chip General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com