Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS810 Datasheet(PDF) 9 Page - Microchip Technology

Part # PS810
Description  Li Ion Single Cell Fuel Gauge
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS810 Datasheet(HTML) 9 Page - Microchip Technology

Back Button PS810 Datasheet HTML 5Page - Microchip Technology PS810 Datasheet HTML 6Page - Microchip Technology PS810 Datasheet HTML 7Page - Microchip Technology PS810 Datasheet HTML 8Page - Microchip Technology PS810 Datasheet HTML 9Page - Microchip Technology PS810 Datasheet HTML 10Page - Microchip Technology PS810 Datasheet HTML 11Page - Microchip Technology PS810 Datasheet HTML 12Page - Microchip Technology PS810 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
© 2006 Microchip Technology Inc.
DS21904C-page 9
PS810
TABLE 3-1:
A/D OPERATION PARAMETERS
Parameter
Name
# of
Bytes
Units
Typical
Value
Operational Description
NullCurr
1
mA
3
Zero zone control is built into the PS810 so that electrical noise
doesn’t actually drain the gas gauge, when in fact the current is
zero. For this reason, current less than NullCurr mA in either
direction will be measured as zero.
CFCurr
2
unsigned
word
4200
Correction Factor for Current. Adjusts the scaling of the sense
resistor current measurements.
COCurr
1
signed
byte
0
Correction Offset for Current. This is the value the A/D reads
when zero current is flowing through the sense resistor.
COD
1
signed
byte
0
Correction Offset Deviation. Offset value for the auto-zero
calibration of the current readings.
AOMInterval
1
op cycles
60
Interval of time between auto-offset calibrations.
AVGIScale
1
coded
b00100000 Time period over which current is averaged to calculate
average current: IAVG = IAVG + (I – IAVG)/(AVGIScale * 2).
Note: Only Most Significant set bit is used, others are ignored.
CFVoltage
2
integer
2250
Correction Factor for Pack Voltage. Adjusts the scaling of the
VC1 pin measurement.
CFCoin
2
integer
2250
Correction Factor for Coin Cell Measurement. Adjusts the
scaling of the VCOIN pin measurement.
CFTempE
2
integer
326
Correction Factor for Temperature. Adjusts the scaling of
temperature measured across an external thermistor at the NTC
input pin.
CFTempI
2
integer
2038
Correction Factor for Temperature. Adjusts the scaling of
temperature measured from the internal temperature sensor.
COTempI
2
signed
word
21298
Correction Offset for Temperature. Used for temperature
measurement using internal temperature sensor.


Similar Part No. - PS810

ManufacturerPart #DatasheetDescription
logo
NEC
PS8101 NEC-PS8101 Datasheet
101Kb / 3P
   NECs HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT 5 PIN SOP OPTOCOUPLER
PS8101 NEC-PS8101 Datasheet
126Kb / 14P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
California Eastern Labs
PS8101 CEL-PS8101 Datasheet
209Kb / 14P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
Renesas Technology Corp
PS8101 RENESAS-PS8101 Datasheet
250Kb / 16P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE
PS8101 RENESAS-PS8101 Datasheet
258Kb / 16P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
More results

Similar Description - PS810

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27546-G1 TI1-BQ27546-G1 Datasheet
1Mb / 38P
[Old version datasheet]   Single-Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
REVISED DECEMBER 2015
BQ27741-G1 TI1-BQ27741-G1_14 Datasheet
958Kb / 39P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
BQ27741YZFR-G1 TI-BQ27741YZFR-G1 Datasheet
896Kb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
logo
Maxim Integrated Produc...
DS2790 MAXIM-DS2790 Datasheet
388Kb / 41P
   Programmable 1-Cell Li-Ion Fuel Gauge and Protector
REV: 080206
DS2790 MAXIM-DS2790_V01 Datasheet
495Kb / 41P
   Programmable 1-Cell Li-Ion Fuel Gauge and Protector
2007
logo
Texas Instruments
BQ27742-G1 TI1-BQ27742-G1 Datasheet
1Mb / 46P
[Old version datasheet]   Single-Cell Li-Ion Battery Fuel Gauge with Programmable Hardware Protection
BQ27545-G1 TI1-BQ27545-G1 Datasheet
1Mb / 53P
[Old version datasheet]   Single-Cell Li-Ion Battery Fuel Gauge For Battery Pack Integration
BQ27541-V200_1004 TI-BQ27541-V200_1004 Datasheet
664Kb / 41P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541 TI-BQ27541 Datasheet
789Kb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200 TI-BQ27541-V200 Datasheet
679Kb / 41P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com