Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP131 Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP131
Description  Micropower Voltage Supervisors
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP131 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP131 Datasheet HTML 5Page - Microchip Technology MCP131 Datasheet HTML 6Page - Microchip Technology MCP131 Datasheet HTML 7Page - Microchip Technology MCP131 Datasheet HTML 8Page - Microchip Technology MCP131 Datasheet HTML 9Page - Microchip Technology MCP131 Datasheet HTML 10Page - Microchip Technology MCP131 Datasheet HTML 11Page - Microchip Technology MCP131 Datasheet HTML 12Page - Microchip Technology MCP131 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
© 2005 Microchip Technology Inc.
DS21906B-page 9
MCP102/103/121/131
Note: Unless otherwise indicated, all limits are specified for: VDD = 1V to 5.5V, RPU = 100 kΩ (MCP121 only;
see Figure 4-1), TA = -40°C to +125°C.
FIGURE 2-23:
tRPD vs. Temperature
(MCP102-195).
FIGURE 2-24:
tRPD vs. Temperature
(MCP131-315).
FIGURE 2-25:
tRPD vs. Temperature
(MCP121-450).
FIGURE 2-26:
tRPU vs. Temperature
(MCP102-195).
FIGURE 2-27:
tRPU vs. Temperature
(MCP131-315).
FIGURE 2-28:
tRPU vs. Temperature
(MCP121-450).
0
50
100
150
200
250
300
-40
-15
10
35
60
85
110
Temperature (°C)
VDD decreasing from:
VTRIP(max) + 0.25V to VTRIP(min) - 0.25V
VDD decreasing
from: 5V - 1.7V
VDD decreasing
from: 5V - 0V
MCP102-195
0
50
100
150
200
250
-40
-15
10
35
60
85
110
Temperature (°C)
VDD decreasing from:
VTRIP(max) + 0.25V to VTRIP(min) - 0.25V
VDD decreasing from:
5V - 2.7V
VDD decreasing from:
5V - 0V
MCP131-315
35
35.5
36
36.5
37
37.5
38
-40
-15
10
35
60
85
110
Temperature (°C)
VDD increasing from:
0V - 5.0V
VDD increasing from:
0V - 5.5V
VDD increasing from:
0V - 4.6V
VDD increasing from:
0V - 4.8V
MCP121-450
100
110
120
130
140
150
160
-40
-15
10
35
60
85
110
Temperature (°C)
VDD increasing from:
0V - 2.1V
VDD increasing
from: 0V - 5.5V
VDD increasing from:
0V - 2.8V
VDD increasing
from: 0V - 4.0V
MCP102-195
100
110
120
130
140
150
160
-40
-15
10
35
60
85
110
Temperature (°C)
VDD increasing from:
0V - 4.5V
VDD increasing from:
0V - 5.5V
VDD increasing from:
0V - 3.3V
VDD increasing from:
0V - 4.0V
MCP131-315
110
115
120
125
130
135
140
145
-40
-15
10
35
60
85
110
Temperature (°C)
VDD increasing from:
0V - 4.8V
VDD increasing from:
0V - 5.0V
VDD increasing from:
0V - 5.5V
MCP121-450


Similar Part No. - MCP131

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP131 MICROCHIP-MCP131 Datasheet
464Kb / 24P
   Micropower Voltage Supervisors
2004
MCP131 MICROCHIP-MCP131 Datasheet
379Kb / 26P
   Micropower Voltage Detector
2005
MCP131 MICROCHIP-MCP131 Datasheet
429Kb / 28P
   Micropower Voltage Supervisors
2004-2013
MCP131 MICROCHIP-MCP131 Datasheet
400Kb / 26P
   Micropower Voltage Detector
2004-2013
MCP131 MICROCHIP-MCP131 Datasheet
429Kb / 28P
   Micropower Voltage Supervisors
11/29/12
More results

Similar Description - MCP131

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP102 MICROCHIP-MCP102_14 Datasheet
688Kb / 28P
   Micropower Voltage Supervisors
10/28/13
MCP121 MICROCHIP-MCP121 Datasheet
464Kb / 24P
   Micropower Voltage Supervisors
2004
MCP102 MICROCHIP-MCP102_13 Datasheet
429Kb / 28P
   Micropower Voltage Supervisors
2004-2013
MCP103T-195I MICROCHIP-MCP103T-195I Datasheet
429Kb / 28P
   Micropower Voltage Supervisors
11/29/12
logo
Texas Instruments
TLC7725IDR TI-TLC7725IDR Datasheet
1Mb / 36P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7701MDREP TI1-TLC7701MDREP Datasheet
621Kb / 18P
[Old version datasheet]   MICROPOWER SUPPLY VOLTAGE SUPERVISORS
TLC7701-Q1 TI1-TLC7701-Q1 Datasheet
217Kb / 14P
[Old version datasheet]   MICROPOWER SUPPLY VOLTAGE SUPERVISORS
TLC7701 TI1-TLC7701_17 Datasheet
1Mb / 37P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7701IPWG4 TI-TLC7701IPWG4 Datasheet
1Mb / 36P
[Old version datasheet]   Micropower Supply Voltage Supervisors
TLC7705MJGB TI1-TLC7705MJGB Datasheet
1Mb / 36P
[Old version datasheet]   Micropower Supply Voltage Supervisors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com