Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

93AA46A Datasheet(PDF) 9 Page - Microchip Technology

Part # 93AA46A
Description  1K-16K Microwire Compatible Serial EEPROMs
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93AA46A Datasheet(HTML) 9 Page - Microchip Technology

Back Button 93AA46A_07 Datasheet HTML 5Page - Microchip Technology 93AA46A_07 Datasheet HTML 6Page - Microchip Technology 93AA46A_07 Datasheet HTML 7Page - Microchip Technology 93AA46A_07 Datasheet HTML 8Page - Microchip Technology 93AA46A_07 Datasheet HTML 9Page - Microchip Technology 93AA46A_07 Datasheet HTML 10Page - Microchip Technology 93AA46A_07 Datasheet HTML 11Page - Microchip Technology 93AA46A_07 Datasheet HTML 12Page - Microchip Technology 93AA46A_07 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
© 2007 Microchip Technology Inc.
DS21929D-page 9
93XX46X/56X/66X/76X/86X
TABLE 2-7:
INSTRUCTION SET FOR 93XX86A/B/C
Instruction
SB
Opcode
Address
Data In
Data Out
Req.
CLK
Cycles
93XX86B OR 93XX86C WITH ORG = 1
(16-BIT WORD ORGANIZATION)
ERASE
1
11
A9 A8 A7A6A5 A4A3 A2A1 A0
(RDY/BSY)13
ERAL
100
1
0
xx
xx
xx
xx
(RDY/BSY)13
EWDS
100
0
0
xx
xx
xx
xx
—High-Z
13
EWEN
100
1
1
xx
xx
xx
xx
—High-Z
13
READ
1
10
A9 A8 A7A6A5 A4A3 A2A1 A0
D15-D0
29
WRITE
1
01
A9 A8 A7A6A5 A4A3 A2A1 A0
D15-D0
(RDY/BSY)29
WRAL
100
0
1
xx
xx
xx
xx
D15-D0
(RDY/BSY)29
93XX86A OR 93XX86C WITH ORG = 0
(8-BIT WORD ORGANIZATION)
ERASE
1
11
A10 A9 A8 A7 A6 A5 A4 A3 A2 A1 A0
(RDY/BSY)14
ERAL
100
1
0
x
x
xx
xx
xx
x
(RDY/BSY)14
EWDS
100
0
0
x
x
xx
xx
xx
x
—High-Z
14
EWEN
100
1
1
x
x
xx
xx
xx
x
—High-Z
14
READ
1
10
A10 A9 A8 A7 A6 A5 A4 A3 A2 A1 A0
D7-D0
22
WRITE
1
01
A10 A9 A8 A7 A6 A5 A4 A3 A2 A1 A0
D7-D0
(RDY/BSY)22
WRAL
100
0
1
x
x
xx
xx
xx
x
D7-D0
(RDY/BSY)22


Similar Part No. - 93AA46A_07

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93AA46A MICROCHIP-93AA46A_05 Datasheet
438Kb / 28P
   1K Microwire Compatible Serial EEPROM
2005
More results

Similar Description - 93AA46A_07

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93AA46A MICROCHIP-93AA46A_13 Datasheet
1Mb / 38P
   1K Microwire Compatible Serial EEPROM
11/29/12
93AA46A MICROCHIP-93AA46A Datasheet
403Kb / 24P
   1K Microwire Compatible Serial EEPROM
2003
93AA46A MICROCHIP-93AA46A_10 Datasheet
736Kb / 34P
   1K Microwire Compatible Serial EEPROM
2010
93LC46BT-SN MICROCHIP-93LC46BT-SN Datasheet
1Mb / 38P
   1K Microwire Compatible Serial EEPROM
11/29/12
93AA46A MICROCHIP-93AA46A_05 Datasheet
438Kb / 28P
   1K Microwire Compatible Serial EEPROM
2005
93LC46A MICROCHIP-93LC46A Datasheet
420Kb / 28P
   1K Microwire Compatible Serial EEPROM
2005
93LC86C-ISN MICROCHIP-93LC86C-ISN Datasheet
431Kb / 26P
   16K Microwire Compatible Serial EEPROM
01/26/04
93AA86A MICROCHIP-93AA86A Datasheet
494Kb / 28P
   16K Microwire Compatible Serial EEPROM
2005
93AA86A MICROCHIP-93AA86A_12 Datasheet
776Kb / 38P
   16K Microwire Compatible Serial EEPROM
11/29/11
logo
Cystech Electonics Corp...
CTK24BC01-16P8 CYSTEKEC-CTK24BC01-16P8 Datasheet
378Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com