Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24AA025 Datasheet(PDF) 6 Page - Microchip Technology

Part # 24AA025
Description  I2C??Serial EEPROM Family Data Sheet
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA025 Datasheet(HTML) 6 Page - Microchip Technology

Back Button 24AA025 Datasheet HTML 2Page - Microchip Technology 24AA025 Datasheet HTML 3Page - Microchip Technology 24AA025 Datasheet HTML 4Page - Microchip Technology 24AA025 Datasheet HTML 5Page - Microchip Technology 24AA025 Datasheet HTML 6Page - Microchip Technology 24AA025 Datasheet HTML 7Page - Microchip Technology 24AA025 Datasheet HTML 8Page - Microchip Technology 24AA025 Datasheet HTML 9Page - Microchip Technology 24AA025 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
24AAXX/24LCXX/24FCXX
DS21930B-page 6
© 2007 Microchip Technology Inc.
13
TAA
Output valid from clock
(Note 2)
3500
900
900
400
ns
1.7V
≤ VCC < 2.5V
2.5V
≤ VCC ≤ 5.5V
1.7V
≤ VCC < 2.5V 24FCXXX
2.5V
≤ VCC ≤ 5.5V 24FCXXX
14
TBUF
Bus free time: Time the bus
must be free before a new
transmission can start
4700
1300
1300
500
ns
1.7V
≤ VCC < 2.5V
2.5V
≤ VCC ≤ 5.5V
1.7V
≤ VCC < 2.5V 24FCXXX
2.5V
≤ VCC ≤ 5.5V 24FCXXX
15
TOF
Output fall time from VIH
minimum to VIL maximum
CB
≤ 100 pF
10 + 0.1CB
250
250
ns
All except 24FCXXX (Note 1)
24FCXXX (Note 1)
16
TSP
Input filter spike suppression
(SDA and SCL pins)
50
ns
All except 24FCXXX (Note 1)
17
TWC
Write cycle time (byte or
page)
—5
ms
18
Endurance
1,000,000
cycles 25°C (Note 3)
TABLE 2-2:
AC CHARACTERISTICS – ALL EXCEPT 24XX00, 24C01C
AND 24C02C (CONTINUED)
AC CHARACTERISTICS
Electrical Characteristics:
Industrial (I):
VCC = +1.7V to 5.5V TA = -40°C to +85°C
Automotive (E):
VCC = +2.5V to 5.5V TA = -40°C to 125°C
Param.
No.
Sym.
Characteristic
Min.
Max.
Units
Conditions
Note 1: Not 100% tested. CB = total capacitance of one bus line in pF.
2: As a transmitter, the device must provide an internal minimum delay time to bridge the undefined region
(minimum 300 ns) of the falling edge of SCL to avoid unintended generation of Start or Stop conditions.
3: This parameter is not tested but ensured by characterization. For endurance estimates in a specific
application, please consult the Total Endurance™ Model, which can be obtained from Microchip’s web site:
www.microchip.com.
4: 24FCXXX denotes the 24FC64, 24FC128, 24FC256 and 24FC512 devices.


Similar Part No. - 24AA025

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA025 MICROCHIP-24AA025 Datasheet
328Kb / 22P
   2K I2C Serial EEPROM
2004
24AA025 MICROCHIP-24AA025 Datasheet
402Kb / 26P
   2K I2C??Serial EEPROM
2007
24AA025 MICROCHIP-24AA025 Datasheet
522Kb / 30P
   2K I2C??Serial EEPROM
2009
24AA025 MICROCHIP-24AA025 Datasheet
555Kb / 30P
   2K I2C Serial EEPROM
01/02/08
24AA025-I/MC MICROCHIP-24AA025-I/MC Datasheet
402Kb / 26P
   2K I2C??Serial EEPROM
2007
More results

Similar Description - 24AA025

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC02BT-ISNG MICROCHIP-24LC02BT-ISNG Datasheet
834Kb / 42P
   I2C??Serial EEPROM Family Data Sheet
06/25/07
11AA010 MICROCHIP-11AA010_11 Datasheet
757Kb / 48P
   1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2011
11AA010 MICROCHIP-11AA010 Datasheet
597Kb / 38P
   1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2008
11AA010 MICROCHIP-11AA010_10 Datasheet
830Kb / 44P
   1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2010
11AA020T-I MICROCHIP-11AA020T-I Datasheet
830Kb / 44P
   1K-16K UNI/O Serial EEPROM Family Data Sheet
01/05/10
24LC16B MICROCHIP-24LC16B_V01 Datasheet
355Kb / 24P
   16-Kbit I2C Serial EEPROM High Temp Data Sheet
Rev B April 2022
25LC080C MICROCHIP-25LC080C Datasheet
358Kb / 24P
   8K-256K SPI Serial EEPROM High Temp Family Data Sheet
2009
25LC010A MICROCHIP-25LC010A_09 Datasheet
348Kb / 24P
   1K-4K SPI Serial EEPROM High Temp Family Data Sheet
2009
24AA1026 MICROCHIP-24AA1026_15 Datasheet
464Kb / 30P
   1024K I2C Serial EEPROM
07/14/15
24AA01 MICROCHIP-24AA01_07 Datasheet
417Kb / 26P
   1K I2C??Serial EEPROM
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com