Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1700-3002ETT Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP1700-3002ETT
Description  Low Quiescent Current LDO
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1700-3002ETT Datasheet(HTML) 3 Page - Microchip Technology

  MCP1700-3002ETT Datasheet HTML 1Page - Microchip Technology MCP1700-3002ETT Datasheet HTML 2Page - Microchip Technology MCP1700-3002ETT Datasheet HTML 3Page - Microchip Technology MCP1700-3002ETT Datasheet HTML 4Page - Microchip Technology MCP1700-3002ETT Datasheet HTML 5Page - Microchip Technology MCP1700-3002ETT Datasheet HTML 6Page - Microchip Technology MCP1700-3002ETT Datasheet HTML 7Page - Microchip Technology MCP1700-3002ETT Datasheet HTML 8Page - Microchip Technology MCP1700-3002ETT Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
© 2007 Microchip Technology Inc.
DS21826B-page 3
MCP1700
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
VDD............................................................................................+6.5V
All inputs and outputs w.r.t. .............(VSS-0.3V) to (VIN+0.3V)
Peak Output Current .................................... Internally Limited
Storage temperature .....................................-65°C to +150°C
Maximum Junction Temperature................................... 150°C
Operating Junction Temperature...................-40°C to +125°C
ESD protection on all pins (HBM;MM)
............... ≥ 4kV; ≥ 400V
† Notice: Stresses above those listed under “Maximum
Ratings” may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operational listings of this specification is not implied.
Exposure to maximum rating conditions for extended periods
may affect device reliability.
DC CHARACTERISTICS
Electrical Characteristics: Unless otherwise specified, all limits are established for VIN =VR +1, ILOAD = 100 µA,
COUT =1µF (X7R), CIN =1µF (X7R), TA = +25°C.
Boldface type applies for junction temperatures, TJ (Note 6) of -40°C to +125°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Input / Output Characteristics
Input Operating Voltage
VIN
2.3
6.0
V
Note 1
Input Quiescent Current
Iq
—1.6
4
µA
IL =0mA, VIN =VR +1V
Maximum Output Current
IOUT_mA
250
200
mA
For VR ≥ 2.5V
For VR < 2.5V
Output Short Circuit Current
IOUT_SC
408
mA
VIN =VR +V, VOUT =GND,
Current (peak current) measured
10 ms after short is applied.
Output Voltage Regulation
VOUT
VR-3.0%
VR-2.0%
VR±0.4
%
VR+3.0%
VR+2.0%
V
Note 2
VOUT Temperature Coefficient
TCVOUT
50
ppm/°C
Note 3
Line Regulation
ΔVOUT/
(VOUTXΔVIN)
-1.0
±0.75
+1.0
%/V
(VR+1)V ≤ VIN ≤ 6V
Load Regulation
ΔVOUT/VOUT
-1.5
±1.0
+1.5
%IL = 0.1 mA to 250 mA for VR ≥ 2.5V
IL = 0.1 mA to 200 mA for VR < 2.5V
Note 4
Dropout Voltage
VR > 2.5V
VIN-VOUT
178
350
mV
IL = 250 mA, (Note 1, Note 5)
Dropout Voltage
VR < 2.5V
VIN-VOUT
150
350
mV
IL = 200 mA, (Note 1, Note 5)
Output Rise Time
TR
500
µs
10% VR to 90% VR VIN = 0V to 6V,
RL =50Ω resistive
Output Noise
eN
—3
µV/(Hz)1/2 IL = 100 mA, f = 1 kHz, COUT =1µF
Note 1:
The minimum VIN must meet two conditions: VIN ≥ 2.3V and VIN ≥ (VR + 3.0%) +VDROPOUT.
2:
VR is the nominal regulator output voltage. For example: VR = 1.2V, 1.5V, 1.8V, 2.5V, 2.8V, 3.0V, 3.3V, 4.0V, 5.0V. The
input voltage (VIN =VR + 1.0V); IOUT = 100 µA.
3:
TCVOUT = (VOUT-HIGH -VOUT-LOW) *106 / (VR * ΔTemperature), VOUT-HIGH = highest voltage measured over the
temperature range. VOUT-LOW = lowest voltage measured over the temperature range.
4:
Load regulation is measured at a constant junction temperature using low duty cycle pulse testing. Changes in output
voltage due to heating effects are determined using thermal regulation specification TCVOUT.
5:
Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its measured
value with a VR + 1V differential applied.
6:
The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable junction
temperature and the thermal resistance from junction to air (i.e., TA, TJ, θJA). Exceeding the maximum allowable power
dissipation will cause the device operating junction temperature to exceed the maximum 150°C rating. Sustained
junction temperatures above 150°C can impact the device reliability.
7:
The junction temperature is approximated by soaking the device under test at an ambient temperature equal to the
desired Junction temperature. The test time is small enough such that the rise in the Junction temperature over the
ambient temperature is not significant.


Similar Part No. - MCP1700-3002ETT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1700-3002ETT MICROCHIP-MCP1700-3002ETT Datasheet
522Kb / 22P
   Low Quiescent Current LDO
2003
More results

Similar Description - MCP1700-3002ETT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1700 MICROCHIP-MCP1700 Datasheet
522Kb / 22P
   Low Quiescent Current LDO
2003
MCP1700T-5002E MICROCHIP-MCP1700T-5002E Datasheet
654Kb / 24P
   Low Quiescent Current LDO
12/08/06
logo
Seaward Electronics Inc...
SE8801 SEAWARD-SE8801 Datasheet
469Kb / 7P
   Low Quiescent Current LDO
logo
Microchip Technology
MCP1700T-2502E MICROCHIP-MCP1700T-2502E Datasheet
654Kb / 24P
   Low Quiescent Current LDO
12/08/06
MCP1700-1502E MICROCHIP-MCP1700-1502E Datasheet
654Kb / 24P
   Low Quiescent Current LDO
12/08/06
MCP1700 MICROCHIP-MCP1700_13 Datasheet
973Kb / 28P
   Low Quiescent Current LDO
08/20/13
logo
Micrel Semiconductor
MIC5327 MICREL-MIC5327 Datasheet
325Kb / 10P
   300mA Low Quiescent Current LDO
logo
Taiwan Semiconductor Co...
TS3480 TSC-TS3480_08 Datasheet
91Kb / 5P
   Low Quiescent Current LDO Voltage Regulator
logo
BCD Semiconductor Manuf...
AP2138,9 BCDSEMI-AP2138,9 Datasheet
988Kb / 25P
   ULTRA LOW QUIESCENT CURRENT CMOS LDO
logo
Taiwan Semiconductor Co...
TS9011 TSC-TS9011_10 Datasheet
237Kb / 7P
   250mA Low Quiescent Current CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com