Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCN75A Datasheet(PDF) 11 Page - Microchip Technology

Part # TCN75A
Description  2-Wire Serial Temperature Sensor
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TCN75A Datasheet(HTML) 11 Page - Microchip Technology

Back Button TCN75A Datasheet HTML 7Page - Microchip Technology TCN75A Datasheet HTML 8Page - Microchip Technology TCN75A Datasheet HTML 9Page - Microchip Technology TCN75A Datasheet HTML 10Page - Microchip Technology TCN75A Datasheet HTML 11Page - Microchip Technology TCN75A Datasheet HTML 12Page - Microchip Technology TCN75A Datasheet HTML 13Page - Microchip Technology TCN75A Datasheet HTML 14Page - Microchip Technology TCN75A Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
© 2006 Microchip Technology Inc.
DS21935C-page 11
TCN75A
5.3
Registers
The TCN75A has four registers that are user-accessi-
ble. These registers are specified as the Ambient
Temperature (TA) register, the Temperature Limit-set
(TSET) register, the Temperature Hysteresis (THYST)
register and device Configuration (CONFIG) register.
The Ambient Temperature register is a read-only
register and is used to access the ambient temperature
data. The data from the ADC is loaded in parallel in the
register. The Temperature Limit-set and Temperature
Hysteresis registers are read/write registers that
provide user-programmable temperature limits. If the
ambient temperature drifts beyond the programmed
limits, the TCN75A outputs an alert signal using the
ALERT pin (refer to Section 5.3.4.3 “ALERT Output
Configuration”). The device Configuration register
provides access for the user to configure the TCN75A’s
various features. These registers are described in
further detail in the following sections.
The registers are accessed by sending register
pointers to the TCN75A using the serial interface. This
is an 8-bit pointer. However, the two Least Significant
bits (LSbs) are used as pointers and all other bits need
to be cleared <0>. This device has additional registers
that are reserved for test and calibration. If these
registers are accessed, the device may not perform
according to the specification. The pointer description
is shown below.
FIGURE 4-2:
Register Block Diagram.
ALERT Output
Control Logic
ALERT
Output
Resolution
Temperature
THYST
TSET
Register
Register
Register
Configuration
Register
One-Shot
Shutdown
Fault Queue
Alert Polarity
Alert Comp/Int
REGISTER 5-1:
REGISTER POINTER
U-0
U-0
U-0
U-0
U-0
U-0
R/W-0
R/W-0
0
0
0
0
0
0
P1
P0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-3
Unimplemented: Read as ‘0’
bit 2-0
Pointer bits
00 = Temperature register (TA)
01 = Configuration register (CONFIG)
10 = Temperature Hysteresis register (THYST)
11 = Temperature Limit-set register (TSET)
.


Similar Part No. - TCN75A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TCN75A MICROCHIP-TCN75A Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
TCN75A MICROCHIP-TCN75A Datasheet
2Mb / 44P
   Analog and Interface Product Selector Guide
11/29/11
TCN75AVOA MICROCHIP-TCN75AVOA Datasheet
511Kb / 40P
   2-Wire Serial Temperature Sensor
08/04/10
TCN75AVOA713 MICROCHIP-TCN75AVOA713 Datasheet
511Kb / 40P
   2-Wire Serial Temperature Sensor
08/04/10
TCN75AVUA MICROCHIP-TCN75AVUA Datasheet
511Kb / 40P
   2-Wire Serial Temperature Sensor
08/04/10
More results

Similar Description - TCN75A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TCN75A MICROCHIP-TCN75A_1 Datasheet
511Kb / 40P
   2-Wire Serial Temperature Sensor
08/04/10
logo
ON Semiconductor
LM75 ONSEMI-LM75 Datasheet
150Kb / 12P
   2-Wire Serial Temperature Sensor and Monitor
February, 2000 ??Rev. 0
logo
Microchip Technology
TCN75 MICROCHIP-TCN75 Datasheet
583Kb / 20P
   2-Wire Serial Temperature Sensor and Thermal Monitor
2006
logo
TelCom Semiconductor, I...
TCN75 TELCOM-TCN75 Datasheet
259Kb / 10P
   2-WIRE SERIAL TEMPERATURE SENSOR AND THERMAL MONITOR
logo
Microchip Technology
TCN75 MICROCHIP-TCN75_13 Datasheet
447Kb / 20P
   2-Wire Serial Temperature Sensor and Thermal Monitor
11/29/12
logo
Seiko Instruments Inc
S5851A SII-S5851A Datasheet
569Kb / 29P
   2-WIRE DIGITAL TEMPERATURE SENSOR
S-5851AAA-I6T1U SII-S-5851AAA-I6T1U Datasheet
410Kb / 29P
   2-WIRE DIGITAL TEMPERATURE SENSOR
logo
ATMEL Corporation
AT24C01B ATMEL-AT24C01B_14 Datasheet
723Kb / 18P
   2-Wire Automotive Temperature Serial EEPROM
AT24C01C ATMEL-AT24C01C_14 Datasheet
727Kb / 19P
   2-wire Automotive Temperature Serial EEPROMs
AT24C02B ATMEL-AT24C02B_14 Datasheet
723Kb / 18P
   2-Wire Automotive Temperature Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com