Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8586 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA8586
Description  Power amplifier with load detection and auto BTL/SE selection
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8586 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA8586 Datasheet HTML 5Page - NXP Semiconductors TDA8586 Datasheet HTML 6Page - NXP Semiconductors TDA8586 Datasheet HTML 7Page - NXP Semiconductors TDA8586 Datasheet HTML 8Page - NXP Semiconductors TDA8586 Datasheet HTML 9Page - NXP Semiconductors TDA8586 Datasheet HTML 10Page - NXP Semiconductors TDA8586 Datasheet HTML 11Page - NXP Semiconductors TDA8586 Datasheet HTML 12Page - NXP Semiconductors TDA8586 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
1999 Apr 08
9
Philips Semiconductors
Preliminary specification
Power amplifier with load detection and
auto BTL/SE selection
TDA8586
Fig.5 Timing diagram including diagnostics.
handbook, full pagewidth
MGR027
state
condition
This voltage must remain present.
Whatever the load detection has found the mode of operation will be inverted.
Toggling between the 2 modes is possible.
The mode is overruled only from
BTL to SE when the diagnostic pin
is excited with a pulse of 10 V.
standby
load detect
mute
no load detect
mute
no clipping/shorts
on
clipping
on
short-circuit
on
VP
VP
MSO
diagnostic
information
diagnostic
overrule
mode select
amplifier
output
buffer/amplifier
output
0
0
3 V
5 V
10 V
0
5 V
0
0.5VP
0
0.5VP
0
0
9 V
short-circuit to supply
short-circuit over load
short-circuit to ground
short-circuit to supply
short-circuit over load
short-circuit to ground
SE detected
BTL detected
SE detection
BTL detection
minimum 1 s


Similar Part No. - TDA8586

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8580 PHILIPS-TDA8580 Datasheet
144Kb / 20P
   Multi-purpose power amplifier
1998 Feb 25
TDA8580J PHILIPS-TDA8580J Datasheet
181Kb / 28P
   Multi-purpose power amplifier
2000 Apr 18
TDA8581 PHILIPS-TDA8581 Datasheet
113Kb / 20P
   Multi-purpose high-gain power amplifier
1998 May 27
TDA8588AJ PHILIPS-TDA8588AJ Datasheet
296Kb / 54P
   I2C-bus controlled 4 x 50 Watt power amplifier and multiple voltage regulator
2004 Feb 24
TDA8588BJ PHILIPS-TDA8588BJ Datasheet
296Kb / 54P
   I2C-bus controlled 4 x 50 Watt power amplifier and multiple voltage regulator
2004 Feb 24
More results

Similar Description - TDA8586

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8T49N241 IDT-8T49N241 Datasheet
1Mb / 64P
   Auto and manual clock selection with hitless switching
8T49N242 IDT-8T49N242 Datasheet
1Mb / 65P
   Auto and manual clock selection with hitless switching
logo
ON Semiconductor
NCS2584 ONSEMI-NCS2584 Datasheet
268Kb / 17P
   Four-Channel Video Driver with Load Detection and Signal Detection
August, 2012 ??Rev. 0
logo
NXP Semiconductors
TDA8512J PHILIPS-TDA8512J Datasheet
165Kb / 24P
   26 W BTL and 2 x 13 W SE or 4 x 13 W SE power amplifier
2001 Nov 16
logo
Integrated Device Techn...
8T49N282 IDT-8T49N282 Datasheet
1Mb / 78P
   Auto and manual input clock selection with hitless switching
logo
Texas Instruments
TPS2546-Q1 TI1-TPS2546-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   USB-Charging Port Controller and Power Switch With Load Detection
TPS2543 TI1-TPS2543 Datasheet
1Mb / 34P
[Old version datasheet]   USB Charging Port Controller and Power Switch with Load Detection
TPS2543-Q1 TI1-TPS2543-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   USB Charging Port Controller and Power Switch with Load Detection
TPS2546 TI-TPS2546 Datasheet
1Mb / 40P
[Old version datasheet]   USB Charging Port Controller and Power Switch with Load Detection
logo
Integrated Device Techn...
8T49N285 IDT-8T49N285 Datasheet
1Mb / 65P
   Auto and manual input clock selection with hitless switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com