Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP9700 Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP9700
Description  Low-Power Linear Active Thermistor??ICs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9700 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP9700_06 Datasheet HTML 2Page - Microchip Technology MCP9700_06 Datasheet HTML 3Page - Microchip Technology MCP9700_06 Datasheet HTML 4Page - Microchip Technology MCP9700_06 Datasheet HTML 5Page - Microchip Technology MCP9700_06 Datasheet HTML 6Page - Microchip Technology MCP9700_06 Datasheet HTML 7Page - Microchip Technology MCP9700_06 Datasheet HTML 8Page - Microchip Technology MCP9700_06 Datasheet HTML 9Page - Microchip Technology MCP9700_06 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
MCP9700/9700A and MCP9701/9701A
DS21942C-page 6
© 2006 Microchip Technology Inc.
Note: Unless otherwise indicated, MCP9700/9700A: VDD = 2.3V to 5.5V; MCP9701/9701A: VDD = 3.1V to 5.5V; GND
= Ground, Cbypass = 0.1 µF.
FIGURE 2-13:
Output Voltage vs. Power
Supply.
FIGURE 2-14:
Output vs. Settling Time to
step VDD.
FIGURE 2-15:
Thermal Response (Air to
Fluid Bath).
FIGURE 2-16:
Output Voltage vs. Ambient
Temperature.
FIGURE 2-17:
Output vs. Settling Time to
Ramp VDD.
FIGURE 2-18:
Output Impedance vs.
Frequency.
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
VDD (V)
TA = 26°C
0
2
4
6
8
10
12
Time (ms)
-2.5
-1.7
-0.8
0.0
0.8
1.7
2.5
VDD_STEP = 5V
TA = 26°C
IDD
VOUT
30
55
80
105
130
-2
0
2
4
6
8
10
121416
18
Time (s)
SC70-5
1 in. x 1 in. Copper Clad
PCB
Leaded, without PCB
SC70-5
TO92-3
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-50
-25
0
255075
100
125
TA (°C)
MCP9700
MCP9700A
MCP9701
MCP9701A
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.00.1 0.20.3 0.40.5 0.60.7 0.80.9 1.0
Time (ms)
-42.0
-30.0
-18.0
-6.0
6.0
18.0
30.0
IDD
VOUT
VDD_RAMP = 5V/ms
TA = 26°C
1
10
100
1000
0.1
1
10
100
1000
10000 100000
Frequency (Hz)
VDD = 5.0V
IOUT = 100 µA
TA = 26°C
1K
10K
100K
100
10
1
0.1


Similar Part No. - MCP9700_06

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP9700 MICROCHIP-MCP9700_09 Datasheet
757Kb / 24P
   Low-Power Linear Active Thermistor??ICs
2009
More results

Similar Description - MCP9700_06

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP9700 MICROCHIP-MCP9700_16 Datasheet
384Kb / 22P
   Low-Power Linear Active Thermistor ICs
07/14/15
MCP9701AT-E MICROCHIP-MCP9701AT-E Datasheet
252Kb / 18P
   Low-Power Linear Active Thermistor ICs
08/24/05
MCP9700 MICROCHIP-MCP9700_V01 Datasheet
625Kb / 22P
   Low-Power Linear Active Thermistor ICs
Revision G June 2016
MCP970X MICROCHIP-MCP970X Datasheet
735Kb / 26P
   Low-Power Linear Active Thermistor ICs
Revision J November 2022
MCP9700 MICROCHIP-MCP9700_09 Datasheet
757Kb / 24P
   Low-Power Linear Active Thermistor??ICs
2009
logo
KOA Speer Electronics, ...
LT732BTTD101J1000 KOA-LT732BTTD101J1000 Datasheet
249Kb / 2P
   linear positive tempco thermistor
LT732A KOA-LT732A Datasheet
90Kb / 2P
   linear positive tempco thermistor
LT732AT KOA-LT732AT Datasheet
76Kb / 4P
   Linear Positive Tempco Thermistor
logo
List of Unclassifed Man...
UPC451C ETC1-UPC451C Datasheet
44Kb / 1P
   INDUSTRIAL LINEAR ICS
logo
KOA Speer Electronics, ...
LT16CT26A102J3600 KOA-LT16CT26A102J3600 Datasheet
251Kb / 2P
   linear positive miniature tempco thermistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com