Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC4428AM Datasheet(PDF) 7 Page - Microchip Technology

Part # TC4428AM
Description  1.5A Dual High-Speed Power MOSFET Drivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4428AM Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC4428AM Datasheet HTML 3Page - Microchip Technology TC4428AM Datasheet HTML 4Page - Microchip Technology TC4428AM Datasheet HTML 5Page - Microchip Technology TC4428AM Datasheet HTML 6Page - Microchip Technology TC4428AM Datasheet HTML 7Page - Microchip Technology TC4428AM Datasheet HTML 8Page - Microchip Technology TC4428AM Datasheet HTML 9Page - Microchip Technology TC4428AM Datasheet HTML 10Page - Microchip Technology TC4428AM Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
© 2005 Microchip Technology Inc.
DS21939A-page 7
TC4426AM/TC4427AM/TC4428AM
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Inputs A & B (IN A and IN B)
MOSFET driver IN A & B are high-impedance,
TTL/CMOS-compatible inputs. These inputs also have
300 mV of hysteresis between the high and low
thresholds, which prevents output glitching even when
the rise and fall time of the input signal is very slow.
3.2
Ground (GND)
The GND pin is the return path for both the bias current
and the high peak current that discharges the external
load capacitance. The ground pin should be tied into a
ground plane or have a very short trace to the bias sup-
ply source return.
3.3
Outputs A & B (OUT A and OUT B)
MOSFET driver OUT A & B are low-impedance,
CMOS, push-pull style outputs. The pull-down and pull-
up devices are of equal strength, making the rise and
fall times equivalent.
3.4
Supply Input (VDD)
The VDD input is the bias supply for the MOSFET driver
and is rated for 4.5V to 18V, with respect to the ground
pin. The VDD input should be bypassed with local
ceramic capacitors. The value of these capacitors
should be chosen based on the capacitive load that is
being driven.
8-Pin
CERDIP
Symbol
Description
1
NC
No connection
2
IN A
Input A
3
GND
Ground
4
IN B
Input B
5
OUT B
Output B
6VDD
Supply input
7
OUT A
Output A
8
NC
No connection


Similar Part No. - TC4428AM

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC4428AM MICROCHIP-TC4428AM Datasheet
221Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
11/29/12
logo
TelCom Semiconductor, I...
TC4428AMJA TELCOM-TC4428AMJA Datasheet
64Kb / 5P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC4428AMJA MICROCHIP-TC4428AMJA Datasheet
501Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
2002
More results

Similar Description - TC4428AM

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC426 TELCOM-TC426 Datasheet
76Kb / 5P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC4426 MICROCHIP-TC4426 Datasheet
66Kb / 9P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
2001
TC4426A MICROCHIP-TC4426A_06 Datasheet
427Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426M MICROCHIP-TC4426M Datasheet
209Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2005
TC4426 MICROCHIP-TC4426_V01 Datasheet
976Kb / 28P
   1.5A Dual High-Speed Power MOSFET Drivers
2006-2014
TC426 MICROCHIP-TC426_13 Datasheet
514Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
TC4426M MICROCHIP-TC4426M_13 Datasheet
239Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
11/29/12
TC4426 MICROCHIP-TC4426_13 Datasheet
356Kb / 20P
   1.5A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
TC426 MICROCHIP-TC426_06 Datasheet
587Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426 MICROCHIP-TC4426_06 Datasheet
444Kb / 20P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426A MICROCHIP-TC4426A Datasheet
501Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com