Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP9701 Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP9701
Description  Low-Power Linear Active Thermistor??ICs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9701 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP9701 Datasheet HTML 7Page - Microchip Technology MCP9701 Datasheet HTML 8Page - Microchip Technology MCP9701 Datasheet HTML 9Page - Microchip Technology MCP9701 Datasheet HTML 10Page - Microchip Technology MCP9701 Datasheet HTML 11Page - Microchip Technology MCP9701 Datasheet HTML 12Page - Microchip Technology MCP9701 Datasheet HTML 13Page - Microchip Technology MCP9701 Datasheet HTML 14Page - Microchip Technology MCP9701 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
© 2006 Microchip Technology Inc.
DS21942C-page 11
MCP9700/9700A and MCP9701/9701A
5-Lead Plastic Small Outline Transistor (LT) (SC-70)
0.30
0.15
.012
.006
B
Lead Width
0.18
0.10
.007
.004
c
Lead Thickness
0.30
0.10
.012
.004
L
Foot Length
2.20
1.80
.087
.071
D
Overall Length
1.35
1.15
.053
.045
E1
Molded Package Width
2.40
1.80
.094
.071
E
Overall Width
0.10
0.00
.004
.000
A1
Standoff
1.00
0.80
.039
.031
A2
Molded Package Thickness
1.10
0.80
.043
.031
A
Overall Height
0.65 (BSC)
.026 (BSC)
p
Pitch
5
5
n
Number of Pins
MAX
NOM
MIN
MAX
NOM
MIN
Dimension Limits
MILLIMETERS*
INCHES
Units
Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed .005" (0.127mm) per side.
Notes:
JEITA (EIAJ) Standard: SC-70
Revised 07-19-05
* Controlling Parameter
Top of Molded Pkg to
Q1
.004
.016
0.10
0.40
Lead Shoulder
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
See ASME Y14.5M
L
E1
E
c
D
1
B
p
A2
A
Q1
n
A1
Drawing No. C04-061


Similar Part No. - MCP9701

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP9701 MICROCHIP-MCP9701 Datasheet
265Kb / 18P
   Low-Power Voltage Output Temperature Sensor
2005
MCP9701 MICROCHIP-MCP9701 Datasheet
757Kb / 24P
   Low-Power Linear Active Thermistor??ICs
2009
MCP9701 MICROCHIP-MCP9701 Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
MCP9701 MICROCHIP-MCP9701 Datasheet
2Mb / 44P
   Analog and Interface Product Selector Guide
11/29/11
MCP9701 MICROCHIP-MCP9701 Datasheet
735Kb / 26P
   Low-Power Linear Active Thermistor ICs
Revision J November 2022
More results

Similar Description - MCP9701

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP9700 MICROCHIP-MCP9700_16 Datasheet
384Kb / 22P
   Low-Power Linear Active Thermistor ICs
07/14/15
MCP9701AT-E MICROCHIP-MCP9701AT-E Datasheet
252Kb / 18P
   Low-Power Linear Active Thermistor ICs
08/24/05
MCP9700 MICROCHIP-MCP9700_V01 Datasheet
625Kb / 22P
   Low-Power Linear Active Thermistor ICs
Revision G June 2016
MCP970X MICROCHIP-MCP970X Datasheet
735Kb / 26P
   Low-Power Linear Active Thermistor ICs
Revision J November 2022
MCP9700 MICROCHIP-MCP9700_09 Datasheet
757Kb / 24P
   Low-Power Linear Active Thermistor??ICs
2009
logo
KOA Speer Electronics, ...
LT732BTTD101J1000 KOA-LT732BTTD101J1000 Datasheet
249Kb / 2P
   linear positive tempco thermistor
LT732A KOA-LT732A Datasheet
90Kb / 2P
   linear positive tempco thermistor
LT732AT KOA-LT732AT Datasheet
76Kb / 4P
   Linear Positive Tempco Thermistor
logo
List of Unclassifed Man...
UPC451C ETC1-UPC451C Datasheet
44Kb / 1P
   INDUSTRIAL LINEAR ICS
logo
KOA Speer Electronics, ...
LT16CT26A102J3600 KOA-LT16CT26A102J3600 Datasheet
251Kb / 2P
   linear positive miniature tempco thermistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com