Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP9700A Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP9700A
Description  Low-Power Linear Active Thermistor??ICs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9700A Datasheet(HTML) 2 Page - Microchip Technology

  MCP9700A Datasheet HTML 1Page - Microchip Technology MCP9700A Datasheet HTML 2Page - Microchip Technology MCP9700A Datasheet HTML 3Page - Microchip Technology MCP9700A Datasheet HTML 4Page - Microchip Technology MCP9700A Datasheet HTML 5Page - Microchip Technology MCP9700A Datasheet HTML 6Page - Microchip Technology MCP9700A Datasheet HTML 7Page - Microchip Technology MCP9700A Datasheet HTML 8Page - Microchip Technology MCP9700A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
MCP9700/9700A and MCP9701/9701A
DS21942C-page 2
© 2006 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
VDD:...................................................................... 6.0V
Storage temperature: ........................ -65°C to +150°C
Ambient Temp. with Power Applied:.. -40°C to +125°C
Junction Temperature (TJ):................................. 150°C
ESD Protection On All Pins (HBM:MM):.... (4 kV:200V)
Latch-Up Current at Each Pin: ...................... ±200 mA
†Notice: Stresses above those listed under “Maximum
Ratings” may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operational listings of this specification is not implied.
Exposure to maximum rating conditions for extended periods
may affect device reliability.
DC ELECTRICAL CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated:
MCP9700/9700A: VDD = 2.3V to 5.5V, GND = Ground, TA = -40°C to +125°C and No load.
MCP9701/9701A: VDD = 3.1V to 5.5V, GND = Ground, TA = -10°C to +125°C and No load.
Parameter
Sym
Min
Typ
Max
Unit
Conditions
Power Supply
Operating Voltage Range
VDD
VDD
2.3
3.1
5.5
5.5
V
V
MCP9700/9700A
MCP9701/9701A
Operating Current
IDD
—6
12
µA
Power Supply Rejection
Δ°C/ΔVDD
—0.1
°C/V
Sensor Accuracy (Notes 1, 2)
TA = +25°C
TACY
—±1
°C
TA = 0°C to +70°C
TACY
-2.0
+2.0
°C
MCP9700A/9701A
TA = -40°C to +125°C
TACY
-2.0
+4.0
°C
MCP9700A
TA = -10°C to +125°C
TACY
-2.0
+4.0
°C
MCP9701A
TA = 0°C to +70°C
TACY
-4.0
+4.0
°C
MCP9700/9701
TA = -40°C to +125°C
TACY
-4.0
+6.0
°C
MCP9700
TA = -10°C to +125°C
TACY
-4.0
+6.0
°C
MCP9701
Sensor Output
Output Voltage, TA = 0°C
V0°C
—500
mV
MCP9700/9700A
Output Voltage, TA = 0°C
V0°C
—400
mV
MCP9701/9701A
Temperature Coefficient
TC
—10.0
mV/°C MCP9700/9700A
TC
—19.5
mV/°C MCP9701/9701A
Output Non-linearity
VONL
—±0.5
°C
TA = 0°C to +70°C (Note 2)
Output Current
IOUT
100
µA
Output Impedance
ZOUT
—20
Ω
IOUT = 100 µA, f = 500 Hz
Output Load Regulation
ΔVOUT/
ΔIOUT
—1
Ω
TA = 0°C to +70°C,
IOUT = 100 µA
Note 1: The MCP9700/9700A family accuracy is tested with VDD = 3.3V, while the MCP9701/9701A accuracy is
tested with VDD = 5.0V.
2: The MCP9700/9700A and MCP9701/9701A family is characterized using the first-order or linear equation,
as shown in Equation 4-2.
3: The MCP9700/9700A and MCP9701/9701A family is characterized and production tested with a
capacitive load of 1000 pF.
4: SC-70-5 package thermal response with 1x1 inch, dual-sided copper clad, TO-92-3 package thermal
response without PCB (leaded).


Similar Part No. - MCP9700A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP9700A MICROCHIP-MCP9700A Datasheet
757Kb / 24P
   Low-Power Linear Active Thermistor??ICs
2009
MCP9700A MICROCHIP-MCP9700A Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
MCP9700A MICROCHIP-MCP9700A Datasheet
2Mb / 44P
   Analog and Interface Product Selector Guide
11/29/11
MCP9700A MICROCHIP-MCP9700A Datasheet
735Kb / 26P
   Low-Power Linear Active Thermistor ICs
Revision J November 2022
MCP9700A MICROCHIP-MCP9700A Datasheet
625Kb / 22P
   Low-Power Linear Active Thermistor ICs
Revision G June 2016
More results

Similar Description - MCP9700A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP9700 MICROCHIP-MCP9700_16 Datasheet
384Kb / 22P
   Low-Power Linear Active Thermistor ICs
07/14/15
MCP9701AT-E MICROCHIP-MCP9701AT-E Datasheet
252Kb / 18P
   Low-Power Linear Active Thermistor ICs
08/24/05
MCP9700 MICROCHIP-MCP9700_V01 Datasheet
625Kb / 22P
   Low-Power Linear Active Thermistor ICs
Revision G June 2016
MCP970X MICROCHIP-MCP970X Datasheet
735Kb / 26P
   Low-Power Linear Active Thermistor ICs
Revision J November 2022
MCP9700 MICROCHIP-MCP9700_09 Datasheet
757Kb / 24P
   Low-Power Linear Active Thermistor??ICs
2009
logo
KOA Speer Electronics, ...
LT732BTTD101J1000 KOA-LT732BTTD101J1000 Datasheet
249Kb / 2P
   linear positive tempco thermistor
LT732A KOA-LT732A Datasheet
90Kb / 2P
   linear positive tempco thermistor
LT732AT KOA-LT732AT Datasheet
76Kb / 4P
   Linear Positive Tempco Thermistor
logo
List of Unclassifed Man...
UPC451C ETC1-UPC451C Datasheet
44Kb / 1P
   INDUSTRIAL LINEAR ICS
logo
KOA Speer Electronics, ...
LT16CT26A102J3600 KOA-LT16CT26A102J3600 Datasheet
251Kb / 2P
   linear positive miniature tempco thermistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com