Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3906 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP3906
Description  Energy-Metering ICs with Active (Real) Power Pulse Output
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3906 Datasheet(HTML) 3 Page - Microchip Technology

  MCP3906 Datasheet HTML 1Page - Microchip Technology MCP3906 Datasheet HTML 2Page - Microchip Technology MCP3906 Datasheet HTML 3Page - Microchip Technology MCP3906 Datasheet HTML 4Page - Microchip Technology MCP3906 Datasheet HTML 5Page - Microchip Technology MCP3906 Datasheet HTML 6Page - Microchip Technology MCP3906 Datasheet HTML 7Page - Microchip Technology MCP3906 Datasheet HTML 8Page - Microchip Technology MCP3906 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
© 2007 Microchip Technology Inc.
DS21948D-page 3
MCP3905/06
TEMPERATURE CHARACTERISTICS
Reference Input
Input Range
2.2
2.6
V
Input Impedance
3.2
k
Ω
Input Capacitance
10
pF
Analog Inputs
Maximum Signal Level
±1
V
CH0+,CH0-,CH1+,CH1- to AGND
Differential Input Voltage
Range Channel 0
±470/G
mV
G = PGA Gain on Channel 0
Differential Input Voltage
Range Channel 1
——
±660
mV
Input Impedance
390
k
Ω
Proportional to 1/MCLK frequency
Bandwidth
(Notch Frequency)
14
kHz
Proportional to MCLK frequency,
MCLK/256
Oscillator Input
Frequency Range
MCLK
1
4
MHz
Power Specifications
Operating Voltage
4.5
5.5
V
AVDD, DVDD
IDD,A
IDD,A
—2.7
3.0
mA
AVDD pin only
IDD,D
IDD,D
—1.2
2.0
mA
DVDD pin only
Electrical Specifications: Unless otherwise indicated, VDD = 4.5V – 5.5V, AGND, DGND = 0V.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
-40
+85
°C
Operating Temperature Range
TA
-40
+125
°C
Note
Storage Temperature Range
TA
-65
+150
°C
Note:
The MCP3905/06 operate over this extended temperature range, but with reduced performance. In any
case, the Junction Temperature (TJ) must not exceed the Absolute Maximum specification of +150°C.
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise indicated, all parameters apply at AVDD = DVDD = 4.5V – 5.5V,
Internal VREF, HPF turned on (AC mode), AGND, DGND = 0V, MCLK = 3.58 MHz; TA = -40°C to +85°C.
Parameter
Sym
Min
Typ.
Max
Units
Comment
Note 1:
Measurement error = (Energy Measured By Device - True Energy)/True Energy * 100%. Accuracy is
measured with signal (±660 mV) on Channel 1. FOUT0, FOUT1 pulse outputs. Valid from 45 Hz to 65 Hz.
See Section 2.0 “Typical Performance Curves” for higher frequencies and increased dynamic range.
2:
Does not include internal VREF. Gain = 1, CH0 = 470 mVDC, CH1 = 660 mVDC, difference between
measured output frequency and expected transfer function.
3:
Percent of HFOUT output frequency variation; Includes external VREF = 2.5V, CH1 = 100 mVRMS @
50 Hz, CH2 = 100 mVRMS @ 50 Hz, AVDD = 5V + 1Vpp @ 100 Hz. DC PSRR: 5V ±500 mV.
4:
Error applies down to 60° lead (PF = 0.5 capacitive) and 60° lag (PF = 0.5 inductive).
5:
Refer to Section 4.0 “Device Overview” for complete description.
6:
Specified by characterization, not production tested.
7:
1 MCLK period at 3.58 MHz is equivalent to less than <0.005 degrees at 50 or 60 Hz.
8:
Gain error match is measured from CH0 G = 1 to any other gain setting.


Similar Part No. - MCP3906

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3906 MICROCHIP-MCP3906 Datasheet
383Kb / 26P
   Energy-Metering ICs with Active (Real) Power Pulse Output
2005
MCP3906 MICROCHIP-MCP3906 Datasheet
403Kb / 30P
   Energy-Metering ICs with Active (Real) Power Pulse Output
2009
MCP3906-I/SS MICROCHIP-MCP3906-I/SS Datasheet
403Kb / 30P
   Energy-Metering ICs with Active (Real) Power Pulse Output
2009
MCP3906A MICROCHIP-MCP3906A Datasheet
919Kb / 26P
   Energy Metering ICs with Active Real Power Pulse Output
2006
MCP3906A-E/SS MICROCHIP-MCP3906A-E/SS Datasheet
563Kb / 32P
   Energy Metering ICs with Active Real Power Pulse Output
05/02/11
More results

Similar Description - MCP3906

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3906 MICROCHIP-MCP3906 Datasheet
383Kb / 26P
   Energy-Metering ICs with Active (Real) Power Pulse Output
2005
MCP3905 MICROCHIP-MCP3905_09 Datasheet
403Kb / 30P
   Energy-Metering ICs with Active (Real) Power Pulse Output
2009
MCP3905A MICROCHIP-MCP3905A_11 Datasheet
563Kb / 32P
   Energy Metering ICs with Active Real Power Pulse Output
05/02/11
MCP3905A MICROCHIP-MCP3905A Datasheet
919Kb / 26P
   Energy Metering ICs with Active Real Power Pulse Output
2006
MCP3909 MICROCHIP-MCP3909_09 Datasheet
1Mb / 44P
   Energy Metering IC with SPI Interface and Active Power Pulse Output
2009
MCP3909 MICROCHIP-MCP3909_12 Datasheet
806Kb / 44P
   Energy Metering IC with SPI Interface and Active Power Pulse Output
11/29/11
MCP3909 MICROCHIP-MCP3909 Datasheet
1Mb / 40P
   Energy Metering IC with SPI Interface and Active Power Pulse Output
2006
logo
Analog Devices
AD7755 AD-AD7755 Datasheet
250Kb / 16P
   Energy Metering IC with Pulse Output
REV. B
logo
Silan Microelectronics ...
SC3333 SILAN-SC3333 Datasheet
494Kb / 7P
   ENERGY METERING IC WITH PULSE OUTPUT
logo
Analog Devices
AD7755 AD-AD7755_15 Datasheet
275Kb / 16P
   Energy Metering IC with Pulse Output
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com