Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC2004 Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # TSC2004
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TSC2004 Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button TSC2004 Datasheet HTML 2Page - Burr-Brown (TI) TSC2004 Datasheet HTML 3Page - Burr-Brown (TI) TSC2004 Datasheet HTML 4Page - Burr-Brown (TI) TSC2004 Datasheet HTML 5Page - Burr-Brown (TI) TSC2004 Datasheet HTML 6Page - Burr-Brown (TI) TSC2004 Datasheet HTML 7Page - Burr-Brown (TI) TSC2004 Datasheet HTML 8Page - Burr-Brown (TI) TSC2004 Datasheet HTML 9Page - Burr-Brown (TI) TSC2004 Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
www.ti.com
TIMING INFORMATION
t
HD, STA
t
SU, DAT
t
HD, DAT
t
SU, STA
t
SU, STO
t
HD, STA
t
LOW
t
HIGH
t
R
t
F
t
BUF
SDA
START
CONDITION
START
CONDITION
STOP
CONDITION
REPEATED
START
CONDITION
SCL
TIMING REQUIREMENTS: I
2C Standard Mode (f
SCL = 100kHz)
(1)
TSC2004
SBAS408A – JUNE 2007 – REVISED AUGUST 2007
Figure 1. Detailed I/O Timing
All specifications typical at –40
°C to +85°C, SNSVDD = I/OVDD = +1.2V to +3.6V, unless otherwise noted.
2-WIRE STANDARD MODE PARAMETERS
TEST CONDITIONS
MIN
MAX
UNIT
SNSVDD
≥ 1.6V
10
μs
Reset low time(2)
tWL(RESET)
1.2V
≤ SNSVDD < 1.6V
13
μs
SCL clock frequency
fSCL
100
kHz
Bus free time between a STOP and START
tBUF
4.7
μs
condition
Hold time (repeated) START condition
tHD, STA
4.0
μs
Low period of SCL clock
tLOW
4.7
μs
High period of the SCL clock
tHIGH
4.0
μs
Setup time for a repeated START condition
tSU, STA
4.7
μs
Data hold time
tHD, DAT
0
3.45
μs
Data setup time
tSU, DAT
250
ns
Rise time for both SDA and SCL clock signals
tR
Cb = total bus capacitance
1000
ns
(receiving)
Fall time for both SDA and SCL clock signals
tF
Cb = total bus capacitance
300
ns
(receiving)
Fall time for both SDA and SCL clock signals
tOF
Cb = total bus capacitance
250
ns
(transmitting)
Setup time for STOP condition
tSU, STO
4.0
μs
Capacitive load for each bus line
Cb
Cb = total capacitance of one bus line in pF
400
pF
Pulse width of spike suppressed
tSP
N/A
N/A
ns
(1)
All input signals are specified with tR = tF = 5ns (10% to 90% of I/OVDD) and timed from a voltage level of (VIL + VIH)/2.
(2)
Refer to Figure 36.
6
Submit Documentation Feedback


Similar Part No. - TSC2004

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TSC2004 BURR-BROWN-TSC2004 Datasheet
1Mb / 58P
   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire
TSC2004I BURR-BROWN-TSC2004I Datasheet
1Mb / 58P
   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire
TSC2004IRTJR BURR-BROWN-TSC2004IRTJR Datasheet
1Mb / 58P
   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire
TSC2004IRTJRG4 BURR-BROWN-TSC2004IRTJRG4 Datasheet
1Mb / 58P
   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire
TSC2004IRTJT BURR-BROWN-TSC2004IRTJT Datasheet
1Mb / 58P
   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire
More results

Similar Description - TSC2004

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2014 TI1-TSC2014 Datasheet
435Kb / 7P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014_15 TI-TSC2014_15_15 Datasheet
631Kb / 7P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014 TI1-TSC2014_14 Datasheet
643Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2007 TI1-TSC2007_17 Datasheet
1Mb / 41P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
TSC2007-Q1 TI1-TSC2007-Q1 Datasheet
787Kb / 39P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2007 TI-TSC2007_1 Datasheet
816Kb / 41P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Burr-Brown (TI)
TSC2007 BURR-BROWN-TSC2007 Datasheet
713Kb / 38P
   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
logo
Texas Instruments
TSC2006 TI-TSC2006 Datasheet
1Mb / 46P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2006 TI1-TSC2006_14 Datasheet
1Mb / 50P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2008 TI-TSC2008 Datasheet
279Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com