Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC2004 Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # TSC2004
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TSC2004 Datasheet(HTML) 1 Page - Burr-Brown (TI)

  TSC2004 Datasheet HTML 1Page - Burr-Brown (TI) TSC2004 Datasheet HTML 2Page - Burr-Brown (TI) TSC2004 Datasheet HTML 3Page - Burr-Brown (TI) TSC2004 Datasheet HTML 4Page - Burr-Brown (TI) TSC2004 Datasheet HTML 5Page - Burr-Brown (TI) TSC2004 Datasheet HTML 6Page - Burr-Brown (TI) TSC2004 Datasheet HTML 7Page - Burr-Brown (TI) TSC2004 Datasheet HTML 8Page - Burr-Brown (TI) TSC2004 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
BurrBrown Products
from Texas Instruments
TSC2004
®
FEATURES
APPLICATIONS
DESCRIPTION
PINTDAV
I C
2
Serial
Interface
and
Control
SDA
AD0
RESET
VREF
X+
X
-
Y+
Y
-
AUX
TEMP
Mux
PENIRQ
DAV
SAR
ADC
Internal
Clock
Touch
Screen
Drivers
Interface
SCL
AD1
TSC2004
SBAS408A – JUNE 2007 – REVISED AUGUST 2007
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire
TOUCH SCREEN CONTROLLER with I2C™ Interface
• Cellular Phones
• 4-Wire Touch Screen Interface
• Portable Instruments
• Ratiometric Conversion
• MP3 Players, Pagers
• Single 1.2V to 3.6V Supply
• Multiscreen Touch Control
• Preprocessing to Reduce Bus Activity
• High-Speed I2C-Compatible Interface
• Internal Detection of Screen Touch
The TSC2004 is a very low-power touch screen
• Register-Based Programmable:
controller designed to work with power-sensitive,
10-Bit or 12-Bit Resolution
handheld
applications
that
are
based
on
an
advanced low-voltage processor. It works with a
Sampling Rates
supply voltage as low as 1.2V, which can be
System Timing
supplied by a single-cell battery. It contains a
• On-Chip Temperature Measurement
complete, ultra-low power, 12-bit, analog-to-digital
(A/D) resistive touch screen converter, including
• Touch Pressure Measurement
drivers and the control logic to measure touch
• Auto Power-Down Control
pressure.
• Low Power:
In addition to these standard features, the TSC2004
760
μW at 1.8V, 50SSPS
offers
preprocessing
of
the
touch
screen
580
μW at 1.6V, 50SSPS
measurements to reduce bus loading, thus reducing
the consumption of host processor resources that
285
μW at 1.2V, 50SSPS
can then be redirected to more critical functions.
74
μW at 1.6V, 8.2kSPS Eq. Rate
The TSC2004 supports an I2C serial bus and data
47
μW at 1.2V, 8.2kSPS Eq. Rate
transmission protocol in all three defined modes:
• Enhanced ESD Protection:
standard,
fast,
and
high-speed.
It
offers
±6kV HBM
programmable
resolution
of
10
or
12
bits
to
accommodate
different
screen
sizes
and
±1kV CDM
performance needs.
Target
±18kV Air Gap Discharge
The TSC2004 is available in a miniature, 18-lead,
Target
±12kV Contact Discharge
5 x 5 array, (2.554
±0.54)mm x (2.554 ±0.54)mm
• 2.5 x 2.5 WCSP-18 and 4 x 4 QFN-20 Packages
wafer chip-scale package (WCSP), and a 20-pin, 4 x
U.S. Patent NO. 6246394; other patents pending.
4 QFN package. Both packages are characterized
for the –40
°C to +85°C industrial temperature range.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
I2C is a trademark of NXP Semiconductors.
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TSC2004

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TSC2004 BURR-BROWN-TSC2004 Datasheet
1Mb / 58P
   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire
TSC2004I BURR-BROWN-TSC2004I Datasheet
1Mb / 58P
   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire
TSC2004IRTJR BURR-BROWN-TSC2004IRTJR Datasheet
1Mb / 58P
   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire
TSC2004IRTJRG4 BURR-BROWN-TSC2004IRTJRG4 Datasheet
1Mb / 58P
   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire
TSC2004IRTJT BURR-BROWN-TSC2004IRTJT Datasheet
1Mb / 58P
   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire
More results

Similar Description - TSC2004

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2014 TI1-TSC2014 Datasheet
435Kb / 7P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014_15 TI-TSC2014_15_15 Datasheet
631Kb / 7P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014 TI1-TSC2014_14 Datasheet
643Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2007 TI1-TSC2007_17 Datasheet
1Mb / 41P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
TSC2007-Q1 TI1-TSC2007-Q1 Datasheet
787Kb / 39P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2007 TI-TSC2007_1 Datasheet
816Kb / 41P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Burr-Brown (TI)
TSC2007 BURR-BROWN-TSC2007 Datasheet
713Kb / 38P
   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
logo
Texas Instruments
TSC2006 TI-TSC2006 Datasheet
1Mb / 46P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2006 TI1-TSC2006_14 Datasheet
1Mb / 50P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2008 TI-TSC2008 Datasheet
279Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com